Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDK8307_1A Datasheet(PDF) 10 Page - Cadeka Microcircuits LLC.

No. de pieza CDK8307_1A
Descripción Electrónicos  12/13-bit, 20/40/50/65/80MSPS, Eight Channel, Ultra Low Power ADC with LVDS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CADEKA [Cadeka Microcircuits LLC.]
Página de inicio  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK8307_1A Datasheet(HTML) 10 Page - Cadeka Microcircuits LLC.

Back Button CDK8307_1A Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK8307_1A Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK8307_1A Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK8307_1A Datasheet HTML 9Page - Cadeka Microcircuits LLC. CDK8307_1A Datasheet HTML 10Page - Cadeka Microcircuits LLC. CDK8307_1A Datasheet HTML 11Page - Cadeka Microcircuits LLC. CDK8307_1A Datasheet HTML 12Page - Cadeka Microcircuits LLC. CDK8307_1A Datasheet HTML 13Page - Cadeka Microcircuits LLC. CDK8307_1A Datasheet HTML 14Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
©2009 CADEKA Microcircuits LLC
www.cadeka.com
10
Data Sheet
Electrical Characteristics
(AVDD = 1.8V, DVDD = 1.8V, OVDD = 1.8V, 50MSPS clock, 50% clock duty cycle, -1dBFS 8MHz input signal, 14-bit output, unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DC Accuracy
No Missing Codes
Guaranteed
Offset Error
Offset error after digital offset cancellation
1
LSB
Gain Error
±6
%FS
Gain Matching
Gain matching between channels. ±3sigma
value at worst case conditions.
±0.5
%FS
DNL
Differential Non-Linearity
12-bit level
±0.2
LSB
INL
Integral Non-Linearity
12-bit level
±0.6
LSB
VCMO
Common Mode Voltage Output
VAVDD/2
V
Analog Input
VCMI
Input Common Mode
Analog input common mode voltage
VCM -0.1
VCM +0.2
V
VFSR
Full Scale Range
Differential input voltage range
2.0
Vpp
Input Capacitance
Differential input capacitance
2
pF
Bandwidth
Input bandwidth
500
MHz
Power Supply
AVDD
Analog Supply Voltage
1.7
1.8
2.0
V
DVDD
Digital Supply Voltage (up to 65MSPS)
Digital and output driver supply voltage
1.7
1.8
2.0
V
Digital Supply Voltage (above 65MSPS)
Digital and output driver supply voltage
1.8
1.9
2.0
V
OVDD
Digital CMOS Input Supply Voltage
1.7
1.8
3.6
V
Electrical Characteristics - CDK8307A
(AVDD = 1.8V, DVDD = 1.8V, OVDD = 1.8V, 20MSPS clock, 50% clock duty cycle, -1dBFS 8MHz input signal, 14-bit output, unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Performance
SNR
Signal to Noise Ratio
FIN = 8MHz
70
72.2
dBFS
FIN = 30MHz
71.5
dBFS
SINAD
Signal to Noise and Distortion Ratio
FIN = 8MHz
69
71.5
dBFS
FIN = 30MHz
70.7
dBFS
SFDR
Spurious Free Dynamic Range
FIN = 8MHz
75
82
dBc
FIN = 30MHz
77
dBc
HD2
Second order Harmonic Distortion
FIN = 8MHz
85
95
dBc
FIN = 30MHz
95
dBc
HD3
Third order Harmonic Distortion
FIN = 8MHz
75
82
dBc
FIN = 30MHz
77
dBc
ENOB
Effective number of Bits
FIN = 8MHz
11.6
bits
FIN = 30MHz
11.5
bits
Crosstalk
See note (1) on page 13
95
dBc
Power Supply
Analog supply current
47
mA
Digital supply current
Digital and output driver supply
54
mA
Analog power Dissipation
84
mW
Digital power Dissipation
97
mW
Total power Dissipation
180
mW
Power Down Dissipation
Power down mode
10
µW
Sleep Mode Dissipation
Deep sleep mode
30
mW


Número de pieza similar - CDK8307_1A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cadeka Microcircuits LL...
CDK8307AILP64 CADEKA-CDK8307AILP64 Datasheet
1Mb / 29P
   12/13-bit, 20/40/50/65MSPS, Eight Channel, Ultra Low Power ADC with LVDS
logo
Exar Corporation
CDK8307AILP64 EXAR-CDK8307AILP64 Datasheet
1Mb / 31P
   12/13-bit, 20/40/50/65/80MSPS, Eight Channel, Ultra Low Power ADC with LVDS
logo
Cadeka Microcircuits LL...
CDK8307AILP64B2 CADEKA-CDK8307AILP64B2 Datasheet
1Mb / 29P
   12/13-bit, 20/40/50/65MSPS, Eight Channel, Ultra Low Power ADC with LVDS
CDK8307AITQ80 CADEKA-CDK8307AITQ80 Datasheet
1Mb / 29P
   12/13-bit, 20/40/50/65MSPS, Eight Channel, Ultra Low Power ADC with LVDS
logo
Exar Corporation
CDK8307AITQ80 EXAR-CDK8307AITQ80 Datasheet
1Mb / 31P
   12/13-bit, 20/40/50/65/80MSPS, Eight Channel, Ultra Low Power ADC with LVDS
More results

Descripción similar - CDK8307_1A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Exar Corporation
CDK8307 EXAR-CDK8307 Datasheet
1Mb / 31P
   12/13-bit, 20/40/50/65/80MSPS, Eight Channel, Ultra Low Power ADC with LVDS
logo
Cadeka Microcircuits LL...
CDK8307 CADEKA-CDK8307 Datasheet
1Mb / 29P
   12/13-bit, 20/40/50/65MSPS, Eight Channel, Ultra Low Power ADC with LVDS
logo
Exar Corporation
CDK1307 EXAR-CDK1307 Datasheet
957Kb / 15P
   Ultra Low Power, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters (ADCs)
logo
Cadeka Microcircuits LL...
CDK1307 CADEKA-CDK1307 Datasheet
1Mb / 15P
   Ultra Low Power, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters (ADCs)
logo
Exar Corporation
CDK2307 EXAR-CDK2307 Datasheet
908Kb / 16P
   Dual, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters
logo
Cadeka Microcircuits LL...
CDK2307_2B CADEKA-CDK2307_2B Datasheet
1Mb / 16P
   Dual, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters
CDK2307 CADEKA-CDK2307 Datasheet
1Mb / 16P
   Dual, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters
logo
Linear Technology
LTC2229 LINER-LTC2229 Datasheet
552Kb / 24P
   12-Bit, 80Msps Low Power 3V ADC
logo
Cadeka Microcircuits LL...
CDK1308 CADEKA-CDK1308 Datasheet
1Mb / 14P
   Ultra Low Power, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters (ADCs)
CDK1308 CADEKA-CDK1308_09 Datasheet
1Mb / 14P
   Ultra Low Power, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters (ADCs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com