Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST1L02XX18 Datasheet(PDF) 7 Page - STMicroelectronics

No. de pieza ST1L02XX18
Descripción Electrónicos  Very low quiescent BiCMOS voltage regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1L02XX18 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST1L02XX18 Datasheet HTML 3Page - STMicroelectronics ST1L02XX18 Datasheet HTML 4Page - STMicroelectronics ST1L02XX18 Datasheet HTML 5Page - STMicroelectronics ST1L02XX18 Datasheet HTML 6Page - STMicroelectronics ST1L02XX18 Datasheet HTML 7Page - STMicroelectronics ST1L02XX18 Datasheet HTML 8Page - STMicroelectronics ST1L02XX18 Datasheet HTML 9Page - STMicroelectronics ST1L02XX18 Datasheet HTML 10Page - STMicroelectronics ST1L02XX18 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
ST1L02xx
Electrical characteristics
7/19
Table 6.
Electrical characteristics for ST1L02XX25
(refer to the typical application schematic, VI = 4.5 V to 7 V, IO = 5 mA to 1 A, CI = 4.7 µF,
CO = 4.7 µF, TJ = 0 to 125 °C, unless otherwise specified). Typical values are intended at
TJ = 25 °C unless otherwise specified.
Symbol
Parameter
Test
Min.
Typ.
Max.
Unit
VO
Output voltage
VI = 4.75 V to 5.25 V, T = 25°C
2.45
2.5
2.55
V
VO
Output voltage
VI = 4.75 V to 5.25 V
2.4375
2.5
2.5625
V
ΔVO
Line regulation
VI = 4.75 V to 5.25 V
15
mV
ΔVO
Load regulation
VI = 4.75 V, IO = 10 mA to 1 A
10
mV
IS
Output current limit
VI = 5.5 V
1.0
A
IOMIN
Minimum output current for
regulation
2mA
Vd
Dropout voltage (1)
IO = 0.8 A
0.6
1.0
V
IO = 1 A
0.7
1.1
V
IQ
Quiescent current
VI = 5 V, IO = 2 mA to 1 A, T= 25°C
500
µA
IQ
Quiescent current
VI = 7 V, IO = 2 mA to 1 A
650
µA
SVR
Supply voltage rejection (2)
VI = 5 ± 0.5 V, IO = 5 mA, f = 120 Hz
50
75
dB
eN
RMS Output noise (2)
B = 10 Hz to 10 kHz, VI = 5V,
IO = 5 mA
0.003
%VO
ΔVO/ΔIO Load transient (rising) (3)
VI =5 V, any 200 mA step from
100mA to 1A, tR ≥ 1 µs
5%VO
ΔVO/ΔIO Load transient (falling) (3)
VI = 5 V, IO = 1 A to 10 mA, tF ≥ 1 µs
3.6
V
ΔVO/ΔVI Start-up transient (3)
VI =0 V to 5 V, IO = 10 mA to 1 A,
tR ≥ 1 µs
3.5
V
ΔVO/ΔIO
Short circuit removal response
(3)
VI = 5 V, IO = short to 10 mA
3.5
V
TSH
Thermal shutdown trip point (2) VI = 5 V
165
°C
1.
See minimum start-up voltage, VI = 3.2 V.
2.
Guaranteed by design. Not tested in production
3.
CI = 10 µF, CO = 10 µF, all X7R ceramic capacitors.


Número de pieza similar - ST1L02XX18

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST1L04 STMICROELECTRONICS-ST1L04 Datasheet
558Kb / 11P
   LOW QUIESCENT CURRENT VOLTAGE REGULATOR
ST1L04PT STMICROELECTRONICS-ST1L04PT Datasheet
558Kb / 11P
   LOW QUIESCENT CURRENT VOLTAGE REGULATOR
ST1L05 STMICROELECTRONICS-ST1L05 Datasheet
1Mb / 30P
   Very low quiescent current BiCMOS voltage regulator
ST1L05APU33R STMICROELECTRONICS-ST1L05APU33R Datasheet
1Mb / 30P
   Very low quiescent current BiCMOS voltage regulator
ST1L05BPUR STMICROELECTRONICS-ST1L05BPUR Datasheet
1Mb / 30P
   Very low quiescent current BiCMOS voltage regulator
More results

Descripción similar - ST1L02XX18

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST1L05APU33R STMICROELECTRONICS-ST1L05APU33R Datasheet
1Mb / 30P
   Very low quiescent current BiCMOS voltage regulator
ST2L05 STMICROELECTRONICS-ST2L05 Datasheet
508Kb / 23P
   VERY LOW QUIESCENT CURRENT DUAL VOLTAGE REGULATOR
December 2004 Rev. 6
logo
NXP Semiconductors
TDA3661 PHILIPS-TDA3661 Datasheet
88Kb / 16P
   Very low dropout voltage/quiescent current adjustable voltage regulator
Rev. 05-28 June 2005
TDA3662 PHILIPS-TDA3662 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 3.0 V voltage regulator
2000 Apr 26
TDA3664 PHILIPS-TDA3664 Datasheet
88Kb / 16P
   Very low dropout voltage/quiescent current 5 V voltage regulator
1999 Sep 01
TDA3665 PHILIPS-TDA3665 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 8.5 V voltage regulator
2000 Apr 25
TDA3666 PHILIPS-TDA3666 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 10 V voltage regulator
2000 Apr 26
TDA3664 NXP-TDA3664 Datasheet
98Kb / 16P
   Very low dropout voltage/quiescent current 5 V voltage regulator
Rev. 07-25 June 2007
TDA3663 NXP-TDA3663 Datasheet
91Kb / 15P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 06-26 June 2007
TDA3663 PHILIPS-TDA3663 Datasheet
89Kb / 17P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 05-13 June 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com