Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS87C58X2-VCA Datasheet(PDF) 8 Page - ATMEL Corporation

No. de pieza TS87C58X2-VCA
Descripción Electrónicos  8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS87C58X2-VCA Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button TS87C58X2-VCA Datasheet HTML 4Page - ATMEL Corporation TS87C58X2-VCA Datasheet HTML 5Page - ATMEL Corporation TS87C58X2-VCA Datasheet HTML 6Page - ATMEL Corporation TS87C58X2-VCA Datasheet HTML 7Page - ATMEL Corporation TS87C58X2-VCA Datasheet HTML 8Page - ATMEL Corporation TS87C58X2-VCA Datasheet HTML 9Page - ATMEL Corporation TS87C58X2-VCA Datasheet HTML 10Page - ATMEL Corporation TS87C58X2-VCA Datasheet HTML 11Page - ATMEL Corporation TS87C58X2-VCA Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 62 page
background image
8
4431E–8051–04/06
AT/TS8xC54/8X2
6.
TS80C54/58X2 Enhanced Features
In comparison to the original 80C52, the TS80C54/58X2 implements some new features, which
are:
• The X2 option.
• The Dual Data Pointer.
• The Watchdog.
• The 4 level interrupt priority system.
• The power-off flag.
• The ONCE mode.
• The ALE disabling.
• Some enhanced features are also located in the UART and the timer 2.
6.1
X2 Feature
The TS80C54/58X2 core needs only 6 clock periods per machine cycle. This feature called ”X2”
provides the following advantages:
• Divide frequency crystals by 2 (cheaper crystals) while keeping same CPU power.
• Save power consumption while keeping same CPU power (oscillator power saving).
• Save power consumption by dividing dynamically operating frequency by 2 in operating and
idle modes.
• Increase CPU power by 2 while keeping same crystal frequency.
In order to keep the original C51 compatibility, a divider by 2 is inserted between the XTAL1 sig-
nal and the main clock input of the core (phase generator). This divider may be disabled by
software.
6.1.1
Description
The clock for the whole circuit and peripheral is first divided by two before being used by the
CPU core and peripherals. This allows any cyclic ratio to be accepted on XTAL1 input. In X2
mode, as this divider is bypassed, the signals on XTAL1 must have a cyclic ratio between 40 to
60%. Figure 6-2. shows the clock generation block diagram. X2 bit is validated on XTAL1
÷2 ris-
ing edge to avoid glitches when switching from X2 to STD mode. Figure 6-2. shows the mode
switching waveforms.
Figure 6-1.
Clock Generation Diagram
XTAL1
2
CKCON reg
X2
state machine: 6 clock cycles.
CPU control
FOSC
FXTAL
0
1
XTAL1:2


Número de pieza similar - TS87C58X2-VCA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
TS87C58X2 ATMEL-TS87C58X2 Datasheet
1Mb / 58P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
logo
TEMIC Semiconductors
TS87C58X2 TEMIC-TS87C58X2 Datasheet
288Kb / 58P
   8-bit CMOS Microcontroller 0-60 MHz
logo
ATMEL Corporation
TS87C58X2 ATMEL-TS87C58X2_14 Datasheet
527Kb / 62P
   Programmable Clock Out and Up/Down Timer/Counter 2
More results

Descripción similar - TS87C58X2-VCA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
TS80C54X2 ATMEL-TS80C54X2 Datasheet
1Mb / 58P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
TS80C32X2 ATMEL-TS80C32X2_08 Datasheet
603Kb / 55P
   8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
T89C51RC2 ATMEL-T89C51RC2 Datasheet
251Kb / 9P
   8-bit Microcontroller with 16 Kbytes/ 32 Kbytes FLASH
logo
SHENZHEN FUMAN ELECTRON...
TC78P153 FUMAN-TC78P153 Datasheet
1Mb / 29P
   8-bit OTP ROM microcontroller
TC8P53 FUMAN-TC8P53 Datasheet
1Mb / 29P
   8-bit OTP ROM microcontroller
logo
ELAN Microelectronics C...
EM78P157N EMC-EM78P157N Datasheet
495Kb / 56P
   8-Bit Microcontroller with OTP ROM
EM78P154N EMC-EM78P154N Datasheet
487Kb / 46P
   8-Bit Microcontroller with OTP ROM
EM78P211 EMC-EM78P211 Datasheet
63Kb / 4P
   8-Bit Microcontroller with OTP ROM
logo
List of Unclassifed Man...
EM78P152S ETC1-EM78P152S Datasheet
661Kb / 52P
   8-Bit Microcontroller with OTP ROM
logo
ELAN Microelectronics C...
EM78P153K EMC-EM78P153K Datasheet
903Kb / 68P
   8-Bit Microcontroller with OTP ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com