Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TS87C58X2-MIA Datasheet(PDF) 11 Page - ATMEL Corporation |
|
TS87C58X2-MIA Datasheet(HTML) 11 Page - ATMEL Corporation |
11 / 62 page 11 4431E–8051–04/06 AT/TS8xC54/8X2 7. Dual Data Pointer Register Ddptr The additional data pointer can be used to speed up code execution and reduce code size in a number of ways. The dual DPTR structure is a way by which the chip will specify the address of an external data memory location. There are two 16-bit DPTR registers that address the external memory, and a single bit called DPS = AUXR1/bit0 (See Table 7-1.) that allows the program code to switch between them (Refer to Figure 7-1). Figure 7-1. Use of Dual Pointer External Data Memory AUXR1(A2H) DPS DPH(83H) DPL(82H) 0 7 DPTR0 DPTR1 |
Número de pieza similar - TS87C58X2-MIA |
|
Descripción similar - TS87C58X2-MIA |