Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STD11NM60N Datasheet(PDF) 3 Page - STMicroelectronics |
|
STD11NM60N Datasheet(HTML) 3 Page - STMicroelectronics |
3 / 20 page STx11NM60N Electrical ratings 3/20 1 Electrical ratings Table 2. Absolute maximum ratings Symbol Parameter Value Unit TO-220,I²PAK, D²PAK,DPAK,IPAK TO-220FP VDS Drain-source voltage (VGS = 0) 600 V VGS Gate-source voltage ± 25 V ID Drain current (continuous) at TC = 25 °C 10 10(1) 1. Limited only by maximum temperature allowed A ID Drain current (continuous) at TC = 100 °C 6.3 6.3 (1) A IDM (2) 2. Pulse width limited by safe operating area Drain current (pulsed) 40 40(1) A PTOT Total dissipation at TC = 25 °C 90 25 W Derating factor 0.8 0.2 W/°C dv/dt (3) 3. ISD ≤ 10 A, di/dt ≤ 400 A/µs, VDD = 80% V(BR)DSS Peak diode recovery voltage slope 15 V/ns VISO Insulation withstand voltage (RMS) from all three leads to external heat sink (t = 1 s;TC = 25 °C) 2500 V Tstg Storage temperature -55 to 150 °C TJ Max. operating junction temperature 150 °C Table 3. Thermal data Symbol Parameter Value Unit TO-220 I²PAK DPAK D²PAK IPAK TO-220FP Rthj-case Thermal resistance junction-case max 1.38 5 °C/W Rthj-amb Thermal resistance junction-amb max 62.5 100 62.5 °C/W Rthj-pcb Thermal resistance junction-pcb max 50 30 °C/W Tl Maximum lead temperature for soldering purposes 300 °C Table 4. Avalanche characteristics Symbol Parameter Max value Unit IAS Avalanche current, repetitive or not-repetitive (pulse width limited by TJ max) 3.5 A EAS Single pulse avalanche energy (starting TJ = 25 °C, ID = IAS, VDD = 50 V) 200 mJ |
Número de pieza similar - STD11NM60N |
|
Descripción similar - STD11NM60N |