Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BC847CDXV6T1 Datasheet(PDF) 2 Page - ON Semiconductor |
|
BC847CDXV6T1 Datasheet(HTML) 2 Page - ON Semiconductor |
2 / 5 page BC847CDXV6T1, BC847CDXV6T5 BC848CDXV6T1, BC848CDXV6T5 http://onsemi.com 2 ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) Characteristic Symbol Min Typ Max Unit OFF CHARACTERISTICS Collector−Emitter Breakdown Voltage (IC = 10 mA) BC847CDXV6T1 BC848CDXV6T1 V(BR)CEO 45 30 − − − − V Collector−Emitter Breakdown Voltage (IC = 10 mA, VEB = 0) BC847CDXV6T1 BC848CDXV6T1 V(BR)CES 50 30 − − − − V Collector−Base Breakdown Voltage (IC = 10 mA) BC847CDXV6T1 BC848CDXV6T1 V(BR)CBO 50 30 − − − − V Emitter−Base Breakdown Voltage (IE = 1.0 mA) BC847CDXV6T1 BC848CDXV6T1 V(BR)EBO 6.0 5.0 − − − − V Collector Cutoff Current (VCB = 30 V) (VCB = 30 V, TA = 150°C) ICBO − − − − 15 5.0 nA mA ON CHARACTERISTICS DC Current Gain (IC = 10 mA, VCE = 5.0 V) (IC = 2.0 mA, VCE = 5.0 V) hFE − 420 270 520 − 800 − Collector−Emitter Saturation Voltage (IC = 10 mA, IB = 0.5 mA) Collector−Emitter Saturation Voltage (IC = 100 mA, IB = 5.0 mA) VCE(sat) − − − − 0.25 0.6 V Base −Emitter Saturation Voltage (IC = 10 mA, IB = 0.5 mA) Base −Emitter Saturation Voltage (IC = 100 mA, IB = 5.0 mA) VBE(sat) − − 0.7 0.9 − − V Base −Emitter Voltage (IC = 2.0 mA, VCE = 5.0 V) Base −Emitter Voltage (IC = 10 mA, VCE = 5.0 V) VBE(on) 580 − 660 − 700 770 mV SMALL−SIGNAL CHARACTERISTICS Current−Gain − Bandwidth Product (IC = 10 mA, VCE = 5.0 Vdc, f = 100 MHz) fT 100 − − MHz Output Capacitance (VCB = 10 V, f = 1.0 MHz) Cobo − − 4.5 pF Noise Figure (IC = 0.2 mA, VCE = 5.0 Vdc, RS = 2.0 kW,f = 1.0 kHz, BW = 200 Hz) NF − − 10 dB ORDERING INFORMATION Device Specific Marking Package Shipping† BC847CDXV6T1 1G SOT−563 4000 Units / Tape & Reel BC847CDXV6T1G SOT−563 (Pb−Free) 4000 Units / Tape & Reel BC847CDXV6T5 SOT−563 8000 Units / Tape & Reel BC847CDXV6T5G SOT−563 (Pb−Free) 8000 Units / Tape & Reel BC848CDXV6T1 1L SOT−563 4000 Units / Tape & Reel BC848CDXV6T1G SOT−563 (Pb−Free) 4000 Units / Tape & Reel BC848CDXV6T5 SOT−563 8000 Units / Tape & Reel BC848CDXV6T5G SOT−563 (Pb−Free) 8000 Units / Tape & Reel †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. |
Número de pieza similar - BC847CDXV6T1_10 |
|
Descripción similar - BC847CDXV6T1_10 |