Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BCW72LT1G Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza BCW72LT1G
Descripción Electrónicos  General Purpose Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BCW72LT1G Datasheet(HTML) 1 Page - ON Semiconductor

  BCW72LT1G Datasheet HTML 1Page - ON Semiconductor BCW72LT1G Datasheet HTML 2Page - ON Semiconductor BCW72LT1G Datasheet HTML 3Page - ON Semiconductor BCW72LT1G Datasheet HTML 4Page - ON Semiconductor BCW72LT1G Datasheet HTML 5Page - ON Semiconductor BCW72LT1G Datasheet HTML 6Page - ON Semiconductor BCW72LT1G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2009
August, 2009 − Rev. 3
1
Publication Order Number:
BCW72LT1/D
BCW72LT1G
General Purpose Transistor
NPN Silicon
Features
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
VCEO
45
Vdc
Collector−Base Voltage
VCBO
50
Vdc
Emitter−Base Voltage
VEBO
5.0
Vdc
Collector Current − Continuous
IC
100
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR−5 Board,
(Note 1) TA = 25°C
Derate above 25°C
PD
225
1.8
mW
mW/°C
Thermal Resistance, Junction−to−Ambient
RqJA
556
°C/W
Total Device Dissipation
Alumina Substrate, (Note 2) TA = 25°C
Derate above 25°C
PD
300
2.4
mW
mW/°C
Thermal Resistance, Junction−to−Ambient
RqJA
417
°C/W
Junction and Storage Temperature
TJ, Tstg −55 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. FR−5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
http://onsemi.com
SOT−23 (TO−236)
CASE 318
STYLE 6
Device
Package
Shipping
ORDERING INFORMATION
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
BCW72LT1G
SOT−23
(Pb−Free)
3,000 / Tape & Reel
1
2
3
*Date Code orientation and/or overbar may
vary depending upon manufacturing location.
1
K2 M G
G
K2 = Device Code
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
MARKING DIAGRAM
COLLECTOR
3
1
BASE
2
EMITTER


Número de pieza similar - BCW72LT1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
BCW72LT1G ONSEMI-BCW72LT1G Datasheet
246Kb / 7P
   General Purpose Transistor
November, 2016 ??Rev. 5
BCW72LT1G ONSEMI-BCW72LT1G_16 Datasheet
246Kb / 7P
   General Purpose Transistor
November, 2016 ??Rev. 5
More results

Descripción similar - BCW72LT1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FJX3904 FAIRCHILD-FJX3904 Datasheet
41Kb / 4P
   General Purpose Transistor
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
   General purpose transistor
logo
Unisonic Technologies
2SA1774 UTC-2SA1774 Datasheet
105Kb / 3P
   GENERAL PURPOSE TRANSISTOR
2SC4617 UTC-2SC4617 Datasheet
107Kb / 4P
   GENERAL PURPOSE TRANSISTOR
BCX70 UTC-BCX70 Datasheet
114Kb / 2P
   GENERAL PURPOSE TRANSISTOR
logo
STMicroelectronics
BC141-16 STMICROELECTRONICS-BC141-16 Datasheet
423Kb / 5P
   GENERAL PURPOSE TRANSISTOR
logo
Fairchild Semiconductor
KSP2222 FAIRCHILD-KSP2222 Datasheet
37Kb / 4P
   General Purpose Transistor
BCX70H FAIRCHILD-BCX70H_02 Datasheet
77Kb / 3P
   General Purpose Transistor
logo
Motorola, Inc
BCW65ALT1 MOTOROLA-BCW65ALT1 Datasheet
84Kb / 4P
   General Purpose Transistor
BCW68GLT1 MOTOROLA-BCW68GLT1 Datasheet
82Kb / 4P
   General Purpose Transistor
MPS3906 MOTOROLA-MPS3906 Datasheet
433Kb / 8P
   General Purpose Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com