Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BAS40-05 Datasheet(PDF) 3 Page - Infineon Technologies AG |
|
BAS40-05 Datasheet(HTML) 3 Page - Infineon Technologies AG |
3 / 15 page 2007-04-19 3 BAS40.../BAS140W Electrical Characteristics at TA = 25°C, unless otherwise specified Parameter Symbol Values Unit min. typ. max. DC Characteristics Breakdown voltage I(BR) = 10 µA V(BR) 40 - - V Reverse current VR = 30 V IR - - 1 µA Forward voltage IF = 1 mA IF = 10 mA IF = 40 mA VF 250 350 600 310 450 720 380 500 1000 mV Forward voltage matching1) IF = 10 mA ∆ V F - - 20 AC Characteristics Diode capacitance VR = 0 , f = 1 MHz CT - 3 5 pF Differential forward resistance IF = 10 mA, f = 10 kHz RF - 10 - Ω Charge carrier life time IF = 25 mA τ rr - - 100 ps 1 ∆V F is the difference between lowest and highestVF in a multiple diode component. |
Número de pieza similar - BAS40-05 |
|
Descripción similar - BAS40-05 |