Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAS3010B-03W Datasheet(PDF) 5 Page - Infineon Technologies AG

No. de pieza BAS3010B-03W
Descripción Electrónicos  Medium Power AF Schottky Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAS3010B-03W Datasheet(HTML) 5 Page - Infineon Technologies AG

  BAS3010B-03W Datasheet HTML 1Page - Infineon Technologies AG BAS3010B-03W Datasheet HTML 2Page - Infineon Technologies AG BAS3010B-03W Datasheet HTML 3Page - Infineon Technologies AG BAS3010B-03W Datasheet HTML 4Page - Infineon Technologies AG BAS3010B-03W Datasheet HTML 5Page - Infineon Technologies AG BAS3010B-03W Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2007-04-19
5
BAS3010B...
Package SOD323
Package Outline
Foot Print
Marking Layout (Example)
Standard Packing
Reel ø180 mm = 3.000 Pieces/Reel
Reel ø330 mm = 10.000 Pieces/Reel
BAR63-03W
Type code
Cathode marking
Laser marking
0.6
marking
Cathode
0.25
0.3
1
-0.05
M
A
+0.1
+0.2
2
1.25-0.1
+0.05
-0.2
0.3
0.15-0.06
+0.1
0 ±0.05
A
0.9
+0.2
-0.1
0.2
4
1
1.35
0.65
Cathode
marking


Número de pieza similar - BAS3010B-03W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BAS3010B-03W INFINEON-BAS3010B-03W Datasheet
2Mb / 20P
   Single-channel isolated gate driver IC with adjustable DESAT and soft-off
v1.0 2020-05-27
More results

Descripción similar - BAS3010B-03W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BAS3010A INFINEON-BAS3010A Datasheet
122Kb / 6P
   Medium Power AF Schottky Diode
2007-04-10
BAT165 INFINEON-BAT165_07 Datasheet
69Kb / 6P
   Medium Power AF Schottky Diode
2007-04-19
BAS3010A-03W INFINEON-BAS3010A-03W Datasheet
122Kb / 6P
   Medium Power AF Schottky Diode
2007-04-10
BAS3005B-02LRH INFINEON-BAS3005B-02LRH Datasheet
856Kb / 8P
   Medium Power AF Schottky Diode
2012-07-02
BAS3005B INFINEON-BAS3005B Datasheet
67Kb / 7P
   Medium Power AF Schottky Diode
2007-04-19
logo
Micro Electronics
2N5810 MICRO-ELECTRONICS-2N5810 Datasheet
162Kb / 2P
   COMPLEMENTARY SILICON AF MEDIUM POWER TRANSISTOR
BC327 MICRO-ELECTRONICS-BC327 Datasheet
130Kb / 2P
   PNP SILICON AF MEDIUM POWER TRANSISTOR
BC527 MICRO-ELECTRONICS-BC527 Datasheet
129Kb / 2P
   PNP SILICON AF MEDIUM POWER TRANSISTORS
BC737 MICRO-ELECTRONICS-BC737 Datasheet
141Kb / 2P
   NPN SILICON AF MEDIUM POWER TRANSISTORS
2N5820 MICRO-ELECTRONICS-2N5820 Datasheet
138Kb / 2P
   COMPLEMENTARY SILICON AF MEDIUM POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com