Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BAT17 Datasheet(PDF) 2 Page - Infineon Technologies AG |
|
BAT17 Datasheet(HTML) 2 Page - Infineon Technologies AG |
2 / 9 page 2007-04-19 2 BAT17... Maximum Ratings at TA = 25°C, unless otherwise specified Parameter Symbol Value Unit Diode reverse voltage VR 4 V Forward current IF 130 mA Total power dissipation BAT17, TS ≤ 77°C BAT17-04, TS ≤ 61°C BAT17-05,TS ≤ 46°C BAT17-04W, -05W, -6W, TS ≤ 92 °C BAT17-07, TS ≤ 60 °C Ptot 150 150 150 150 150 mW Junction temperature Tj 150 °C Operating temperature range Top -55 ... 125 Storage temperature Tstg -55 ... 150 Thermal Resistance Parameter Symbol Value Unit Junction - soldering point1) BAT17 BAT17-04, BAT17-07 BAT17-05 BAT17-04W, BAT17-05W, BAT17-06W RthJS ≤ 490 ≤ 590 ≤ 690 ≤ 390 K/W 1For calculation of RthJA please refer to Application Note Thermal Resistance |
Número de pieza similar - BAT17_07 |
|
Descripción similar - BAT17_07 |