Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN4800IN_G Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza FAN4800IN_G
Descripción Electrónicos  Low Startup Current PFC/PWM Controller Combinations
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4800IN_G Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FAN4800IN_G Datasheet HTML 1Page - Fairchild Semiconductor FAN4800IN_G Datasheet HTML 2Page - Fairchild Semiconductor FAN4800IN_G Datasheet HTML 3Page - Fairchild Semiconductor FAN4800IN_G Datasheet HTML 4Page - Fairchild Semiconductor FAN4800IN_G Datasheet HTML 5Page - Fairchild Semiconductor FAN4800IN_G Datasheet HTML 6Page - Fairchild Semiconductor FAN4800IN_G Datasheet HTML 7Page - Fairchild Semiconductor FAN4800IN_G Datasheet HTML 8Page - Fairchild Semiconductor FAN4800IN_G Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN4800 Rev. 1.0.6
2
Block Diagram
Figure 1. Internal Block Diagram
RAMP2
V
FB
V
REF
RAMP1
20
μA
OSCILLATOR
2.25V
4
3
15
DUTY CYCLE
LIMIT
2
POWER FACTOR CORRECTOR
8
GAIN
MODULATOR
V
FB
7.5V
REFERENCE
7
S
R
Q
S
R
Q
I
EAO
V
EAO
PFC OUT
S
R
Q
UVLO
SS
DC I
LIMIT
PWM OUT
V
CC
PULSE WIDTH MODULATOR
V
CC
0.9V
2.78V
-1V
GND
6
5
9
10
11
12
14
0.3V
Low Power
Detector
V
CC
TRI-FAULT
V
CC OVP
350
PWM CMP
SS CMP
S
R
Q
PFC OVP
PFC CMP
PWM DUTY
350
CLK
PFC
OUT
PWM
OUT
13
1
16
3.5k
3.5k
2.5V
I
AC
I
SENSE
V
RMS
V
DC
0.5V
17.9V
V
IN OK
1.0V
DC I
LIMIT
PFC I
LIMIT
V
CC
V
REF
FAN4800 Rev.02


Número de pieza similar - FAN4800IN_G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN4800IN FAIRCHILD-FAN4800IN Datasheet
315Kb / 20P
   Low Start-Up Current PFC/PWM Controller Combos
FAN4800IN FAIRCHILD-FAN4800IN Datasheet
315Kb / 20P
   Low Start-Up Current PFC/PWM Controller Combos
More results

Descripción similar - FAN4800IN_G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
CM6800 ETC-CM6800 Datasheet
337Kb / 19P
   LOW START UP CURRENT PFC/PWM CONTROLLER COMBO
logo
Fairchild Semiconductor
FAN4800 FAIRCHILD-FAN4800_06 Datasheet
315Kb / 20P
   Low Start-Up Current PFC/PWM Controller Combos
logo
Champion Microelectroni...
CM6800A CHAMP-CM6800A Datasheet
518Kb / 18P
   LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
CM6800A CHAMP-CM6800A_09 Datasheet
295Kb / 18P
   LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
logo
List of Unclassifed Man...
CM6824 ETC1-CM6824 Datasheet
342Kb / 18P
   LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
logo
Fairchild Semiconductor
FAN4800 FAIRCHILD-FAN4800 Datasheet
315Kb / 20P
   Low Start-Up Current PFC/PWM Controller Combos
logo
Champion Microelectroni...
CM6800 CHAMP-CM6800 Datasheet
294Kb / 18P
   LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
logo
ON Semiconductor
NCP1603 ONSEMI-NCP1603 Datasheet
270Kb / 30P
   PFC/PWM Combo Controller with Integrated High Voltage Startup and Standby Capability
April, 2006 ??Rev. 8
logo
Fairchild Semiconductor
FAN4800AU FAIRCHILD-FAN4800AU Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
AN-8027 FAIRCHILD-AN-8027 Datasheet
620Kb / 17P
   PFCPWM Combination Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com