Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS51211DSCT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS51211DSCT
Descripción Electrónicos  HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51211DSCT Datasheet(HTML) 5 Page - Texas Instruments

  TPS51211DSCT Datasheet HTML 1Page - Texas Instruments TPS51211DSCT Datasheet HTML 2Page - Texas Instruments TPS51211DSCT Datasheet HTML 3Page - Texas Instruments TPS51211DSCT Datasheet HTML 4Page - Texas Instruments TPS51211DSCT Datasheet HTML 5Page - Texas Instruments TPS51211DSCT Datasheet HTML 6Page - Texas Instruments TPS51211DSCT Datasheet HTML 7Page - Texas Instruments TPS51211DSCT Datasheet HTML 8Page - Texas Instruments TPS51211DSCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
TPS51211
www.ti.com
SLUSAA7 – NOVEMBER 2010
ELECTRICAL CHARACTERISTICS (continued)
over recommended free-air temperature range, V5IN=5V. (Unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PROTECTION: CURRENT SENSE
ITRIP
TRIP source current
VTRIP = 1V, TA = 25°C
9
10
11
mA
TRIP current temperature
TCITRIP
On the basis of 25°C (3)
4700
ppm/°C
coeffficient
Current limit threshold setting
VTRIP
VTRIP-GND Voltage
0.2
3
V
range
VTRIP = 3.0 V
375
mV
VOCL
Current limit threshold
VTRIP = 0.2 V
25
Positive
3
15
Auto zero cross adjustable
VAZCADJ
mV
range
Negative
–15
–3
PROTECTION: UVP AND OVP
VOVP
OVP trip threshold
OVP detect
115%
120%
125%
tOVPDEL
OVP propagation delay time
50-mV overdrive
1
ms
VUVP
Output UVP trip threshold
UVP detect
65%
70%
75%
Output UVP propagation delay
tUVPDEL
0.8
1
1.2
ms
time
tUVPEN
Output UVP enable delay time
From Enable to UVP workable
1.0
1.2
1.4
ms
UVLO
Wake up
4.20
4.38
4.50
VUVV5IN
V5IN UVLO threshold
V
Shutdown
3.7
3.93
4.1
THERMAL SHUTDOWN
Shutdown temperature(3)
145
TSDN
Thermal shutdown threshold
°C
Hysteresis(3)
10
(3)
Ensured by design. Not production tested.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5


Número de pieza similar - TPS51211DSCT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS51211 TI-TPS51211_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, Single Synchronous Step-Down Controller For Notebook Power Supply
More results

Descripción similar - TPS51211DSCT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS51211 TI-TPS51211_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, Single Synchronous Step-Down Controller For Notebook Power Supply
TPS51217 TI-TPS51217 Datasheet
1,006Kb / 27P
[Old version datasheet]   HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
TPS51218 TI1-TPS51218_16 Datasheet
1,016Kb / 27P
[Old version datasheet]   HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
TPS51217 TI-TPS51217_15 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
TPS51218 TI-TPS51218 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
logo
uPI Group Inc.
UP1537 UPI-UP1537 Datasheet
239Kb / 15P
   High Performance, Single Synchronous Step-Down Controller
logo
National Semiconductor ...
LM2630 NSC-LM2630 Datasheet
265Kb / 14P
   Synchronous Step-Down Power Supply Controller
LM2631 NSC-LM2631 Datasheet
265Kb / 12P
   Synchronous Step-Down Power Supply Controller
logo
Maxim Integrated Produc...
MAX1717 MAXIM-MAX1717 Datasheet
501Kb / 32P
   Dynamically Adjustable, Synchronous Step-Down Controller for Notebook CPUs
19-1636; Rev 0; 1/00
logo
Texas Instruments
TPS51427 TI-TPS51427_1 Datasheet
2Mb / 41P
[Old version datasheet]   DUAL D-CATM SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com