Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAR64-07 Datasheet(PDF) 10 Page - Infineon Technologies AG

No. de pieza BAR64-07
Descripción Electrónicos  Silicon PIN Diode
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAR64-07 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button BAR64-07 Datasheet HTML 6Page - Infineon Technologies AG BAR64-07 Datasheet HTML 7Page - Infineon Technologies AG BAR64-07 Datasheet HTML 8Page - Infineon Technologies AG BAR64-07 Datasheet HTML 9Page - Infineon Technologies AG BAR64-07 Datasheet HTML 10Page - Infineon Technologies AG BAR64-07 Datasheet HTML 11Page - Infineon Technologies AG BAR64-07 Datasheet HTML 12Page - Infineon Technologies AG BAR64-07 Datasheet HTML 13Page - Infineon Technologies AG BAR64-07 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
2007-12-11
10
BAR64...
Date Code marking for discrete packages with
one digit (SCD80, SC79, SC75 1)) CES-Code
1) New Marking Layout for SC75, implemented at October 2005.
.
Month 2003
2004
2005
2006
2007
2008
2009
2010
2011
2012
2013
2014
01
ap
A
P
ap
A
P
ap
A
P
02
bq
B
Q
bq
B
Q
bq
B
Q
03
cr
C
R
cr
C
R
cr
C
R
04
d
s
DS
d
s
DS
d
s
DS
05
e
t
ETe
t
ETe
t
ET
06
fu
F
U
fu
F
U
fu
F
U
07
gv
G
V
gv
G
V
gv
G
V
08
h
x
HXh
x
HXh
x
HX
09
jy
J
Y
jy
J
Y
jy
J
Y
10
k
z
KZ
k
z
KZ
k
z
KZ
11
l
2
L4
l
2
L4
l
2
L4
12
n
3
N5
n
3
N5
n
3
N5


Número de pieza similar - BAR64-07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
BAR64-07 SIEMENS-BAR64-07 Datasheet
43Kb / 3P
   Silicon PIN Diode (High voltage current controlled RF resistor for RF attenuator and swirches Freqency range above 1 MHz)
logo
Infineon Technologies A...
BAR64-07 INFINEON-BAR64-07 Datasheet
494Kb / 9P
   Silicon PIN Diode
Feb-14-2003
BAR64-07 INFINEON-BAR64-07 Datasheet
1,011Kb / 16P
   High voltage current controlled RF resistor for RF attenuator and switches
2011-07-18
More results

Descripción similar - BAR64-07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
NXP Semiconductors
BAP70-02 PHILIPS-BAP70-02 Datasheet
53Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP1321-01 PHILIPS-BAP1321-01 Datasheet
75Kb / 7P
   Silicon PIN diode
2001 Nov 01
logo
Siemens Semiconductor G...
BA886 SIEMENS-BA886 Datasheet
26Kb / 2P
   Silicon PIN Diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
   Silicon PIN diode
2004 Feb 17
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
45Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
S392D VISHAY-S392D Datasheet
46Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02 Datasheet
53Kb / 8P
   Silicon PIN diode
1999 Sep 21
logo
Quanzhou Jinmei Electro...
BAP70-05_2015 JMNIC-BAP70-05_2015 Datasheet
55Kb / 7P
   Silicon PIN diode
BAP1321-02_2015 JMNIC-BAP1321-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com