Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BF5020R Datasheet(PDF) 3 Page - Infineon Technologies AG

No. de pieza BF5020R
Descripción Electrónicos  Silicon N-Channel MOSFET Tetrode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BF5020R Datasheet(HTML) 3 Page - Infineon Technologies AG

  BF5020R Datasheet HTML 1Page - Infineon Technologies AG BF5020R Datasheet HTML 2Page - Infineon Technologies AG BF5020R Datasheet HTML 3Page - Infineon Technologies AG BF5020R Datasheet HTML 4Page - Infineon Technologies AG BF5020R Datasheet HTML 5Page - Infineon Technologies AG BF5020R Datasheet HTML 6Page - Infineon Technologies AG BF5020R Datasheet HTML 7Page - Infineon Technologies AG BF5020R Datasheet HTML 8Page - Infineon Technologies AG BF5020R Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
2009-10-01
3
BF5020...
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
AC Characteristics - (verified by random sampling)
Forward transconductance
VDS = 5 V, ID = 10 mA, VG2S = 4 V
gfs
-
34
-
mS
Gate1 input capacitance
VDS = 5 V, ID = 10 mA, VG2S = 4 V
Cg1ss
-
2.4
-
pF
Output capacitance
VDS = 5 V, ID = 10 mA, VG2S = 4 V
Cdss
-
1
-
Power gain
VDS = 5 V, ID = 10 mA, VG2S = 4 V,
f = 800 MHz
VDS = 5 V, ID = 10 mA, VG2S = 4 V,
f = 45 MHz
Gp
-
-
26
32
-
-
dB
Noise figure
VDS = 5 V, ID = 10 mA, VG2S = 4 V,
f = 800 MHz
VDS = 5 V, ID = 10 mA, VG2S = 4 V,
f = 45 MHz
F
-
-
1.2
0.8
-
-
dB
Gain control range
VDS = 5 V, VG2S = 4...0 V
∆Gp
-
45
-
Cross-modulation1), VDS = 5 V, RG1 = 120 kΩ
AGC = 0
AGC = 10 dB
AGC = 40 dB
Xmod
-
-
-
98
96
106
-
-
-
dBµV
1Input level for k = 1%; fw = 50 MHz, funw = 60 MHz


Número de pieza similar - BF5020R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BF5020WE6327 INFINEON-BF5020WE6327 Datasheet
573Kb / 11P
   Silicon N-Channel MOSFET Tetrode
2009-10-01
More results

Descripción similar - BF5020R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BF1009S INFINEON-BF1009S Datasheet
251Kb / 5P
   Silicon N-Channel MOSFET Tetrode
Feb-18-2004
BF5030W INFINEON-BF5030W Datasheet
168Kb / 10P
   Silicon N-Channel MOSFET Tetrode
2006-04-13
BF5030 INFINEON-BF5030_09 Datasheet
585Kb / 13P
   Silicon N-Channel MOSFET Tetrode
2009-05-05
BF2030 INFINEON-BF2030 Datasheet
277Kb / 6P
   Silicon N-Channel MOSFET Tetrode
Apr-23-2004
BF1009S INFINEON-BF1009S_07 Datasheet
84Kb / 8P
   Silicon N-Channel MOSFET Tetrode
2007-04-20
BF2040 INFINEON-BF2040_07 Datasheet
210Kb / 11P
   Silicon N-Channel MOSFET Tetrode
2007-06-01
BF998 INFINEON-BF998 Datasheet
249Kb / 6P
   Silicon N-Channel MOSFET Tetrode
Feb-13-2004
BF1005 INFINEON-BF1005 Datasheet
252Kb / 5P
   Silicon N-Channel MOSFET Tetrode
Feb-18-2004
BF1005S INFINEON-BF1005S Datasheet
252Kb / 5P
   Silicon N-Channel MOSFET Tetrode
Feb-18-2004
logo
Siemens Semiconductor G...
BF2000 SIEMENS-BF2000 Datasheet
19Kb / 3P
   Silicon N Channel MOSFET Tetrode
logo
Infineon Technologies A...
BF1009SW INFINEON-BF1009SW Datasheet
48Kb / 4P
   Silicon N-Channel MOSFET Tetrode
Jun-28-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com