Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMBJ10CA Datasheet(PDF) 2 Page - Bourns Electronic Solutions

No. de pieza SMBJ10CA
Descripción Electrónicos  SMBJ Transient Voltage Suppressor Diode Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BOURNS [Bourns Electronic Solutions]
Página de inicio  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SMBJ10CA Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SMBJ10CA Datasheet HTML 1Page - Bourns Electronic Solutions SMBJ10CA Datasheet HTML 2Page - Bourns Electronic Solutions SMBJ10CA Datasheet HTML 3Page - Bourns Electronic Solutions SMBJ10CA Datasheet HTML 4Page - Bourns Electronic Solutions SMBJ10CA Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
SMBJ Transient Voltage Suppressor Diode Series
Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted)
Notes:
1. Suffix ‘A’ denotes a 5 % tolerance unidirectional device.
3. For bidirectional devices with a VR of 10 volts or less, the IR limit is double.
2. Suffix ‘CA’ denotes a 5 % tolerance bidirectional device.
4. For unidirectional devices with a VF max. of 3.5 V at an IF of 35 A, 0.5 Sine
Wave of 8.3 ms Pulse Width.
Unidirectional Device
Bidirectional Device
Breakdown Voltage
VBR (Volts)
Working
Peak
Reverse
Voltage
Maximum
Reverse
Leakage
@ VRWM
Maximum
Reverse
Voltage
@ IRSM
Maximum
Reverse
Surge
Current
Part
Number
Part
Marking
Part
Number
Part
Marking
Min.
Max.
@ IT (mA)
VRWM
(Volts)
IR (μA)
VRSM (Volts) IRSM (Amps)
SMBJ5.0A
KE
SMBJ5.0CA
AE
6.40
7.25
10
5.0
800
9.2
65.2
SMBJ6.0A
KG
SMBJ6.0CA
AG
6.67
7.67
10
6.0
800
10.3
58.3
SMBJ6.5A
KK
SMBJ6.5CA
AK
7.22
8.30
10
6.5
500
11.2
53.6
SMBJ7.0A
KM
SMBJ7.0CA
AM
7.78
8.95
10
7.0
200
12.0
50.0
SMBJ7.5A
KP
SMBJ7.5CA
AP
8.33
9.58
1.0
7.5
100
12.9
46.5
SMBJ8.0A
KR
SMBJ8.0CA
AR
8.89
10.2
1.0
8.0
50
13.6
44.1
SMBJ8.5A
KT
SMBJ8.5CA
AT
9.44
10.8
1.0
8.5
20
14.4
41.7
SMBJ9.0A
KV
SMBJ9.0CA
AV
10.0
11.5
1.0
9.0
10
15.4
39.0
SMBJ10A
KX
SMBJ10CA
AX
11.1
12.8
1.0
10
5.0
17.0
35.3
SMBJ11A
KZ
SMBJ11CA
AZ
12.2
14.4
1.0
11
5.0
18.2
33.0
SMBJ12A
LE
SMBJ12CA
BE
13.3
15.3
1.0
12
5.0
19.9
30.2
SMBJ13A
LG
SMBJ13CA
BG
14.4
16.5
1.0
13
5.0
21.5
27.9
SMBJ14A
LK
SMBJ14CA
BK
15.6
17.9
1.0
14
5.0
23.2
25.8
SMBJ15A
LM
SMBJ15CA
BM
16.7
19.2
1.0
15
5.0
24.4
24.0
SMBJ16A
LP
SMBJ16CA
BP
17.8
20.5
1.0
16
5.0
26.0
23.1
SMBJ17A
LR
SMBJ17CA
BR
18.9
21.7
1.0
17
5.0
27.6
21.7
SMBJ18A
LT
SMBJ18CA
BT
20.0
23.3
1.0
18
5.0
29.2
20.5
SMBJ20A
LV
SMBJ20CA
BV
22.2
25.5
1.0
20
5.0
32.4
18.5
SMBJ22A
LX
SMBJ22CA
BX
24.4
28.0
1.0
22
5.0
35.5
16.9
SMBJ24A
LZ
SMBJ24CA
BZ
26.7
30.7
1.0
24
5.0
38.9
15.4
SMBJ26A
ME
SMBJ26CA
CE
28.9
32.2
1.0
26
5.0
42.1
14.2
SMBJ28A
MG
SMBJ28CA
CG
31.1
35.8
1.0
28
5.0
45.4
13.2
SMBJ30A
MK
SMBJ30CA
CK
33.3
38.3
1.0
30
5.0
48.4
12.4
SMBJ33A
MM
SMBJ33CA
CM
36.7
42.2
1.0
33
5.0
53.3
11.3
SMBJ36A
MP
SMBJ36CA
CP
40
46.0
1.0
36
5.0
58.1
10.3
SMBJ40A
MR
SMBJ40CA
CR
44.4
51.1
1.0
40
5.0
64.5
9.3
SMBJ43A
MT
SMBJ43CA
CT
47.8
54.9
1.0
43
5.0
69.4
8.6
SMBJ45A
MV
SMBJ45CA
CV
50
57.5
1.0
45
5.0
72.7
8.3
SMBJ48A
MX
SMBJ48CA
CX
53.3
61.3
1.0
48
5.0
77.4
7.7
SMBJ51A
MZ
SMBJ51CA
CZ
56.7
65.2
1.0
51
5.0
82.4
7.3
SMBJ54A
NE
SMBJ54CA
DE
60
69
1.0
54
5.0
87.1
6.9
SMBJ58A
NG
SMBJ58CA
DG
64.4
74.6
1.0
58
5.0
93.6
6.4
SMBJ60A
NK
SMBJ60CA
DK
66.7
76.7
1.0
60
5.0
96.8
6.2
SMBJ64A
NM
SMBJ64CA
DM
71.1
81.8
1.0
64
5.0
103
5.8
SMBJ70A
NP
SMBJ70CA
DP
77.8
89.5
1.0
70
5.0
113
5.3
SMBJ75A
NR
SMBJ75CA
DR
83.3
95.8
1.0
75
5.0
121
4.9
SMBJ78A
NT
SMBJ78CA
DT
86.7
99.7
1.0
78
5.0
126
4.7
SMBJ85A
NV
SMBJ85CA
DV
94.4
109
1.0
85
5.0
137
4.4
SMBJ90A
NX
SMBJ90CA
DX
100
116
1.0
90
5.0
146
4.1
SMBJ100A
NZ
SMBJ100CA
DZ
111
128
1.0
100
5.0
162
3.7
SMBJ110A
PE
SMBJ110CA
EE
122
140
1.0
110
5.0
177
3.4
SMBJ120A
PG
SMBJ120CA
EG
133
153
1.0
120
5.0
193
3.1
SMBJ130A
PK
SMBJ130CA
EK
144
165
1.0
130
5.0
209
2.9
SMBJ150A
PM
SMBJ150CA
EM
167
192
1.0
150
5.0
243
2.5
SMBJ160A
PP
SMBJ160CA
EP
178
205
1.0
160
5.0
259
2.3
SMBJ170A
PR
SMBJ170CA
ER
189
218
1.0
170
5.0
275
2.2


Número de pieza similar - SMBJ10CA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shenzhen Luguang Electr...
SMBJ10CA LUGUANG-SMBJ10CA Datasheet
1,002Kb / 6P
   600 Watts Surface Mount Transient Voltage Suppressor
logo
Bytes
SMBJ10CA BYTES-SMBJ10CA Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
UN Semiconducctor INC
SMBJ10CA UNSEMI-SMBJ10CA Datasheet
4Mb / 8P
   3.3 To 440V 600W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Suntan Capacitors
SMBJ10CA SUNTAN-SMBJ10CA Datasheet
435Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
SMBJ10CA MDE-SMBJ10CA Datasheet
92Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Descripción similar - SMBJ10CA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bourns Electronic Solut...
SMBJ33A BOURNS-SMBJ33A Datasheet
409Kb / 5P
   SMBJ Transient Voltage Suppressor Diode Series
SMBJ130A BOURNS-SMBJ130A Datasheet
425Kb / 6P
   SMBJ Transient Voltage Suppressor Diode Series
logo
Shanghai Yint Electroni...
SMBJ YINT-SMBJ Datasheet
1Mb / 5P
   SMBJ Transient Voltage Suppressor Diode Series
logo
Shanghai Leiditech Elec...
S-SMBJ LEIDITECH-S-SMBJ Datasheet
1Mb / 6P
   S-SMBJ Series 600W Transient Voltage Suppressor
logo
Bourns Electronic Solut...
SMBJ BOURNS-SMBJ Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ5.0CA-H BOURNS-SMAJ5.0CA-H Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_08 Datasheet
224Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214B BOURNS-CD214B_08 Datasheet
231Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_10 Datasheet
148Kb / 5P
   Transient Voltage Suppressor Diode Series
SMCJ50CA BOURNS-SMCJ50CA_13 Datasheet
352Kb / 5P
   Transient Voltage Suppressor Diode Series
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com