Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA7110 Datasheet(PDF) 8 Page - Infineon Technologies AG

No. de pieza TDA7110
Descripción Electrónicos  ASK/FSK Transmitter 868/433 MHz
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA7110 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TDA7110 Datasheet HTML 4Page - Infineon Technologies AG TDA7110 Datasheet HTML 5Page - Infineon Technologies AG TDA7110 Datasheet HTML 6Page - Infineon Technologies AG TDA7110 Datasheet HTML 7Page - Infineon Technologies AG TDA7110 Datasheet HTML 8Page - Infineon Technologies AG TDA7110 Datasheet HTML 9Page - Infineon Technologies AG TDA7110 Datasheet HTML 10Page - Infineon Technologies AG TDA7110 Datasheet HTML 11Page - Infineon Technologies AG TDA7110 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
Functional Description
2 - 2
TDA7110
Wireless Components
Data Sheet, December 2008
2.1 Pin Configuration
Pin_config.wmf
Figure 2-1
IC Pin Configuration
Table 2-1
Pin No.
Symbol
Function
1
PDWN
Power Down Mode Control
2
LPD
Low Power Detect Output
3
VS
Voltage Supply
4
LF
Loop Filter
5
GND
Ground
6
ASKDTA
Amplitude Shift Keying Data Input
7
FSKDTA
Frequency Shift Keying Data Input
8
CLKOUT
Clock Driver Output
9
CLKDIV
Clock Divider Control
10
COSC
Crystal Oscillator Input
11
FSKOUT
Frequency Shift Keying Switch Output
12
FSKGND
Frequency Shift Keying Ground
13
PAGND
Power Amplifier Ground
14
PAOUT
Power Amplifier Output
15
FSEL
Frequency Range Selection (433 or 868 MHz)
16
CSEL
Crystal Frequency Selection (6.78 or 13.56 MHz)
CSE L
FSE L
PA O U T
PA G N D
FSK G N D
FSK O U T
CO SC
CL K D IV
PDW N
LP D
VS
LF
GN D
AS KDT A
FS K D T A
CL K O U T
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
TD A 7110


Número de pieza similar - TDA7110

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
TDA7110F INFINEON-TDA7110F Datasheet
734Kb / 36P
   434 MHz ASK/FSK Transmitter in 10-pin Package
V 1.0, February 2009
More results

Descripción similar - TDA7110

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
TDK5110 INFINEON-TDK5110 Datasheet
618Kb / 41P
   ASK/FSK Transmitter 868/433 MHz
Version 1.1 October 2002
TDK5100 INFINEON-TDK5100 Datasheet
629Kb / 40P
   ASK/FSK Transmitter 868/433 MHz
Version 1.0 October 2002
logo
ams AG
AS3901 AMSCO-AS3901 Datasheet
618Kb / 18P
   ISM 433/315 MHz FSK/ASK Transmitter
logo
Melexis Microelectronic...
TH72035 MELEXIS-TH72035_17 Datasheet
1Mb / 21P
   868/915MHz FSK/ASK Transmitter
TH72036 MELEXIS-TH72036_17 Datasheet
952Kb / 16P
   868/915MHz FSK/ASK Transmitter
TH72036 MELEXIS-TH72036 Datasheet
342Kb / 16P
   868/915MHz FSK/ASK Transmitter
logo
ams AG
ASCELL3911 AMSCO-ASCELL3911 Datasheet
104Kb / 13P
   ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter
ASCELL3912 AMSCO-ASCELL3912 Datasheet
122Kb / 14P
   ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter
logo
Melexis Microelectronic...
TH72035 MELEXIS-TH72035 Datasheet
547Kb / 20P
   868/915MHz FSK/ASK Transmitter
logo
RF Micro Devices
RF2945 RFMD-RF2945 Datasheet
742Kb / 24P
   433/868/915MHZ FSK/ASK/OOK TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com