Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ESD0P2RF-02LRH Datasheet(PDF) 5 Page - Infineon Technologies AG

No. de pieza ESD0P2RF-02LRH
Descripción Electrónicos  Bi-directional Ultra Low Capacitance TVS Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ESD0P2RF-02LRH Datasheet(HTML) 5 Page - Infineon Technologies AG

  ESD0P2RF-02LRH Datasheet HTML 1Page - Infineon Technologies AG ESD0P2RF-02LRH Datasheet HTML 2Page - Infineon Technologies AG ESD0P2RF-02LRH Datasheet HTML 3Page - Infineon Technologies AG ESD0P2RF-02LRH Datasheet HTML 4Page - Infineon Technologies AG ESD0P2RF-02LRH Datasheet HTML 5Page - Infineon Technologies AG ESD0P2RF-02LRH Datasheet HTML 6Page - Infineon Technologies AG ESD0P2RF-02LRH Datasheet HTML 7Page - Infineon Technologies AG ESD0P2RF-02LRH Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2010-04-12
5
ESD0P2RF...
Application example ESD0P2RF...
1 line, bi-directional
ESD sensitive
device
I/O
2
1
The protection diode should be placed very
close to the location where the ESD or
other transients can occur to keep loops
and inductances as small as possible. Pin
1 (or pin 2) should be connected directly to
a ground plane on the board .
Protected line, signal level up to
± 5.3 V (bi-directional)


Número de pieza similar - ESD0P2RF-02LRH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shanghai Leiditech Elec...
ESD0P2RF-02LRH-TP LEIDITECH-ESD0P2RF-02LRH-TP Datasheet
1Mb / 4P
   ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev : 03.07.2021
logo
Infineon Technologies A...
ESD0P2RF-02LRHE6327 INFINEON-ESD0P2RF-02LRHE6327 Datasheet
1Mb / 17P
   Bi-directional Ultra-low Capacitance ESD / Transient Protection Diode
Rev. 1.2, 2012-10-01
More results

Descripción similar - ESD0P2RF-02LRH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shanghai Leiditech Elec...
PESD1LIN LEIDITECH-PESD1LIN Datasheet
605Kb / 3P
   Ultra Low Capacitance Bi-Directional TVS Diode Array
SLVU2.8-4 LEIDITECH-SLVU2.8-4_V01 Datasheet
406Kb / 3P
   Ultra Low Capacitance Bi-Directional TVS Diode Array
LC36CI LEIDITECH-LC36CI Datasheet
374Kb / 3P
   Ultra Low Capacitance Bi-Directional TVS Diode Array
UDD32C24L01 LEIDITECH-UDD32C24L01 Datasheet
390Kb / 3P
   Ultra Low Capacitance Bi-Directional TVS Diode Array
SLVU2.8-8 LEIDITECH-SLVU2.8-8 Datasheet
290Kb / 3P
   Ultra Low Capacitance Bi-Directional TVS Diode Array
LC15CI LEIDITECH-LC15CI Datasheet
132Kb / 3P
   Ultra Low Capacitance Bi-Directional TVS Diode Array
LC12CIH LEIDITECH-LC12CIH Datasheet
375Kb / 3P
   Ultra Low Capacitance Bi-Directional TVS Diode Array
LC3304EP8_V1 LEIDITECH-LC3304EP8_V1 Datasheet
426Kb / 3P
   Ultra Low Capacitance Bi-Directional TVS Diode Array
SLVU2.8-4L LEIDITECH-SLVU2.8-4L Datasheet
858Kb / 4P
   Ultra Low Capacitance Bi-Directional TVS Diode Array
ULC05CTN LEIDITECH-ULC05CTN Datasheet
945Kb / 4P
   Ultra Low Capacitance Bi-Directional TVS Diode Array
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com