Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ESD5V0H1U-02LS Datasheet(PDF) 2 Page - Infineon Technologies AG

No. de pieza ESD5V0H1U-02LS
Descripción Electrónicos  Ultra-Low Capacitance TVS Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ESD5V0H1U-02LS Datasheet(HTML) 2 Page - Infineon Technologies AG

  ESD5V0H1U-02LS Datasheet HTML 1Page - Infineon Technologies AG ESD5V0H1U-02LS Datasheet HTML 2Page - Infineon Technologies AG ESD5V0H1U-02LS Datasheet HTML 3Page - Infineon Technologies AG ESD5V0H1U-02LS Datasheet HTML 4Page - Infineon Technologies AG ESD5V0H1U-02LS Datasheet HTML 5Page - Infineon Technologies AG ESD5V0H1U-02LS Datasheet HTML 6Page - Infineon Technologies AG ESD5V0H1U-02LS Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2009-06-18
2
ESD5V0H1U-02LS
Maximum Ratings
at TA = 25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
ESD contact discharge1)
VESD
16
kV
Operating temperature range
Top
-55...125
°C
Storage temperature
Tstg
-65...150
Electrical Characteristics
at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Characteristics
Reverse working voltage
VRWM
-
-
5
V
Avalanche breakdown voltage
I(BR) = 1 mA, from pin 2 to 1
V(BR)
-
200
-
Reverse current
VR = 5 V
IR
-
-
0.1
µA
Clamping voltage1) after 30 ns
VESD = 8 kV, contact, from pin 2 to 1
VCL
-
40
-
V
Line capacitance2)
VR = 0 V, f = 1.8 GHz
VR = 0 V, f = 1 MHz
CT
-
-
0.2
0.27
0.4
0.42
pF
Series inductance
LS
-
0.2
-
nH
1VESD according to IEC61000-4-2
2Total capacitance line to ground


Número de pieza similar - ESD5V0H1U-02LS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Jiangsu Changjiang Elec...
ESD5V0AE1 JIANGSU-ESD5V0AE1 Datasheet
1Mb / 6P
   Uni-direction ESD Protection Diode
logo
Shanghai Yint Electroni...
ESD5V0AP YINT-ESD5V0AP Datasheet
511Kb / 3P
   ESD Protection Diode
ESD5V0APB YINT-ESD5V0APB Datasheet
513Kb / 3P
   ESD Protection Diode
logo
TECH PUBLIC Electronics...
ESD5V0B02-1006 TECHPUBLIC-ESD5V0B02-1006 Datasheet
1Mb / 4P
   1-Line Ultra Low Capacitance TVS Diode Array
ESD5V0B03-0201 TECHPUBLIC-ESD5V0B03-0201 Datasheet
1Mb / 4P
   Ultra-Low Capacitance 1-Line ESD Protection
More results

Descripción similar - ESD5V0H1U-02LS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Alpha & Omega Semicondu...
AOZ8807 AOSMD-AOZ8807 Datasheet
535Kb / 8P
   Ultra-Low Capacitance TVS Diode
AOZ8819 AOSMD-AOZ8819 Datasheet
584Kb / 9P
   Ultra-Low Capacitance TVS Diode
AOZ8808 AOSMD-AOZ8808 Datasheet
379Kb / 8P
   Ultra-Low Capacitance TVS Diode
AOZ8804ADI AOSMD-AOZ8804ADI Datasheet
574Kb / 11P
   Ultra-Low Capacitance TVS Diode
logo
Infineon Technologies A...
ESD5V3U1U INFINEON-ESD5V3U1U Datasheet
613Kb / 8P
   Ultra-Low Capacitance TVS Diode
2010-03-12
logo
Alpha & Omega Semicondu...
AOZ8804A AOSMD-AOZ8804A Datasheet
574Kb / 11P
   Ultra-Low Capacitance TVS Diode
AOZ8818 AOSMD-AOZ8818 Datasheet
375Kb / 8P
   Ultra-Low Capacitance TVS Diode
AOZ8809 AOSMD-AOZ8809 Datasheet
614Kb / 9P
   Ultra-Low Capacitance TVS Diode
AOZ8809ADI AOSMD-AOZ8809ADI Datasheet
873Kb / 10P
   Ultra-Low Capacitance TVS Diode
AOZ8806 AOSMD-AOZ8806 Datasheet
391Kb / 8P
   Ultra-Low Capacitance TVS Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com