Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FP10R12W1T4_B11 Datasheet(PDF) 1 Page - Infineon Technologies AG

No. de pieza FP10R12W1T4_B11
Descripción Electrónicos  IGBT-Wechselrichter / IGBT-inverter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FP10R12W1T4_B11 Datasheet(HTML) 1 Page - Infineon Technologies AG

  FP10R12W1T4_B11 Datasheet HTML 1Page - Infineon Technologies AG FP10R12W1T4_B11 Datasheet HTML 2Page - Infineon Technologies AG FP10R12W1T4_B11 Datasheet HTML 3Page - Infineon Technologies AG FP10R12W1T4_B11 Datasheet HTML 4Page - Infineon Technologies AG FP10R12W1T4_B11 Datasheet HTML 5Page - Infineon Technologies AG FP10R12W1T4_B11 Datasheet HTML 6Page - Infineon Technologies AG FP10R12W1T4_B11 Datasheet HTML 7Page - Infineon Technologies AG FP10R12W1T4_B11 Datasheet HTML 8Page - Infineon Technologies AG FP10R12W1T4_B11 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
Technische Information / technical information
FP10R12W1T4_B11
IGBT-Module
IGBT-modules
prepared by: DK
approved by: MB
date of publication: 2009-10-19
revision: 2.0
Vorläufige Daten / preliminary data
IGBT-Wechselrichter / IGBT-inverter
Höchstzulässige Werte / maximum rated values
Kollektor-Emitter-Sperrspannung
collector-emitter voltage
TÝÎ = 25°C
V†Š»
1200
V
Kollektor-Dauergleichstrom
DC-collector current
T† = 100°C, TÝÎ = 175°C
T† = 25°C, TÝÎ = 175°C
I† ÒÓÑ
I†
10
20
A
A
Periodischer Kollektor Spitzenstrom
repetitive peak collector current
t« = 1 ms
I†ç¢
20
A
Gesamt-Verlustleistung
total power dissipation
T† = 25°C, TÝÎ = 175°C
PÚÓÚ
105
W
Gate-Emitter-Spitzenspannung
gate-emitter peak voltage
V•Š»
+/-20
V
Charakteristische Werte / characteristic values
min.
typ.
max.
Kollektor-Emitter Sättigungsspannung
collector-emitter saturation voltage
I† = 10 A, V•Š = 15 V
I† = 10 A, V•Š = 15 V
I† = 10 A, V•Š = 15 V
V†Š ÙÈÚ
1,85
2,15
2,25
2,25
V
V
V
TÝÎ = 25°C
TÝÎ = 125°C
TÝÎ = 150°C
Gate-Schwellenspannung
gate threshold voltage
I† = 0,30 mA, V†Š = V•Š, TÝÎ = 25°C
V•ŠÚÌ
5,2
5,8
6,4
V
Gateladung
gate charge
V•Š = -15 V ... +15 V
Q•
0,09
C
Interner Gatewiderstand
internal gate resistor
TÝÎ = 25°C
R•ÍÒÚ
0,0
Â
Eingangskapazität
input capacitance
f = 1 MHz, TÝÎ = 25°C, V†Š = 25 V, V•Š = 0 V
CÍþÙ
0,60
nF
Rückwirkungskapazität
reverse transfer capacitance
f = 1 MHz, TÝÎ = 25°C, V†Š = 25 V, V•Š = 0 V
CØþÙ
0,024
nF
Kollektor-Emitter Reststrom
collector-emitter cut-off current
V†Š = 1200 V, V•Š = 0 V, TÝÎ = 25°C
I†Š»
1,0
mA
Gate-Emitter Reststrom
gate-emitter leakage current
V†Š = 0 V, V•Š = 20 V, TÝÎ = 25°C
I•Š»
400
nA
Einschaltverzögerungszeit (ind. Last)
turn-on delay time (inductive load)
I† = 10 A, V†Š = 600 V
V•Š = ±15 V
R•ÓÒ = 47 Â
tÁ ÓÒ
0,045
0,045
0,045
s
s
s
TÝÎ = 25°C
TÝÎ = 125°C
TÝÎ = 150°C
Anstiegszeit (induktive Last)
rise time (inductive load)
I† = 10 A, V†Š = 600 V
V•Š = ±15 V
R•ÓÒ = 47 Â
0,044
0,061
0,063
s
s
s
TÝÎ = 25°C
TÝÎ = 125°C
TÝÎ = 150°C
Abschaltverzögerungszeit (ind. Last)
turn-off delay time (inductive load)
I† = 10 A, V†Š = 600 V
V•Š = ±15 V
R•ÓËË = 47 Â
tÁ ÓËË
0,18
0,245
0,275
s
s
s
TÝÎ = 25°C
TÝÎ = 125°C
TÝÎ = 150°C
Fallzeit (induktive Last)
fall time (inductive load)
I† = 10 A, V†Š = 600 V
V•Š = ±15 V
R•ÓËË = 47 Â
0,165
0,215
0,225
s
s
s
TÝÎ = 25°C
TÝÎ = 125°C
TÝÎ = 150°C
Einschaltverlustenergie pro Puls
turn-on energy loss per pulse
I† = 10 A, V†Š = 600 V, L» = 50 nH
V•Š = ±15 V, di/dt = 500 A/ s (TÝÎ=150°C)
R•ÓÒ = 47 Â
EÓÒ
0,90
1,35
1,55
mJ
mJ
mJ
TÝÎ = 25°C
TÝÎ = 125°C
TÝÎ = 150°C
Abschaltverlustenergie pro Puls
turn-off energy loss per pulse
I† = 10 A, V†Š = 600 V, L» = 50 nH
V•Š = ±15 V, du/dt = 3500 V/ s (TÝÎ=150°C)
R•ÓËË = 47 Â
EÓËË
0,55
0,80
0,87
mJ
mJ
mJ
TÝÎ = 25°C
TÝÎ = 125°C
TÝÎ = 150°C
Kurzschlussverhalten
SC data
V•Š ù 15 V, V†† = 800 V
V†ŠÑÈà = V†Š» -LÙ†Š ·di/dt
IȠ
35
A
TÝÎ = 150°C
t« ù 10 s,
Innerer Wärmewiderstand
thermal resistance, junction to case
pro IGBT / per IGBT
RÚÌœ†
1,25
1,40
K/W
Übergangs-Wärmewiderstand
thermal resistance, case to heatsink
pro IGBT / per IGBT
ð«ÈÙÚþ = 1 W/(m·K) /
ðÃØþÈÙþ = 1 W/(m·K)
RÚ̆™
1,15
K/W


Número de pieza similar - FP10R12W1T4_B11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
FP10R12W1T4_B11 INFINEON-FP10R12W1T4_B11 Datasheet
640Kb / 11P
   IGBT-Module
2013-11-05 revision:2.0
FP10R12W1T4_B11 INFINEON-FP10R12W1T4_B11_13 Datasheet
640Kb / 11P
   IGBT-Module
2013-11-05 revision:2.0
More results

Descripción similar - FP10R12W1T4_B11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
DF100R07W1H5FP_B53 INFINEON-DF100R07W1H5FP_B53 Datasheet
726Kb / 11P
   IGBT,Wechselrichter / IGBT,Inverter
V3.0 2017-04-06
logo
eupec GmbH
FZ1200R33KL2C-B5 EUPEC-FZ1200R33KL2C-B5 Datasheet
275Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
FS150R06KL4 EUPEC-FS150R06KL4 Datasheet
573Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
logo
Infineon Technologies A...
F4-100R17N3E4 INFINEON-F4-100R17N3E4 Datasheet
633Kb / 10P
   IGBT,Wechselrichter / IGBT,Inverter
V3.0 2019-05-23
logo
eupec GmbH
FZ1200R12KL4C EUPEC-FZ1200R12KL4C Datasheet
263Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
FZ1200R17KE3 EUPEC-FZ1200R17KE3 Datasheet
284Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
logo
Infineon Technologies A...
FF800R17KF6C-B2 INFINEON-FF800R17KF6C-B2 Datasheet
407Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
2012-09-27 revision:2.1
FP15R12W1T4_B11 INFINEON-FP15R12W1T4_B11 Datasheet
423Kb / 11P
   IGBT-Wechselrichter / IGBT-inverter
2009-10-19 revision:2.0
logo
eupec GmbH
FZ1200R33KF2C EUPEC-FZ1200R33KF2C Datasheet
253Kb / 7P
   IGBT-Wechselrichter / IGBT-inverter
FP15R12KT3 EUPEC-FP15R12KT3 Datasheet
342Kb / 11P
   IGBT-Wechselrichter / IGBT-inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com