Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SPI15N60CFD Datasheet(PDF) 6 Page - Infineon Technologies AG

No. de pieza SPI15N60CFD
Descripción Electrónicos  CoolMOSTM Power Transistor Intrinsic fast-recovery body diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPI15N60CFD Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button SPI15N60CFD Datasheet HTML 2Page - Infineon Technologies AG SPI15N60CFD Datasheet HTML 3Page - Infineon Technologies AG SPI15N60CFD Datasheet HTML 4Page - Infineon Technologies AG SPI15N60CFD Datasheet HTML 5Page - Infineon Technologies AG SPI15N60CFD Datasheet HTML 6Page - Infineon Technologies AG SPI15N60CFD Datasheet HTML 7Page - Infineon Technologies AG SPI15N60CFD Datasheet HTML 8Page - Infineon Technologies AG SPI15N60CFD Datasheet HTML 9Page - Infineon Technologies AG SPI15N60CFD Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SPI15N60CFD
5 Typ. output characteristics
6 Typ. drain-source on-state resistance
I D=f(V DS); T j=150 °C
R DS(on)=f(I D); T j=150 °C
parameter: V GS
parameter: V GS
7 Drain-source on-state resistance
8 Typ. transfer characteristics
R DS(on)=f(T j); I D=9.4 A; V GS=10 V
I D=f(V GS); |V DS|>2|I D|R DS(on)max
parameter: T j
typ
98 %
0
0.2
0.4
0.6
0.8
1
-60
-20
20
60
100
140
180
T j [°C]
25 °C
150 °C
0
10
20
30
40
50
0246
8
10
12
V GS [V]
5 V
5.5 V
6 V
6.5 V
7 V
8 V
10 V
20 V
0
5
10
15
20
0
5
10
15
20
V DS [V]
5 V
5.5 V
6 V
6.5 V
7 V
10 V
20 V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
02468
10
12
I D [A]
Rev. 1.0
page 6
2007-01-29


Número de pieza similar - SPI15N60CFD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
SPI15N60CFD ISC-SPI15N60CFD Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - SPI15N60CFD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
SPP07N60CFD INFINEON-SPP07N60CFD Datasheet
340Kb / 12P
   CoolMOSTM Power Transistor Features Intrinsic fast-recovery body diode
Rev. 1.4 2009-11-27
SPP15N60CFD INFINEON-SPP15N60CFD Datasheet
340Kb / 12P
   CoolMOSTM Power Transistor Features Intrinsic fast-recovery body diode
Rev. 1.2 2007-08-28
SPA07N60CFD INFINEON-SPA07N60CFD Datasheet
348Kb / 12P
   CoolMOSTM Power Transistor Features Intrinsic fast-recovery body diode
Rev. 1.0 2007-01-26
SPA15N60CFD INFINEON-SPA15N60CFD Datasheet
342Kb / 12P
   CoolMOSTM Power Transistor Features Intrinsic fast-recovery body diode
Rev. 1.0 2007-01-10
SPW15N60CFD INFINEON-SPW15N60CFD Datasheet
700Kb / 14P
   Intrinsic fast-recovery body diode
2008-02-11 revision:1.2
logo
STMicroelectronics
STD12N50DM2 STMICROELECTRONICS-STD12N50DM2 Datasheet
817Kb / 16P
   Fast-recovery body diode
March 2016 Rev 2
STB18N60DM2 STMICROELECTRONICS-STB18N60DM2 Datasheet
897Kb / 15P
   Fast-recovery body diode
STD13N60DM2 STMICROELECTRONICS-STD13N60DM2 Datasheet
839Kb / 16P
   Fast-recovery body diode
December 2016 Rev 2
STL19N60DM2 STMICROELECTRONICS-STL19N60DM2 Datasheet
677Kb / 13P
   Fast-recovery body diode
August 2014 Rev 1
STB45N60DM2AG STMICROELECTRONICS-STB45N60DM2AG Datasheet
546Kb / 15P
   Fast-recovery body diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com