Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMBD914 Datasheet(PDF) 2 Page - Infineon Technologies AG

No. de pieza SMBD914
Descripción Electrónicos  Silicon Switching Diode For high-speed switching applications Qualified according AEC Q101
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SMBD914 Datasheet(HTML) 2 Page - Infineon Technologies AG

  SMBD914_07 Datasheet HTML 1Page - Infineon Technologies AG SMBD914_07 Datasheet HTML 2Page - Infineon Technologies AG SMBD914_07 Datasheet HTML 3Page - Infineon Technologies AG SMBD914_07 Datasheet HTML 4Page - Infineon Technologies AG SMBD914_07 Datasheet HTML 5Page - Infineon Technologies AG SMBD914_07 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2007-03-28
2
SMBD914/MMBD914...
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Breakdown voltage
I(BR) = 100 µA
V(BR)
100
-
-
V
Reverse current
VR = 20 V
VR = 75 V
VR = 20 V, TA = 150 °C
VR = 75 V, TA = 150 °C
IR
-
-
-
-
-
-
-
-
0.025
0.1
30
50
µA
Forward voltage
IF = 1 mA
IF = 10 mA
IF = 50 mA
IF = 100 mA
IF = 150 mA
VF
-
-
-
-
-
-
-
-
-
-
715
855
1000
1200
1250
mV
AC Characteristics
Diode capacitance
VR = 0 V, f = 1 MHz
CT
-
-
2
pF
Reverse recovery time
IF = 10 mA, IR = 10 mA, measured at IR = 1mA ,
RL = 100 Ω
trr
-
-
4
ns
Test circuit for reverse recovery time
EHN00019
Ι
F
D.U.T.
Oscillograph
Pulse generator: tp = 100ns, D = 0.05, tr = 0.6ns,
Ri = 50Ω
Oscillograph: R = 50
Ω, t
r = 0.35ns, C ≤ 1pF


Número de pieza similar - SMBD914_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
SMBD914 SIEMENS-SMBD914 Datasheet
97Kb / 4P
   Silicon Switching Diode
logo
Infineon Technologies A...
SMBD914 INFINEON-SMBD914 Datasheet
453Kb / 4P
   Silicon Switching Diode
Mar-10-2004
More results

Descripción similar - SMBD914_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
SMBD7000 INFINEON-SMBD7000_07 Datasheet
72Kb / 6P
   Silicon Switching Diode Array For high-speed switching applications Qualified according AEC Q101
2007-03-28
logo
Rohm
YFZVFH27B ROHM-YFZVFH27B Datasheet
1Mb / 9P
   Zener Diode (AEC-Q101 qualified)
logo
STMicroelectronics
TN3050H-12WY STMICROELECTRONICS-TN3050H-12WY Datasheet
394Kb / 9P
   AEC-Q101 qualified
October 2016 Rev 2
logo
Rohm
YFZVFH18B ROHM-YFZVFH18B Datasheet
1Mb / 9P
   Zener Diode (AEC-Q101 qualified)
logo
STMicroelectronics
STB100NF04T4 STMICROELECTRONICS-STB100NF04T4 Datasheet
1Mb / 20P
   AEC-Q101 qualified
November 2016 Rev 7
logo
Littelfuse
AQ1006 LITTELFUSE-AQ1006 Datasheet
2Mb / 4P
   AEC-Q101 qualified
logo
STMicroelectronics
STH275N8F7-2AG STMICROELECTRONICS-STH275N8F7-2AG Datasheet
889Kb / 18P
   AEC-Q101 qualified
January 2017 Rev 4
logo
Littelfuse
AQ1026 LITTELFUSE-AQ1026 Datasheet
2Mb / 4P
   AEC-Q101 qualified
logo
Siemens Semiconductor G...
BAS16W SIEMENS-BAS16W Datasheet
67Kb / 4P
   Silicon Switching Diode (For high speed switching applications)
logo
Diodes Incorporated
DMN3008SFG DIODES-DMN3008SFG Datasheet
511Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com