Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

4N27M Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza 4N27M
Descripción Electrónicos  General Purpose 6-Pin Phototransistor Optocouplers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

4N27M Datasheet(HTML) 2 Page - Fairchild Semiconductor

  4N27M Datasheet HTML 1Page - Fairchild Semiconductor 4N27M Datasheet HTML 2Page - Fairchild Semiconductor 4N27M Datasheet HTML 3Page - Fairchild Semiconductor 4N27M Datasheet HTML 4Page - Fairchild Semiconductor 4N27M Datasheet HTML 5Page - Fairchild Semiconductor 4N27M Datasheet HTML 6Page - Fairchild Semiconductor 4N27M Datasheet HTML 7Page - Fairchild Semiconductor 4N27M Datasheet HTML 8Page - Fairchild Semiconductor 4N27M Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
4NXXM, H11AXM Rev. 1.0.2
2
Absolute Maximum Ratings (T
A = 25°C unless otherwise specified)
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Electrical Characteristics (T
A = 25°C unless otherwise specified)
Individual Component Characteristics
Isolation Characteristics
*Typical values at TA = 25°C
Symbol
Parameter
Value
Units
TOTAL DEVICE
TSTG
Storage Temperature
-40 to +150
°C
TOPR
Operating Temperature
-40 to +100
°C
TSOL
Wave solder temperature (see page 8 for reflow solder profile)
260 for 10 sec
°C
PD
Total Device Power Dissipation @ TA = 25°C
Derate above 25°C
250
mW
2.94
EMITTER
IF
DC/Average Forward Input Current
60
mA
VR
Reverse Input Voltage
6
V
IF(pk)
Forward Current – Peak (300µs, 2% Duty Cycle)
3
A
PD
LED Power Dissipation @ TA = 25°C
Derate above 25°C
120
mW
1.41
mW/°C
DETECTOR
VCEO
Collector-Emitter Voltage
30
V
VCBO
Collector-Base Voltage
70
V
VECO
Emitter-Collector Voltage
7
V
PD
Detector Power Dissipation @ TA = 25°C
Derate above 25°C
150
mW
1.76
mW/°C
Symbol
Parameter
Test Conditions
Min.
Typ.*
Max.
Unit
EMITTER
VF
Input Forward Voltage
IF = 10mA
1.18
1.50
V
IR
Reverse Leakage Current
VR = 6.0V
0.001
10
µA
DETECTOR
BVCEO
Collector-Emitter Breakdown Voltage
IC = 1.0mA, IF = 0
30
100
V
BVCBO
Collector-Base Breakdown Voltage
IC = 100µA, IF = 0
70
120
V
BVECO
Emitter-Collector Breakdown Voltage
IE = 100µA, IF = 0
7
10
V
ICEO
Collector-Emitter Dark Current
VCE = 10V, IF = 0
1
50
nA
ICBO
Collector-Base Dark Current
VCB = 10V
20
nA
CCE
Capacitance
VCE = 0V, f = 1 MHz
8
pF
Symbol
Characteristic
Test Conditions
Min.
Typ.*
Max.
Units
VISO
Input-Output Isolation Voltage
f = 60Hz, t = 1 sec
7500
Vac(pk)
RISO
Isolation Resistance
VI-O = 500 VDC
1011
CISO
Isolation Capacitance
VI-O = &, f = 1MHz
0.2
2
pF


Número de pieza similar - 4N27M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Lite-On Technology Corp...
4N27M LITEON-4N27M Datasheet
757Kb / 5P
   GENERAL PURPOSE TYPE PHOTOCOUPLER
logo
Fairchild Semiconductor
4N27M FAIRCHILD-4N27M Datasheet
135Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
4N27M FAIRCHILD-4N27M Datasheet
277Kb / 10P
   General Purpose 6-Pin Phototransistor Optocouplers
4N27M FAIRCHILD-4N27M Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
4N27M FAIRCHILD-4N27M Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
More results

Descripción similar - 4N27M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
MOC8204 FAIRCHILD-MOC8204 Datasheet
115Kb / 6P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Rohm
4N26-M ROHM-4N26-M Datasheet
614Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
4N27SM FAIRCHILD-4N27SM Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
4N35SVM FAIRCHILD-4N35SVM Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
4N35SR2M FAIRCHILD-4N35SR2M Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
TIL117M FAIRCHILD-TIL117M_09 Datasheet
273Kb / 11P
   General Purpose 6-Pin Phototransistor Optocouplers
H11A1VM FAIRCHILD-H11A1VM Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
4N37TVM FAIRCHILD-4N37TVM Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
H11A1SM FAIRCHILD-H11A1SM Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
4N25-M FAIRCHILD-4N25-M Datasheet
614Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com