Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF6715MPBF Datasheet(PDF) 4 Page - International Rectifier

No. de pieza IRF6715MPBF
Descripción Electrónicos  DirectFETPower MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF6715MPBF Datasheet(HTML) 4 Page - International Rectifier

  IRF6715MPBF_09 Datasheet HTML 1Page - International Rectifier IRF6715MPBF_09 Datasheet HTML 2Page - International Rectifier IRF6715MPBF_09 Datasheet HTML 3Page - International Rectifier IRF6715MPBF_09 Datasheet HTML 4Page - International Rectifier IRF6715MPBF_09 Datasheet HTML 5Page - International Rectifier IRF6715MPBF_09 Datasheet HTML 6Page - International Rectifier IRF6715MPBF_09 Datasheet HTML 7Page - International Rectifier IRF6715MPBF_09 Datasheet HTML 8Page - International Rectifier IRF6715MPBF_09 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IRF6715MPbF
4
www.irf.com
Fig 5. Typical Output Characteristics
Fig 4. Typical Output Characteristics
Fig 6. Typical Transfer Characteristics
Fig 7. Normalized On-Resistance vs. Temperature
Fig 8. Typical Capacitance vs.Drain-to-Source Voltage
Fig 9. Typical On-Resistance Vs.
Drain Current and Gate Voltage
0.1
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
0.001
0.01
0.1
1
10
100
1000
VGS
TOP
10V
5.0V
4.5V
4.0V
3.5V
3.0V
2.8V
BOTTOM
2.5V
≤60µs PULSE WIDTH
Tj = 25°C
2.5V
0.1
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
2.5V
≤60µs PULSE WIDTH
Tj = 150°C
VGS
TOP
10V
5.0V
4.5V
4.0V
3.5V
3.0V
2.8V
BOTTOM
2.5V
1
2
3
4
5
VGS, Gate-to-Source Voltage (V)
0.1
1
10
100
1000
TJ = 150°C
TJ = 25°C
TJ = -40°C
VDS = 15V
≤60µs PULSE WIDTH
-60 -40 -20 0 20 40 60 80 100 120 140 160
TJ , Junction Temperature (°C)
0.5
1.0
1.5
2.0
ID = 34A
VGS = 10V
VGS = 4.5V
1
10
100
VDS, Drain-to-Source Voltage (V)
100
1000
10000
100000
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, C ds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
0
40
80
120
160
200
ID, Drain Current (A)
0
4
8
12
16
20
TJ = 25°C
Vgs = 3.5V
Vgs = 4.0V
Vgs = 4.5V
Vgs = 5.0V
Vgs = 8.0V
Vgs = 10V


Número de pieza similar - IRF6715MPBF_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF6715MPBF IRF-IRF6715MPBF_15 Datasheet
282Kb / 9P
   Dual Sided Cooling Compatible
More results

Descripción similar - IRF6715MPBF_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF6716MPBF IRF-IRF6716MPBF_09 Datasheet
280Kb / 9P
   DirectFETPower MOSFET
IRF6725MPBF IRF-IRF6725MPBF_09 Datasheet
263Kb / 9P
   DirectFETPower MOSFET
IRF6717MPBF IRF-IRF6717MPBF Datasheet
250Kb / 9P
   DirectFETPower MOSFET
IRF6727MTRPBF IRF-IRF6727MTRPBF_09 Datasheet
264Kb / 9P
   DirectFETPower MOSFET
IRF6720S2TR1PBF IRF-IRF6720S2TR1PBF_09 Datasheet
279Kb / 10P
   DirectFETPower MOSFET
IRF6637 IRF-IRF6637 Datasheet
265Kb / 9P
   DirectFETPower MOSFET
IRF6674TRPBF IRF-IRF6674TRPBF_08 Datasheet
255Kb / 9P
   DirectFETPower MOSFET
IRF6721SPBF IRF-IRF6721SPBF Datasheet
274Kb / 9P
   DirectFETPower MOSFET
IRF6714MPBF IRF-IRF6714MPBF_09 Datasheet
261Kb / 9P
   DirectFETPower MOSFET
logo
Infineon Technologies A...
IRL40T209 INFINEON-IRL40T209 Datasheet
1Mb / 11P
   MOSFET IR MOSFET - StrongIRFETª
Rev. 2.0, 2018-05-05
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com