Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI2704-A10-GQ Datasheet(PDF) 9 Page - Silicon Laboratories

No. de pieza SI2704-A10-GQ
Descripción Electrónicos  EMI MITIGATING 2.1X 5 W CLASS D AUDIO AMPLIFIER
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI2704-A10-GQ Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button SI2704-A10-GQ Datasheet HTML 5Page - Silicon Laboratories SI2704-A10-GQ Datasheet HTML 6Page - Silicon Laboratories SI2704-A10-GQ Datasheet HTML 7Page - Silicon Laboratories SI2704-A10-GQ Datasheet HTML 8Page - Silicon Laboratories SI2704-A10-GQ Datasheet HTML 9Page - Silicon Laboratories SI2704-A10-GQ Datasheet HTML 10Page - Silicon Laboratories SI2704-A10-GQ Datasheet HTML 11Page - Silicon Laboratories SI2704-A10-GQ Datasheet HTML 12Page - Silicon Laboratories SI2704-A10-GQ Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
Si2704/05/06/07-A10
Rev. 0.6
9
Figure 1. Digital Audio Timing Parameters
Table 8. 2-Wire Control Interface Characteristics
(VIO = 1.62 to 3.6 V, TA = –20 to +85 °C, unless otherwise noted).
Parameter
Symbol
Test
Condition
Min
Typ
Max
Unit
SCLK Frequency
fSCL
0—
400
kHz
SCLK Low Time
tLOW
1.3
µs
SCLK High Time
tHIGH
0.6
µs
SCLK Input from SDIO Setup
(START)
tSU:STA
0.6
µs
SCLK Input to SDIO
↓ Hold (START)
tHD:STA
0.6
µs
SDIO Input to SCLK
↑ Setup
tSU:DAT
100
ns
SDIO Input to SCLK
↓ Hold
tHD:DAT
0—
900
ns
SDIO output delay
TPD:DAT
300
900
ns
SCLK input to SDIO
↑ Setup (STOP)
tSU:STO
0.6
µs
STOP to START Time
tBUF
1.3
µs
SDIO Output Fall Time
tf:OUT
——
250
ns
SDIO Input, SCLK Rise/Fall Time
tf:IN
tr:IN
——
300
ns
Capacitive Loading
Cb
——
50
pF
Pulse Width Rejected by Input Filter
tSP
——
50
ns


Número de pieza similar - SI2704-A10-GQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NTE Electronics
SI2700M100 NTE-SI2700M100 Datasheet
21Kb / 2P
   SNAP-IN MOUNT ALUMINUM ELECTROLYTIC
SI2700M16 NTE-SI2700M16 Datasheet
21Kb / 2P
   SNAP-IN MOUNT ALUMINUM ELECTROLYTIC
SI2700M160 NTE-SI2700M160 Datasheet
21Kb / 2P
   SNAP-IN MOUNT ALUMINUM ELECTROLYTIC
SI2700M200 NTE-SI2700M200 Datasheet
21Kb / 2P
   SNAP-IN MOUNT ALUMINUM ELECTROLYTIC
SI2700M25 NTE-SI2700M25 Datasheet
21Kb / 2P
   SNAP-IN MOUNT ALUMINUM ELECTROLYTIC
More results

Descripción similar - SI2704-A10-GQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
CCA029V1 STMICROELECTRONICS-CCA029V1 Datasheet
334Kb / 4P
   5 W 5 W class-D audio amplifier demonstration board based on the TDA7491LP
logo
NXP Semiconductors
SA58672 PHILIPS-SA58672 Datasheet
184Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 02-23 February 2009
SA58672 NXP-SA58672 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
SA58672 PHILIPS-SA58672_15 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
logo
Analog Devices
SSM4321 AD-SSM4321 Datasheet
459Kb / 24P
   Mono 2.9 W Class-D Audio Amplifier
logo
Texas Instruments
TPA032D04 TI-TPA032D04 Datasheet
350Kb / 24P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
SA58670 PHILIPS-SA58670 Datasheet
338Kb / 18P
   2.1 W/channel stereo Class D audio amplifier
Rev. 01-22 June 2007
logo
Texas Instruments
TPA3122D2 TI1-TPA3122D2_14 Datasheet
492Kb / 22P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1 TI1-TPA3007D1_17 Datasheet
654Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI1-TPA3107D2_16 Datasheet
1Mb / 33P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com