Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC1167 Datasheet(PDF) 9 Page - Infineon Technologies AG

No. de pieza TC1167
Descripción Electrónicos  32-Bit Single-Chip Microcontroller
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1167 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TC1167 Datasheet HTML 5Page - Infineon Technologies AG TC1167 Datasheet HTML 6Page - Infineon Technologies AG TC1167 Datasheet HTML 7Page - Infineon Technologies AG TC1167 Datasheet HTML 8Page - Infineon Technologies AG TC1167 Datasheet HTML 9Page - Infineon Technologies AG TC1167 Datasheet HTML 10Page - Infineon Technologies AG TC1167 Datasheet HTML 11Page - Infineon Technologies AG TC1167 Datasheet HTML 12Page - Infineon Technologies AG TC1167 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 127 page
background image
TC1167
Summary of Features
Data Sheet
5
V1.3, 2009-10
– 2 independent kernels (ADC0, ADC1)
– Analog supply voltage range from 3.3 V to 5 V (single supply)
– Performance for 12 bit resolution (@f
ADCI =10 MHz)
4 different FADC input channels
Extreme fast conversion, 21 cycles of
f
FADC clock (262.5 ns @ fFADC = 80 MHz)
– 10-bit A/D conversion (higher resolution can be achieved by averaging of
consecutive conversions in digital data reduction filter)
88 digital general purpose I/O lines (GPIO), 4 input lines
Digital I/O ports with 3.3 V capability
On-chip debug support for OCDS Level 1 (CPU, PCP, DMA, On Chip Bus)
Dedicated Emulation Device chip available (TC1767ED)
– multi-core debugging, real time tracing, and calibration
– four/five wire JTAG (IEEE 1149.1) or two wire DAP (Device Access Port) interface
Power Management System
Clock Generation Unit with PLL
Core supply voltage of 1.5 V
I/O voltage of 3.3 V
Full industrial temperature range: -40° to +85°C
Package variant: PG-LQFP-176-5


Número de pieza similar - TC1167

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
TC1163 INFINEON-TC1163 Datasheet
951Kb / 134P
   32-Bit Single-Chip Microcontroller TriCore
V1.0, Apr. 2008
TC1164 INFINEON-TC1164 Datasheet
951Kb / 134P
   32-Bit Single-Chip Microcontroller TriCore
V1.0, Apr. 2008
TC1165 INFINEON-TC1165 Datasheet
1Mb / 133P
   32-Bit Single-Chip Microcontroller TriCore
V1.0, Apr. 2008
TC1166 INFINEON-TC1166 Datasheet
1Mb / 133P
   32-Bit Single-Chip Microcontroller TriCore
V1.0, Apr. 2008
More results

Descripción similar - TC1167

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
V850E2 RENESAS-V850E2 Datasheet
2Mb / 88P
   32-bit Single-Chip Microcontroller
logo
Epson Company
S1C33L03 EPSON-S1C33L03 Datasheet
324Kb / 2P
   32-bit Single Chip Microcontroller
logo
Infineon Technologies A...
TC1736 INFINEON-TC1736 Datasheet
793Kb / 123P
   32-Bit Single-Chip Microcontroller
V1.1 2009-08
logo
Epson Company
S1C33209 EPSON-S1C33209 Datasheet
391Kb / 2P
   32-bit Single Chip Microcontroller
logo
Renesas Technology Corp
V850E2FL4-H RENESAS-V850E2FL4-H_15 Datasheet
2Mb / 80P
   32-bit Single-Chip Microcontroller
logo
Infineon Technologies A...
TC11IB INFINEON-TC11IB Datasheet
1Mb / 108P
   32-Bit Single-Chip Microcontroller
V2.3, Nov. 2003
logo
Panasonic Semiconductor
MN103SFM8K PANASONIC-MN103SFM8K Datasheet
486Kb / 25P
   32-bit Single-chip Microcontroller
MN103SJ7 PANASONIC-MN103SJ7 Datasheet
473Kb / 16P
   32-bit Single-chip Microcontroller
logo
Infineon Technologies A...
TC260 INFINEON-TC260 Datasheet
4Mb / 318P
   32-Bit Single-Chip Microcontroller
V 1.0, 2017-06
TC233 INFINEON-TC233 Datasheet
7Mb / 238P
   32-Bit Single-Chip Microcontroller
V 1.0, 2017-03
logo
Renesas Technology Corp
V850E2FL4-H RENESAS-V850E2FL4-H Datasheet
2Mb / 80P
   32-bit Single-Chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com