Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC1167 Datasheet(PDF) 11 Page - Infineon Technologies AG

No. de pieza TC1167
Descripción Electrónicos  32-Bit Single-Chip Microcontroller
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1167 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TC1167 Datasheet HTML 7Page - Infineon Technologies AG TC1167 Datasheet HTML 8Page - Infineon Technologies AG TC1167 Datasheet HTML 9Page - Infineon Technologies AG TC1167 Datasheet HTML 10Page - Infineon Technologies AG TC1167 Datasheet HTML 11Page - Infineon Technologies AG TC1167 Datasheet HTML 12Page - Infineon Technologies AG TC1167 Datasheet HTML 13Page - Infineon Technologies AG TC1167 Datasheet HTML 14Page - Infineon Technologies AG TC1167 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 127 page
background image
TC1167
Introduction
Data Sheet
7
V1.3, 2009-10
2
Introduction
This Data Sheet describes the Infineon TC1167, a 32-bit microcontroller DSP, based on
the Infineon TriCore Architecture.
2.1
About this Document
This document is designed to be read primarily by design engineers and software
engineers who need a detailed description of the interactions of the TC1167 functional
units, registers, instructions, and exceptions.
This TC1167 Data Sheet describes the features of the TC1167 with respect to the
TriCore Architecture. Where the TC1167 directly implements TriCore architectural
functions, this manual simply refers to those functions as features of the TC1167. In all
cases where this manual describes a TC1167 feature without referring to the TriCore
Architecture, this means that the TC1167 is a direct implementation of the TriCore
Architecture.
Where the TC1167 implements a subset of TriCore architectural features, this manual
describes the TC1167 implementation, and then describes how it differs from the TriCore
Architecture. Such differences between the TC1167 and the TriCore Architecture are
documented in the section covering each such subject.
2.1.1
Related Documentations
A complete description of the TriCore architecture is found in the document entitled
“TriCore Architecture Manual”. The architecture of the TC1167 is described separately
this way because of the configurable nature of the TriCore specification: Different
versions of the architecture may contain a different mix of systems components. The
TriCore architecture, however, remains constant across all derivative designs in order to
preserve compatibility.
This Data Sheets together with the “TriCore Architecture Manual” are required to
understand the complete TC1167 micro controller functionality.
2.1.2
Text Conventions
This document uses the following text conventions for named components of the
TC1167:
Functional units of the TC1167 are given in plain UPPER CASE. For example: “The
SSC supports full-duplex and half-duplex synchronous communication”.
Pins using negative logic are indicated by an overline. For example: “The external
reset pin, ESR0, has a dual function.”.
Bit
fields
and
bits
in
registers
are
in
general
referenced
as
“Module_Register name.Bit field” or “Module_Register name.Bit”. For example: “The
Current CPU Priority Number bit field CPU_ICR.CCPN is cleared”. Most of the


Número de pieza similar - TC1167

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
TC1163 INFINEON-TC1163 Datasheet
951Kb / 134P
   32-Bit Single-Chip Microcontroller TriCore
V1.0, Apr. 2008
TC1164 INFINEON-TC1164 Datasheet
951Kb / 134P
   32-Bit Single-Chip Microcontroller TriCore
V1.0, Apr. 2008
TC1165 INFINEON-TC1165 Datasheet
1Mb / 133P
   32-Bit Single-Chip Microcontroller TriCore
V1.0, Apr. 2008
TC1166 INFINEON-TC1166 Datasheet
1Mb / 133P
   32-Bit Single-Chip Microcontroller TriCore
V1.0, Apr. 2008
More results

Descripción similar - TC1167

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
V850E2 RENESAS-V850E2 Datasheet
2Mb / 88P
   32-bit Single-Chip Microcontroller
logo
Epson Company
S1C33L03 EPSON-S1C33L03 Datasheet
324Kb / 2P
   32-bit Single Chip Microcontroller
logo
Infineon Technologies A...
TC1736 INFINEON-TC1736 Datasheet
793Kb / 123P
   32-Bit Single-Chip Microcontroller
V1.1 2009-08
logo
Epson Company
S1C33209 EPSON-S1C33209 Datasheet
391Kb / 2P
   32-bit Single Chip Microcontroller
logo
Renesas Technology Corp
V850E2FL4-H RENESAS-V850E2FL4-H_15 Datasheet
2Mb / 80P
   32-bit Single-Chip Microcontroller
logo
Infineon Technologies A...
TC11IB INFINEON-TC11IB Datasheet
1Mb / 108P
   32-Bit Single-Chip Microcontroller
V2.3, Nov. 2003
logo
Panasonic Semiconductor
MN103SFM8K PANASONIC-MN103SFM8K Datasheet
486Kb / 25P
   32-bit Single-chip Microcontroller
MN103SJ7 PANASONIC-MN103SJ7 Datasheet
473Kb / 16P
   32-bit Single-chip Microcontroller
logo
Infineon Technologies A...
TC260 INFINEON-TC260 Datasheet
4Mb / 318P
   32-Bit Single-Chip Microcontroller
V 1.0, 2017-06
TC233 INFINEON-TC233 Datasheet
7Mb / 238P
   32-Bit Single-Chip Microcontroller
V 1.0, 2017-03
logo
Renesas Technology Corp
V850E2FL4-H RENESAS-V850E2FL4-H Datasheet
2Mb / 80P
   32-bit Single-Chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com