Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA8944AJ Datasheet(PDF) 10 Page - NXP Semiconductors

No. de pieza TDA8944AJ
Descripción Electrónicos  2 x 7 W BTL audio amplifier with DC gain control
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8944AJ Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA8944AJ Datasheet HTML 6Page - NXP Semiconductors TDA8944AJ Datasheet HTML 7Page - NXP Semiconductors TDA8944AJ Datasheet HTML 8Page - NXP Semiconductors TDA8944AJ Datasheet HTML 9Page - NXP Semiconductors TDA8944AJ Datasheet HTML 10Page - NXP Semiconductors TDA8944AJ Datasheet HTML 11Page - NXP Semiconductors TDA8944AJ Datasheet HTML 12Page - NXP Semiconductors TDA8944AJ Datasheet HTML 13Page - NXP Semiconductors TDA8944AJ Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Philips Semiconductors
TDA8944AJ
2 x 7 W BTL audio amplifier with DC gain control
Product data
Rev. 01 — 01 March 2002
10 of 20
9397 750 09433
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
VCC =12V
VCC = 12 V; no bandpass filter applied
(1) Po = 0.1 W
(2) Po =1W
Fig 8.
Total harmonic distortion as function of output
power.
Fig 9.
Total harmonic distortion as function of
frequency.
RL =8 Ω
(1) THD = 10%
(2) THD = 1%
RL =8 Ω
Fig 10. Output power as function of supply voltage.
Fig 11. Total power dissipation (worst-case) as
function of supply voltage.
handbook, halfpage
MGW594
Po (W)
10−2
10−1
110
102
10
1
10−1
THD
(%)
102
10−2
handbook, halfpage
MGW595
f (Hz)
10
102
103
104
105
THD
(%)
10
1
10−1
10−2
(2)
(1)
handbook, halfpage
Po
(W)
012
416
20
VCC (V)
8
0
16
12
4
8
MGW596
(2)
(1)
handbook, halfpage
Ptot
(W)
012
416
20
VCC (V)
8
0
20
12
16
4
8
MGW597


Número de pieza similar - TDA8944AJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8944 PHILIPS-TDA8944 Datasheet
580Kb / 21P
   2 x 7 W stereo Bridge Tied Load BTL audio amplifier
Rev. 02 -14 February 2000
TDA8944J PHILIPS-TDA8944J Datasheet
580Kb / 21P
   2 x 7 W stereo Bridge Tied Load BTL audio amplifier
Rev. 02 -14 February 2000
More results

Descripción similar - TDA8944AJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8946AJ NXP-TDA8946AJ Datasheet
405Kb / 20P
   2 x 15 W BTL audio amplifier with DC gain control
Rev. 01-01 March 2002
TDA7057AQ PHILIPS-TDA7057AQ Datasheet
116Kb / 16P
   2 x 8 W stereo BTL audio output amplifier with DC volume control
1998 Apr 07
SA58637 PHILIPS-SA58637_15 Datasheet
164Kb / 22P
   2 x 2.2 W BTL audio amplifier
Rev. 01-25 February 2008
TDA8542TS PHILIPS-TDA8542TS Datasheet
205Kb / 20P
   2 x 0.7 W BTL audio amplifier
1998 Mar 25
SA58632 PHILIPS-SA58632 Datasheet
185Kb / 26P
   2 x 2.2 W BTL audio amplifier
Rev. 01-27 June 2006
TDA8542 PHILIPS-TDA8542 Datasheet
162Kb / 20P
   2 x 1 W BTL audio amplifier
1998 Apr 01
SA58637 NXP-SA58637 Datasheet
155Kb / 22P
   2 X 2.2 W BTL audio amplifier
Rev. 01-25 February 2008
TDA8542AT PHILIPS-TDA8542AT Datasheet
207Kb / 20P
   2 x 1.5 W BTL audio amplifier
1998 Mar 25
TDA8944J PHILIPS-TDA8944J Datasheet
580Kb / 21P
   2 x 7 W stereo Bridge Tied Load BTL audio amplifier
Rev. 02 -14 February 2000
logo
Integral Corp.
ILA7056B INTEGRAL-ILA7056B Datasheet
390Kb / 7P
   5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com