Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL22424TFV14Z Datasheet(PDF) 9 Page - Intersil Corporation

No. de pieza ISL22424TFV14Z
Descripción Electrónicos  Dual Digitally Controlled Potentiometer (XDCP??
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22424TFV14Z Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL22424TFV14Z Datasheet HTML 5Page - Intersil Corporation ISL22424TFV14Z Datasheet HTML 6Page - Intersil Corporation ISL22424TFV14Z Datasheet HTML 7Page - Intersil Corporation ISL22424TFV14Z Datasheet HTML 8Page - Intersil Corporation ISL22424TFV14Z Datasheet HTML 9Page - Intersil Corporation ISL22424TFV14Z Datasheet HTML 10Page - Intersil Corporation ISL22424TFV14Z Datasheet HTML 11Page - Intersil Corporation ISL22424TFV14Z Datasheet HTML 12Page - Intersil Corporation ISL22424TFV14Z Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
FN6425.0
May 31, 2007
Typical Performance Curves
FIGURE 1. WIPER RESISTANCE vs TAP POSITION
[ I(RW) = VCC/RTOTAL ] FOR 10kΩ (W)
FIGURE 2. STANDBY ICC and IV- vs TEMPERATURE
FIGURE 3. DNL vs TAP POSITION IN VOLTAGE DIVIDER
MODE FOR 10k
Ω (W)
FIGURE 4. INL vs TAP POSITION IN VOLTAGE DIVIDER
MODE FOR 10k
Ω (W)
FIGURE 5. ZS ERROR vs TEMPERATURE
FIGURE 6. FS ERROR vs TEMPERATURE
0
10
20
30
40
50
60
70
80
0
50
100
150
200
250
TAP POSITION (DECIMAL)
T = +25ºC
T = -40ºC
T = +125ºC
-2.0
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
-40
0
40
80
120
TEMPERATURE (°C)
ICC
IV-
-0.50
-0.25
0
0.25
0.50
0
50
100
150
200
250
TAP POSITION (DECIMAL)
T = +25ºC
VCC = 2.25V
VCC = 5.5V
-0.50
-0.25
0
0.25
0.50
0
50
100
150
200
250
TAP POSITION (DECIMAL)
T = +25ºC
VCC = 5.5V
VCC = 2.25V
0
0.4
0.8
1.2
1.6
2.0
-40
0
40
80
120
TEMPERATURE (ºC)
VCC = 2.25V
VCC = 5.5V
50k
10k
-5
-4
-3
-2
-1
0
-40
0
40
80
120
TEMPERATURE (ºC)
VCC = 5.5V
10k
50k
VCC = 2.25V
ISL22424


Número de pieza similar - ISL22424TFV14Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL22424TFV14Z INTERSIL-ISL22424TFV14Z Datasheet
760Kb / 20P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
logo
Renesas Technology Corp
ISL22424TFV14Z RENESAS-ISL22424TFV14Z Datasheet
1Mb / 20P
   Dual Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power, SPI짰 Bus, 256 Taps
More results

Descripción similar - ISL22424TFV14Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL22323 INTERSIL-ISL22323 Datasheet
703Kb / 18P
   Dual Digitally Controlled Potentiometer XDCP
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
X93155 INTERSIL-X93155_08 Datasheet
201Kb / 8P
   Digitally Controlled Potentiometer(XDCP??
logo
Renesas Technology Corp
X9318 RENESAS-X9318 Datasheet
471Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Xicor Inc.
X9319 XICOR-X9319 Datasheet
344Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
X9C303 XICOR-X9C303 Datasheet
366Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9C103SZT1 INTERSIL-X9C103SZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com