Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL28130CEZ-T7 Datasheet(PDF) 5 Page - Intersil Corporation

No. de pieza ISL28130CEZ-T7
Descripción Electrónicos  Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28130CEZ-T7 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL28130CEZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL28130CEZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL28130CEZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL28130CEZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL28130CEZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL28130CEZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL28130CEZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL28130CEZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL28130CEZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
ISL28130, ISL28230, ISL28430
5
FN7623.1
December 16, 2010
Absolute Maximum Ratings
Thermal Information
Max Supply Voltage V+ to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .6.5V
Max Voltage VIN to GND . . . . . . . . . . . . . . . . . . . . (V- - 0.3V) to (V+ + 0.3V)V
Max Input Differential Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6.5V
Max Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20mA
Max Voltage VOUT to GND (10s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±3.0V
ESD Tolerance (ISL28130)
Human Body Model (Tested at JESD22-A114F) . . . . . . . . . . . . . . . 3000V
Machine Model (Tested at JESD22-A115B) . . . . . . . . . . . . . . . . . . . 200V
Charged Device Model (Tested at JESD22-C110D) . . . . . . . . . . . . 1500V
ESD Tolerance (ISL28230, ISL28430)
Human Body Model (Tested at JESD22-A114F) . . . . . . . . . . . . . . . 4000V
Machine Model (Tested at JESD22-A115B) . . . . . . . . . . . . . . . . . . . 400V
Charged Device Model (Tested at JESD22-C110D) . . . . . . . . . . . . 2000V
Latch-Up Passed Per JESD78B . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +125°C
Thermal Resistance (Typical)
θJA (°C/W)
θJC (°C/W)
5 Ld SOT-23 (Notes 5, 7) . . . . . . . . . . . . . . . . .
225
110
5 Ld SC70 (Notes 5, 7). . . . . . . . . . . . . . . . . . .
206
146
8 Ld SOIC (ISL28130) (Notes 5, 7) . . . . . . . . .
135
95
8 Ld MSOP (Notes 5, 7) . . . . . . . . . . . . . . . . . .
180
65
8 Ld SOIC (ISL28230) (Notes 5, 7). . . . . . . . .
125
90
8 Ld DFN (Notes 6, 8). . . . . . . . . . . . . . . . . . . .
53
12
14 Ld TSSOP (Notes 5, 7) . . . . . . . . . . . . . . . .
110
40
14 Ld SOIC (Notes 5, 7) . . . . . . . . . . . . . . . . . .
75
47
Maximum Storage Temperature Range . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
Temperature Range:
Full Grade Devices . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +125°C
Commercial Grade Devices. . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
5.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
6.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
7. For
θJC, the “case temp” location is taken at the package top center.
8. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications V+ = 5V, V- = 0V, VCM = 2.5V, TA = +25°C, RL = 10kΩ, unless otherwise specified. Boldface limits
apply over the operating temperature range, -40°C to +125°C.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 9)
TYP
MAX
(Note 9)
UNIT
DC SPECIFICATIONS
VOS
Input Offset Voltage
Vs = 1.65V to 5.5V
-40
±5
40
µV
-46.8
-
46.8
µV
TCVOS
Input Offset Voltage Temperature
Coefficient
-150
20
150
nV/°C
IOS
Input Offset Current
-
-60
-
pA
TCIOS
Input Offset Current Temperature
Coefficient
-0.11-
pA/°C
IB
Input Bias Current
T = 0°C to +70°C
-250
-
250
pA
-700
-
700
pA
Common Mode Input
Voltage Range
Guaranteed by CMRR
-0.1
-
5.1
V
CMRR
Common Mode Rejection Ratio
VCM = -0.1V to 5.1V
110
125
-
dB
105
--
dB
PSRR
Power Supply Rejection Ratio
Vs = 2.0V to 5.5V
105
138
-
dB
105
--
dB
VOH
Output Voltage Swing, High
4.950
4.981
-
V
VOL
Output Voltage Swing, Low
-
18
50
mV
AOL
Open Loop Gain
RL = 1MΩ
-150
-
dB
V+
Supply Voltage
Guaranteed by VOS
1.65
-
5.5
V


Número de pieza similar - ISL28130CEZ-T7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL28130CEZ-T7 INTERSIL-ISL28130CEZ-T7 Datasheet
903Kb / 17P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130CEZ-T7 INTERSIL-ISL28130CEZ-T7 Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
logo
Renesas Technology Corp
ISL28130CEZ-T7 RENESAS-ISL28130CEZ-T7 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28130CEZ-T7A INTERSIL-ISL28130CEZ-T7A Datasheet
903Kb / 17P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130CEZ-T7A INTERSIL-ISL28130CEZ-T7A Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
More results

Descripción similar - ISL28130CEZ-T7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL28130CHZ-T7 INTERSIL-ISL28130CHZ-T7 Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
ISL28130 INTERSIL-ISL28130_11 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130 INTERSIL-ISL28130_10 Datasheet
903Kb / 17P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28130 RENESAS-ISL28130 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28233I RENESAS-ISL28233I Datasheet
1Mb / 19P
   Dual Micropower, Zero-Drift, RRIO Operational Amplifiers
November 17, 2011
logo
Intersil Corporation
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28114 INTERSIL-ISL28114_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28114 RENESAS-ISL28114 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28233 INTERSIL-ISL28233_10 Datasheet
1Mb / 23P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com