Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL25700FRUZ-TK Datasheet(PDF) 5 Page - Intersil Corporation

No. de pieza ISL25700FRUZ-TK
Descripción Electrónicos  Programmable Temperature Controlled MOSFET Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL25700FRUZ-TK Datasheet(HTML) 5 Page - Intersil Corporation

  ISL25700FRUZ-TK Datasheet HTML 1Page - Intersil Corporation ISL25700FRUZ-TK Datasheet HTML 2Page - Intersil Corporation ISL25700FRUZ-TK Datasheet HTML 3Page - Intersil Corporation ISL25700FRUZ-TK Datasheet HTML 4Page - Intersil Corporation ISL25700FRUZ-TK Datasheet HTML 5Page - Intersil Corporation ISL25700FRUZ-TK Datasheet HTML 6Page - Intersil Corporation ISL25700FRUZ-TK Datasheet HTML 7Page - Intersil Corporation ISL25700FRUZ-TK Datasheet HTML 8Page - Intersil Corporation ISL25700FRUZ-TK Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
ISL25700
5
FN6885.0
September 3, 2010
Absolute Maximum Ratings
Thermal Information
Voltage at any Digital Interface Pin
with respect to GND. . . . . . . . . . . . . . . . . . . . -0.3V to 6V
VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +16.5V
ESD Rating
Human Body Model (Tested per JESD22-A114F) . . . . . 5kV
Machine Model (Tested per JESD22-A115B) . . . . . . . 200V
Latchup. . . . . . . . . . . . . . . . . . .Class II, Level A at +125°C
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
10 Ld μTQFN Package (Note 4, 5) .
135
75
Storage Temperature . . . . . . . . . . . . . . . -65°C to +150°C
Maximum Junction Temperature (Plastic Package) . . +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Temperature Range (Full-range Industrial) . . . . -40°C to +125°C
VDD. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3V to 15V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact
product reliability and result in failures not covered by warranty.
NOTES:
4. θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief
TB379 for details.
5. For θJC the “case temp” location is the center on the top of package.
Analog Specifications Over recommended operating conditions unless otherwise stated. Boldface limits apply over
the operating temperature range, -40°C to +125°C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 13)
TYP
(Note 6)
MAX
(Note 13) UNITS
TSET
Temperature Set Point
TSET must be above
ambient
MIN
40
°C
MAX
110
°C
Temperature Set Point Accuracy 3 sigma standard deviation
±3
°C
TSET_COARSE Coarse Adjustment of Set Point RTH = 100k @ +25°C,
B25/85 = 4100k (Note 14)
15
°C
TSET_FINE
Fine Adjustment of Set Point
0.1
°C
TSET_FINE_INL
(Note 9)
Fine Control Integral
Non-linearity
-2.5
±0.9
+2.5
LSB
(Note 7)
TSET_FINE_DNL
(Note 8)
Fine Control Differential
Non-linearity
-2
±0.5
+2
LSB
(Note 7)
TDRIFT
Long-term Drift of Set Point
1000h, Reg.1 = x2h, Reg.2 = 80h,
Reg.3 = 90h
±0.5
°C
ITH
Thermistor Current Range
25
40
55
μA
RTH
NTC Thermistor Range
Resistance @ +25°C
20
100
200
VOUT
External P-MOSFET Gate Voltage IOUT = 0μA
0.25
VDD
V
VOUT Swing @ Fixed VDD
IOUT = 0μA
MIN
VDD - 2.5
V
IOUT
Output Current
7
μA
VSENSE
Overcurrent Protection Set Point VSENSE = ISENSE x RSENSE;
see Table 3
200 to 1750
mV
GENERAL PURPOSE DAC (MEASUREMENTS BETWEEN GND AND VDAC)
VDAC MAX
Maximum DAC Output
Using internal VREF, VDD ≤ 5V, No
load, Gain = 1
2
2.5
V
VDD > 5V, No load, Gain = 2
4
5.0
V
INL
(Note 9)
Integral Non-Linearity
No load
-1
±0.4
+1
LSB
(Note 7)
DNL
(Note 8)
Differential Non-linearity
No load
-0.75
±0.3
+0.75
LSB
(Note 7)


Número de pieza similar - ISL25700FRUZ-TK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL25700FRUZ-TK RENESAS-ISL25700FRUZ-TK Datasheet
973Kb / 18P
   Programmable Temperature Controlled MOSFET Driver
More results

Descripción similar - ISL25700FRUZ-TK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL25700 RENESAS-ISL25700 Datasheet
973Kb / 18P
   Programmable Temperature Controlled MOSFET Driver
logo
Allegro MicroSystems
A3985 ALLEGRO-A3985 Datasheet
446Kb / 15P
   Digitally Programmable Dual Full-Bridge MOSFET Driver
logo
Linear Technology
LT3597 LINER-LT3597 Datasheet
441Kb / 24P
   60V Triple Step-Down LED Driver Programmable Temperature Protection
logo
Maxim Integrated Produc...
MAX16816 MAXIM-MAX16816 Datasheet
341Kb / 33P
   Programmable Switch-Mode LED Driver with Analog-Controlled PWM Dimming
Rev 0; 1/08
logo
Texas Instruments
LP5522 TI1-LP5522 Datasheet
797Kb / 17P
[Old version datasheet]   Programmable LED Driver
logo
National Semiconductor ...
LP5522 NSC-LP5522 Datasheet
255Kb / 14P
   Programmable LED Driver
logo
List of Unclassifed Man...
MN2020 ETC-MN2020 Datasheet
973Kb / 6P
   Digitally Controlled Programmable-Gain Amplifier
logo
Epson Company
VG7050EAN EPSON-VG7050EAN Datasheet
427Kb / 3P
   Programmable Voltage Controlled Oscillator (VCXO)
VG7050ECN-SM20T007 EPSON-VG7050ECN-SM20T007 Datasheet
808Kb / 3P
   Programmable Voltage Controlled Oscillator (VCXO)
logo
API Technologies Corp
MN2020 APITECH-MN2020 Datasheet
979Kb / 6P
   Digitally Controlled Programmable-Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com