Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDD3860 Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza FDD3860
Descripción Electrónicos  N-Channel PowerTrench MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD3860 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDD3860 Datasheet HTML 1Page - Fairchild Semiconductor FDD3860 Datasheet HTML 2Page - Fairchild Semiconductor FDD3860 Datasheet HTML 3Page - Fairchild Semiconductor FDD3860 Datasheet HTML 4Page - Fairchild Semiconductor FDD3860 Datasheet HTML 5Page - Fairchild Semiconductor FDD3860 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
©2008 Fairchild Semiconductor Corporation
FDD3860 Rev.C1
Electrical Characteristics T
J = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain to Source Breakdown Voltage
ID = 250µA, VGS = 0V
100
V
∆BV
DSS
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250µA, referenced to 25°C
98
mV/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 80V, VGS = 0V
1
µA
IGSS
Gate to Source Leakage Current
VGS = ±20V, VDS = 0V
±100
nA
On Characteristics
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = 250µA
2.5
3.8
4.5
V
∆V
GS(th)
∆T
J
Gate to Source Threshold Voltage
Temperature Coefficient
ID = 250µA, referenced to 25°C
-11.4
mV/°C
rDS(on)
Static Drain to Source On Resistance
VGS = 10V, ID = 5.9A
29
36
m
VGS = 10V, ID = 5.9A, TJ = 125°C
51
64
gFS
Forward Transconductance
VDS = 10V, ID = 5.9A
20
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 50V, VGS = 0V,
f = 1MHz
1310
1740
pF
Coss
Output Capacitance
100
130
pF
Crss
Reverse Transfer Capacitance
45
70
pF
Rg
Gate Resistance
f = 1MHz
1.6
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 50V, ID = 5.9A,
VGS = 10V, RGEN = 6Ω
16
29
ns
tr
Rise Time
10
21
ns
td(off)
Turn-Off Delay Time
24
39
ns
tf
Fall Time
7
15
ns
Qg
Total Gate Charge at 10V
VDD = 50V, ID = 5.9A
22
31
nC
Qgs
Gate to Source Charge
7.1
nC
Qgd
Gate to Drain “Miller” Charge
6.3
nC
Drain-Source Diode Characteristics
VSD
Source to Drain Diode Forward Voltage
VGS = 0V, IS = 2.0A
(Note 2)
0.7
1.2
V
VGS = 0V, IS = 5.9A
(Note 2)
0.8
1.3
trr
Reverse Recovery Time
IF = 5.9A, di/dt = 100A/µs
34
55
ns
Qrr
Reverse Recovery Charge
40
64
nC
Notes:
1: RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins.
RθJC is guaranteed by design while RθJA is determined by the user’s board design.
2: Pulse Test: Pulse Width < 300
µs, Duty cycle < 2.0%.
3: Starting TJ = 25°C, L = 3mH, IAS = 9A, VDD = 100V, VGS = 10V.
40°C/W when mounted on a
1 in2 pad of 2 oz copper
96°C/W
when
mounted
on a minimum pad.
a)
b)


Número de pieza similar - FDD3860

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDD3860 FAIRCHILD-FDD3860 Datasheet
335Kb / 6P
   N-Channel PowerTrench MOSFET 100V, 29A, High performance trench technology for extremely low
logo
Inchange Semiconductor ...
FDD3860 ISC-FDD3860 Datasheet
299Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - FDD3860

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDD8896 FAIRCHILD-FDD8896 Datasheet
130Kb / 11P
   N-Channel PowerTrench MOSFET
FDD5680 FAIRCHILD-FDD5680 Datasheet
83Kb / 4P
   N-Channel, PowerTrench??MOSFET
FDD20AN06_F085 FAIRCHILD-FDD20AN06_F085 Datasheet
325Kb / 11P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDD86369 ONSEMI-FDD86369 Datasheet
1Mb / 8P
   N-Channel PowerTrench MOSFET
January, 2017, Rev. 1.0
logo
Fairchild Semiconductor
FDMS86152 FAIRCHILD-FDMS86152 Datasheet
258Kb / 7P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDWS86380_F085 ONSEMI-FDWS86380_F085 Datasheet
528Kb / 8P
   N-Channel PowerTrench MOSFET
December, 2016, Rev. 1.0
logo
Fairchild Semiconductor
FDP8876 FAIRCHILD-FDP8876 Datasheet
303Kb / 6P
   N-Channel PowerTrench MOSFET
FDB8441 FAIRCHILD-FDB8441 Datasheet
307Kb / 7P
   N-Channel PowerTrench MOSFET
FDD13AN06A0 FAIRCHILD-FDD13AN06A0 Datasheet
281Kb / 11P
   N-Channel PowerTrench MOSFET
FDP8874 FAIRCHILD-FDP8874 Datasheet
264Kb / 10P
   N-Channel PowerTrench MOSFET
FDS8984 FAIRCHILD-FDS8984_10 Datasheet
446Kb / 6P
   N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com