Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FM21LD16-60-BG Datasheet(PDF) 6 Page - Ramtron International Corporation

No. de pieza FM21LD16-60-BG
Descripción Electrónicos  2Mbit F-RAM Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RAMTRON [Ramtron International Corporation]
Página de inicio  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM21LD16-60-BG Datasheet(HTML) 6 Page - Ramtron International Corporation

Back Button FM21LD16-60-BG Datasheet HTML 2Page - Ramtron International Corporation FM21LD16-60-BG Datasheet HTML 3Page - Ramtron International Corporation FM21LD16-60-BG Datasheet HTML 4Page - Ramtron International Corporation FM21LD16-60-BG Datasheet HTML 5Page - Ramtron International Corporation FM21LD16-60-BG Datasheet HTML 6Page - Ramtron International Corporation FM21LD16-60-BG Datasheet HTML 7Page - Ramtron International Corporation FM21LD16-60-BG Datasheet HTML 8Page - Ramtron International Corporation FM21LD16-60-BG Datasheet HTML 9Page - Ramtron International Corporation FM21LD16-60-BG Datasheet HTML 10Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
FM21LD16 - 128Kx16 FRAM
Rev. 1.0
Dec. 2009
Page 6 of 14
Figure 2. Write-Protect State Machine
For example, the following sequence write-protects addresses from 0C000h to 13FFFh (sectors 3 & 4):
Address
Data
Read
12555h
-
Read
1DAAAh
-
Read
01333h
-
Read
0ECCCh
-
Read
000FFh
-
Read
1FF00h
-
Write 1DAAAh
18h
; bits 3 & 4 = 1
Write 0ECCCh
E7h
; complement of 18h
Write 0FF00h
-
; Data is don’t care
Read
00000h
-
; return to Normal Operation


Número de pieza similar - FM21LD16-60-BG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ramtron International C...
FM21LD16-60-BG RAMTRON-FM21LD16-60-BG Datasheet
277Kb / 15P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM21LD16-60-BG CYPRESS-FM21LD16-60-BG Datasheet
438Kb / 15P
   2Mbit F-RAM Memory
logo
Ramtron International C...
FM21LD16-60-BGTR RAMTRON-FM21LD16-60-BGTR Datasheet
277Kb / 15P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM21LD16-60-BGTR CYPRESS-FM21LD16-60-BGTR Datasheet
438Kb / 15P
   2Mbit F-RAM Memory
More results

Descripción similar - FM21LD16-60-BG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ramtron International C...
FM21L16 RAMTRON-FM21L16_11 Datasheet
292Kb / 15P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM21LD16 CYPRESS-FM21LD16 Datasheet
438Kb / 15P
   2Mbit F-RAM Memory
logo
Ramtron International C...
FM21LD16 RAMTRON-FM21LD16_11 Datasheet
277Kb / 15P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM28V202 CYPRESS-FM28V202 Datasheet
479Kb / 18P
   2Mbit (128Kx16)F-RAM Memory
logo
Ramtron International C...
FM22LD16 RAMTRON-FM22LD16_09 Datasheet
215Kb / 14P
   4Mbit F-RAM Memory
logo
Cypress Semiconductor
FM22LD16 CYPRESS-FM22LD16 Datasheet
434Kb / 14P
   4Mbit F-RAM Memory
FM22LD16 CYPRESS-FM22LD16_13 Datasheet
424Kb / 15P
   4Mbit F-RAM Memory
logo
Ramtron International C...
FM21L16 RAMTRON-FM21L16 Datasheet
224Kb / 14P
   2Mbit FRAM Memory
FM22LD16 RAMTRON-FM22LD16 Datasheet
211Kb / 14P
   4Mbit F-RAM Memory
logo
Cypress Semiconductor
FM23MLD16 CYPRESS-FM23MLD16 Datasheet
220Kb / 13P
   8Mbit F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com