Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FM1105 Datasheet(PDF) 2 Page - Ramtron International Corporation

No. de pieza FM1105
Descripción Electrónicos  Nonvolatile 5V Dual State Saver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RAMTRON [Ramtron International Corporation]
Página de inicio  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM1105 Datasheet(HTML) 2 Page - Ramtron International Corporation

  FM1105 Datasheet HTML 1Page - Ramtron International Corporation FM1105 Datasheet HTML 2Page - Ramtron International Corporation FM1105 Datasheet HTML 3Page - Ramtron International Corporation FM1105 Datasheet HTML 4Page - Ramtron International Corporation FM1105 Datasheet HTML 5Page - Ramtron International Corporation FM1105 Datasheet HTML 6Page - Ramtron International Corporation FM1105 Datasheet HTML 7Page - Ramtron International Corporation FM1105 Datasheet HTML 8Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
FM1105 - Automotive Temp.
Rev. 3.0
Apr. 2009
Page 2 of 8
Block Diagram and Truth Table
INPUTS
OUTPUT
Qn
EN
CLK
Dn
H
L
L
H
H
H
H
H or L
X
Q0
L
X
X
Hi-Z
L
Low voltage level
H
High voltage level
X
Don’t Care
CLK rising edge
Q0 Previous output state before CLK ↑
Pin Descriptions
Pin Name
I/O
Description
D0, D1
Input
Data inputs
Q0, Q1
Output
Data outputs
CLK
Input
Clock: On a rising edge of CLK, the DN inputs are transferred to the QN outputs. While
CLK is high or low, the QN outputs do not change regardless of the state of the data
inputs. See truth table.
EN
Input
Enable. This active-high input enables the device. When low, inputs are ignored and
updates to the nonvolatile cells are prevented. When high, the device operates
normally.
VDD
Supply
Power Supply (4.5V to 5.5V)
VSS
Supply
Ground
NV
State
Saver
CLK
DN
QN
EN


Número de pieza similar - FM1105

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ramtron International C...
FM1105 RAMTRON-FM1105 Datasheet
117Kb / 8P
   Nonvolatile 5V Dual State Saver
More results

Descripción similar - FM1105

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ramtron International C...
FM1105 RAMTRON-FM1105 Datasheet
117Kb / 8P
   Nonvolatile 5V Dual State Saver
FM1110 RAMTRON-FM1110 Datasheet
259Kb / 8P
   Nonvolatile 5V Quad State Saver
FM1107 RAMTRON-FM1107 Datasheet
117Kb / 8P
   Nonvolatile 3V Dual State Saver
FM1106 RAMTRON-FM1106 Datasheet
117Kb / 8P
   Nonvolatile 3V Dual State Saver
FM1106 RAMTRON-FM1106_09 Datasheet
121Kb / 8P
   Nonvolatile 3V Dual State Saver
FM1112 RAMTRON-FM1112 Datasheet
116Kb / 8P
   Nonvolatile 3V Quad State Saver
FM1114 RAMTRON-FM1114 Datasheet
116Kb / 8P
   Nonvolatile 3V Quad State Saver
logo
Glenair, Inc.
891-016 GLENAIR-891-016 Datasheet
635Kb / 2P
   Dual Row Nano Connector Saver
942-021 GLENAIR-942-021 Datasheet
225Kb / 2P
   Connector Saver
logo
Mallory performance clu...
PN8984 MALLORY-PN8984 Datasheet
240Kb / 2P
   Starter Saver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com