Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5243 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

No. de pieza 1N5243
Descripción Electrónicos  ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EIC [EIC discrete Semiconductors]
Página de inicio  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

1N5243 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  1N5243 Datasheet HTML 1Page - EIC discrete Semiconductors 1N5243 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics
Rating at 25
°C ambient temperature unless otherwise specified
Nominal Zener
Test
Maximum Reverse
Typical
Maximum
Voltage
Current
Impedance
(1)
Leakage Current
Temperature
Regulator
Type
ZZK @
Coefficient
Current
(2)
IZK = 0.25mA
α
VZ(%/ °C)
IZM
(V)
(mA)
(Ω)(Ω)(μA)
(V)
(mA)
1N5221
2.4
20
30
1200
100
1.0
-0.085
190
1N5222
2.5
20
30
1250
100
1.0
-0.085
182
1N5223
2.7
20
30
1300
75
1.0
-0.080
168
1N5224
2.8
20
30
1400
75
1.0
-0.080
162
1N5225
3.0
20
29
1600
50
1.0
-0.075
152
1N5226
3.3
20
28
1600
25
1.0
-0.070
138
1N5227
3.6
20
24
1700
15
1.0
-0.065
126
1N5228
3.9
20
23
1900
10
1.0
-0.060
115
1N5229
4.3
20
22
2000
5.0
1.0
± 0.055
106
1N5230
4.7
20
19
1900
5.0
2.0
±
0.030
97
1N5231
5.1
20
17
1600
5.0
2.0
±
0.030
89
1N5232
5.6
20
11
1600
5.0
3.0
+0.038
81
1N5233
6.0
20
7
1600
5.0
3.5
+0.038
76
1N5234
6.2
20
7
1000
5.0
4.0
+0.045
73
1N5235
6.8
20
5
750
3.0
5.0
+0.050
67
1N5236
7.5
20
6
500
3.0
6.0
+0.058
61
1N5237
8.2
20
8
500
3.0
6.5
+0.062
55
1N5238
8.7
20
8
600
3.0
6.5
+0.065
52
1N5239
9.1
20
10
600
3.0
7.0
+0.068
50
1N5240
10
20
17
600
3.0
8.0
+0.075
45
1N5241
11
20
22
600
2.0
8.4
+0.076
41
1N5242
12
20
30
600
1.0
9.1
+0.077
38
1N5243
13
9.5
13
600
0.5
9.9
+0.079
35
1N5244
14
9.0
15
600
0.1
10
+0.082
32
1N5245
15
8.5
16
600
0.1
11
+0.082
30
1N5246
16
7.8
17
600
0.1
12
+0.083
28
1N5247
17
7.4
19
600
0.1
13
+0.084
27
1N5248
18
7.0
21
600
0.1
14
+0.085
25
1N5249
19
6.6
23
600
0.1
14
+0.086
24
1N5250
20
6.2
25
600
0.1
15
+0.086
23
1N5251
22
5.6
29
600
0.1
17
+0.087
21
1N5252
24
5.2
33
600
0.1
18
+0.088
19.1
1N5253
25
5.0
35
600
0.1
19
+0.089
18.2
1N5254
27
4.6
41
600
0.1
21
+0.090
16.8
1N5255
28
4.5
44
600
0.1
21
+0.091
16.2
1N5256
30
4.2
49
600
0.1
23
+0.091
15.1
1N5257
33
3.8
58
700
0.1
25
+0.092
13.8
1N5258
36
3.4
70
700
0.1
27
+0.093
12.6
1N5259
39
3.2
80
800
0.1
30
+0.094
11.6
1N5260
43
3.0
93
900
0.1
33
+0.095
10.6
1N5261
47
2.7
105
1000
0.1
36
+0.095
9.7
1N5262
51
2.5
125
1100
0.1
39
+0.096
8.9
1N5263
56
2.2
150
1300
0.1
43
+0.096
-
1N5264
60
2.1
170
1400
0.1
46
+0.097
-
1N5265
62
2.0
185
1400
0.1
47
+0.097
-
1N5266
68
1.8
230
1600
0.1
52
+0.097
-
1N5267
75
1.7
270
1700
0.1
56
+0.098
-
Notes :
(1) The Zener impedance is derived from the 1 kHz AC voltage which results when an AC current having an RMS value equal
to 10% of the Zener current
(IZT or IZK) is superimposed on IZT or IZK. Zener impedance is measured at two points to insur
a sharp knee on the breakdown curve and to eliminate unstable units
(2) Valid provided that leads at a distance of 10 mm from case are kept at ambient temperature
(3) Standard Zener voltage tolerance is ± 10%. Add suffix “B” for ± 5% tolerance.
Page 2 of 2
Rev. 03 : July 17, 2006
IR @ VR
Maximum Zener
VZ @ IZT
IZT
ZZT @ IZT
Certificate TH97/10561QM
Certificate TW00/17276EM


Número de pieza similar - 1N5243

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Surge Components
1N5243 SURGE-1N5243 Datasheet
88Kb / 2P
   SILICON PLANAR ZENER DIODES?
logo
Daya Electric Group Co....
1N5243 DAYA-1N5243 Datasheet
112Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Nantong Hornby Electron...
1N5243 HORNBY-1N5243 Datasheet
571Kb / 6P
   SILICON ZENER DIODES
logo
Seme LAB
1N5243 SEME-LAB-1N5243 Datasheet
15Kb / 2P
   ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
logo
Jinan Jingheng (Group) ...
1N5243 JINANJINGHENG-1N5243 Datasheet
383Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
More results

Descripción similar - 1N5243

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com