Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA17000M Datasheet(PDF) 2 Page - Sanyo Semicon Device

No. de pieza LA17000M
Descripción Electrónicos  Tuner System IC with Built-in PLL for Car Audio Applications
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA17000M Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA17000M Datasheet HTML 1Page - Sanyo Semicon Device LA17000M Datasheet HTML 2Page - Sanyo Semicon Device LA17000M Datasheet HTML 3Page - Sanyo Semicon Device LA17000M Datasheet HTML 4Page - Sanyo Semicon Device LA17000M Datasheet HTML 5Page - Sanyo Semicon Device LA17000M Datasheet HTML 6Page - Sanyo Semicon Device LA17000M Datasheet HTML 7Page - Sanyo Semicon Device LA17000M Datasheet HTML 8Page - Sanyo Semicon Device LA17000M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
LA17000M
No. 6522-2/54
Maximum Ratings at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC1 max
Pins 6, 56, and 77
8.7
V
VCC2 max
Pins 7, 61, 70, 75, and 76
12.0
V
VDD max
Pin 19
6.0
V
Allowable power dissipation
Pd max
Ta
≤ 85°C, * With board
950
mW
Operating temperature
Topr
–40 to +85
°C
Storage temperature
Tstg
–40 to 150
°C
* Specified board: 114.3
× 76.1 × 1.6 mm3, glass epoxy
Operating Conditions at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
Pins 6, 7, 56, 61, 70, 75, 76, and 77
8.0
V
Pin 19
5.0
V
Operating supply voltage range
VCC op
7.5 to 8.5
V
VDD op
4.5 to 5.5
V
Tuner Block
Operating Characteristics at Ta = 25°C, VCC = 8.0 V, VDD = 5.0 V, in the specified Test Circuit
Parameter
Symbol
Conditions
Ratings
min
typ
max
Unit
[FM characteristics] FM IF input
Current drain
ICCO-FM
No input, I56 + I61 + I70 + I75 + I76 + I79
60
98
110
mA
Demodulated output
220
330
445
mVrms
Channel balance
CB
–1
0
+1
dB
Total harmonic distortion
THD-FMmono 10.7 MHz, 100 dB
µV, 1 kHz, 100% mod, pin 15
0.4
1
%
Signal-to-noise ratio IF
S/N-FM IF
10.7 MHz, 100 dB
µV, 1 kHz, 100% mod, pin 15
75
82
dB
AM suppression ratio IF
AMR IF
55
68
dB
Muting attenuation
Att-1
3
8
13
dB
Att-2
13
18
23
dB
Att-3
26
31
36
dB
Separation
Separation
25
35
dB
Stereo ON level
ST-ON
Pilot modulation at which V17 < 0.5 V
4.1
6.6
%
Stereo OFF level
ST-OFF
Pilot modulation at which V17 > 3.5 V
1.2
3.1
%
Main total harmonic distortion
THD-Main L
0.4
1.2
%
Pilot cancellation
PCAN
12
22
dB
SNC output attenuation
AttSNC
1
5
9
dB
HCC output attenuation
AttHCC-1
1
5
9
dB
AttHCC-2
6
10
14
dB
Continued on next page.
10.7 MHz, 100 dB
µV, 1 kHz, 100%mod,
pin 15 output
10.7 MHz, 100 dB
µV, 1 kHz,
ratio of pin15 and pin 16
10.7 MHz, 100 dB
µ, 1 kHz, fm = 1 kHz, pin 15
at 30% AM
10.7 MHz, 100 dB
µV, 1 kHz, attenuation on
pin 15 when V49 = 0
→ 2 V
10.7 MHz, 100 dB
µV, 1 kHz, attenuation on
pin 15 when V49 = 0
→ 2 V *Note 1
10.7 MHz, 100 dB
µV, 1 kHz, attenuation on
pin 15 when V49 = 0
→ 2 V *Note 2
10.7 MHz, 100 dB
µ, L + R = 90%,
pilot = 10%, pin 15 output ratio
10.7 MHz, 100 dB
µV, L + R = 90%,
pilot = 10%, pin 15
10.7 MHz, 100 dB
µV, pilot = 10%,
pin 15 signal/PILOT-LEVEL leak DIN AUDIO
10.7 MHz, 100 dB
µV, L – R = 90%,
pilot = 10%, V44 = 3 V
→ 0.6 V, pin 15
10.7 MHz, 100 dB
µV, 10 kHz, L + R = 90%,
pilot = 10%, V45 = 3 V
→ 0.6 V, pin 15
10.7 MHz, 100 dB
µV, 10 kHz, L + R = 90%,
pilot = 10%, V45 = 3 V
→ 0.1 V, pin 15


Número de pieza similar - LA17000M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
LA17 ETC1-LA17 Datasheet
220Kb / 2P
   10 TO 1000 MHz TO-8 CASCADABLE LIMITING AMPLIFIER
logo
Tyco Electronics
LA17 MACOM-LA17 Datasheet
436Kb / 3P
   Cascadable Amplifier 10 to 1000 MHz
logo
M/A-COM Technology Solu...
LA17 MA-COM-LA17 Datasheet
1Mb / 3P
   Cascadable Amplifier 10 to 1000 MHz
logo
LIGITEK electronics co....
LA171B-3G-PF LIGITEK-LA171B-3G-PF Datasheet
108Kb / 6P
   LED ARRAY
LA171B-GGH-PF LIGITEK-LA171B-GGH-PF Datasheet
126Kb / 7P
   LED ARRAY
More results

Descripción similar - LA17000M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
AN18164B PANASONIC-AN18164B Datasheet
273Kb / 8P
   Car Radio FM/AM tuner IC built-in PLL synthesizer
logo
Sanyo Semicon Device
LV23100V SANYO-LV23100V Datasheet
317Kb / 12P
   For Portable Audio System 1-chip Tuner IC Incorporating PLL
logo
KEC(Korea Electronics)
KIA6035P KEC-KIA6035P Datasheet
210Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (AM TUNER SYSTEM FOR CAR AUDIO)
logo
STMicroelectronics
TDA7512F STMICROELECTRONICS-TDA7512F Datasheet
633Kb / 45P
   FM car-radio tuner IC with intelligent selectivity system (ISS)
logo
Rohm
BD3827K ROHM-BD3827K Datasheet
220Kb / 6P
   SCF built-in sound processor for car audio
BD3801FS ROHM-BD3801FS Datasheet
210Kb / 6P
   SCF built-in sound processor for car audio
BD3805F ROHM-BD3805F Datasheet
204Kb / 6P
   SCF built-in sound processor for car audio
BD3426K ROHM-BD3426K Datasheet
217Kb / 6P
   SCF built-in sound processor for car audio
logo
NEC
UPD1723GF-013 NEC-UPD1723GF-013 Datasheet
1Mb / 80P
   PLL FREQUENCY SYNTHESIZER AND CONTROLLER FOR FM/MW/LF TUNER CAR AUDIO
logo
Sanyo Semicon Device
LV23401V SANYO-LV23401V Datasheet
601Kb / 24P
   For Home Stereo System 1-chip Tuner IC Incorporating PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com