Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA1824 Datasheet(PDF) 6 Page - Sanyo Semicon Device

No. de pieza LA1824
Descripción Electrónicos  Single Chip Tuner IC for Use in Radio/Cassette Products with Manual Tuning
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1824 Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LA1824 Datasheet HTML 2Page - Sanyo Semicon Device LA1824 Datasheet HTML 3Page - Sanyo Semicon Device LA1824 Datasheet HTML 4Page - Sanyo Semicon Device LA1824 Datasheet HTML 5Page - Sanyo Semicon Device LA1824 Datasheet HTML 6Page - Sanyo Semicon Device LA1824 Datasheet HTML 7Page - Sanyo Semicon Device LA1824 Datasheet HTML 8Page - Sanyo Semicon Device LA1824 Datasheet HTML 9Page - Sanyo Semicon Device LA1824 Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
LA1824
No.6855-6/10
Pin Descriptions and Quiescent Voltage at VCC = 4.5 V
Pin
Quiescent
number
Function
voltage (V)
Equivalent circuit
Remarks
AM
FM
1
AM-RF input
1.3
1.3
Connect the AM antenna coil
between this pin and pin 2 (Reg)
2
Reg
1.3
1.3
Connect the AM oscillator coil
3
AM-OSC
4.5
4.5
between this pin and pin 4
(VCC1)
4VCC1
4.5
4.5
AM/FM-IF/MPX block VCC
Connect the FM mixer coil
5
FM-MIX output
4.5
4.5
between this pin and pin 4
(VCC1)
6
GND1
0
0
AM/FM-IF/MPX block GND
Connect the AM mixer coil
7
AM-MIX output
4.5
4.5
between this pin and pin 4
(VCC1)
ILA00307
1
2
ILA00308
2
ILA00309
3
4
ILA00385
4
5
ILA00386
7
4


Número de pieza similar - LA1824

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA1824 SANYO-LA1824 Datasheet
112Kb / 10P
   Single Chip Tuner IC for Use in Radio/Cassette Products with Manual Tuning
LA1824 SANYO-LA1824_09 Datasheet
112Kb / 10P
   Single Chip Tuner IC for Use in Radio/Cassette Products with Manual Tuning
More results

Descripción similar - LA1824

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA1824 SANYO-LA1824_09 Datasheet
112Kb / 10P
   Single Chip Tuner IC for Use in Radio/Cassette Products with Manual Tuning
LA1828 SANYO-LA1828 Datasheet
153Kb / 13P
   Single-Chip Tuner IC for Portable Radio /Cassette Recorders with Manual Tuning
LA1823 SANYO-LA1823 Datasheet
1Mb / 10P
   Single-Chip Tuner IC for Use in Radio Cassette Recorder
LA1823 SANYO-LA1823_06 Datasheet
139Kb / 12P
   Single-Chip Tuner ICs for Use in Radio Cassette Recorder
LA1823 SANYO-LA1823_09 Datasheet
104Kb / 12P
   Single-Chip Tuner ICs for Use in Radio Cassette Recorder
LV23000M SANYO-LV23000M Datasheet
144Kb / 14P
   Single-Chip Tuner IC for Radio/Cassette Players
LA1827M SANYO-LA1827M Datasheet
347Kb / 12P
   Single-Chip Tuner IC for Portable Radio/Cassette Recorders
logo
Toshiba Semiconductor
TC9309F-106 TOSHIBA-TC9309F-106 Datasheet
164Kb / 4P
   SINGLE CHIP DIGITAL TUNING SYSTEM FOR CD RADIO CASSETTE
TC9309AF-119 TOSHIBA-TC9309AF-119 Datasheet
163Kb / 4P
   SINGLE CHIP DIGITAL TUNING SYSTEM FOR CD RADIO CASSETTE
TC9309AF-112 TOSHIBA-TC9309AF-112 Datasheet
163Kb / 4P
   SINGLE CHIP DIGITAL TUNING SYSTEM FOR CD RADIO CASSETTE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com