Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF7304QPBF Datasheet(PDF) 4 Page - International Rectifier

No. de pieza IRF7304QPBF
Descripción Electrónicos  HEXFET POWER MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF7304QPBF Datasheet(HTML) 4 Page - International Rectifier

  IRF7304QPBF_10 Datasheet HTML 1Page - International Rectifier IRF7304QPBF_10 Datasheet HTML 2Page - International Rectifier IRF7304QPBF_10 Datasheet HTML 3Page - International Rectifier IRF7304QPBF_10 Datasheet HTML 4Page - International Rectifier IRF7304QPBF_10 Datasheet HTML 5Page - International Rectifier IRF7304QPBF_10 Datasheet HTML 6Page - International Rectifier IRF7304QPBF_10 Datasheet HTML 7Page - International Rectifier IRF7304QPBF_10 Datasheet HTML 8Page - International Rectifier IRF7304QPBF_10 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IRF7304QPbF
www.irf.com
4
Fig 7. Typical Source-Drain Diode
ForwardVoltage
Fig 8. Maximum Safe Operating Area
Fig 5. Typical Capacitance Vs.
Drain-to-SourceVoltage
Fig 6. Typical Gate Charge Vs.
Gate-to-SourceVoltage
0
500
1000
1500
1
10
100
A
DS
-V
, Drain-to-Source Voltage (V)
V
= 0V,
f = 1MHz
C
= C
+ C
, C
SHORTED
C
= C
C
= C
+ C
GS
iss
gs
gd
ds
rss
gd
oss
ds
gd
Ciss
Coss
Crss
0
2
4
6
8
10
0
5
10
15
20
25
G
A
FOR TEST CIRCUIT
SEE FIGURE 12
Q , Total Gate Charge (nC)
I = -2.2A
V
= -16V
D
DS
0.1
1
10
100
0.3
0.6
0.9
1.2
1.5
T = 25°C
T = 150°C
J
J
V
= 0V
GS
SD
A
-V
, Source-to-Drain Voltage (V)
1
10
100
1
10
100
OPERATION IN THIS AREA LIMITED
BY RDS(on)
Single Pulse
T
T
= 150 C
= 25 C
°
°
J
A
-V
, Drain-to-Source Voltage (V)
DS
1ms
10ms


Número de pieza similar - IRF7304QPBF_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7304QPBF IRF-IRF7304QPBF Datasheet
252Kb / 9P
   HEXFET Power MOSFET
More results

Descripción similar - IRF7304QPBF_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com