Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N2880-220M Datasheet(PDF) 1 Page - Seme LAB

No. de pieza 2N2880-220M
Descripción Electrónicos  NPN POWER SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEME-LAB [Seme LAB]
Página de inicio  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N2880-220M Datasheet(HTML) 1 Page - Seme LAB

  2N2880-220M Datasheet HTML 1Page - Seme LAB 2N2880-220M Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N2880-220M
MECHANICAL DATA
Dimensions in mm (inches)
2.54
BSC
10.41
10.67
3.56
3.81
Dia.
0.70
0.90
2.65
2.75
0.89
1.14
4.70
5.00
1 2 3
TO–220M (TO-257AB) – Metal Package
NPN POWER
SILICON TRANSISTOR
FOR HI–REL
APPLICATIONS
FEATURES
• HERMETICALLY SEALED TO–220 METAL
PACKAGE
• ALL LEADS ISOLATED FROM CASE
• CECC, JAN AND SPACE LEVEL
SCREENING OPTIONS AVAILABLE
Pad 1 – Base
Pad 2 – Collector
Pad 3 – Emitter
VCBO
Collector – Base Maximum Voltage
VCEO
Collector – Emitter Maximum Voltage
VEBO
Emitter – Base Maximum Voltage
IC
Maximum Continious Collector Current
IB
Maximum Continious Base Current
PTOT
Power Dissipation @ TC = 100°C
Linear Derating Factor > TC = 100°C
TJ , Tstg
Operating and Storage Temperature Range
RθJC
Thermal Resistance Junction to Case
110V
80V
8.0V
5.0A
500mA
20W
0.2W/°C
–65°C to 200°C
5.0°C/W max.
ABSOLUTE MAXIMUM RATINGS (TC = 25°C unless otherwise stated)
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Document Number 5550
Issue 2
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk


Número de pieza similar - 2N2880-220M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
2N2880 MICROSEMI-2N2880 Datasheet
85Kb / 3P
   5 Amp, 80V, Planar, NPN Power Transistors JAN,JTX,JANTXV,JANS
2N2880 MICROSEMI-2N2880 Datasheet
64Kb / 2P
   PNP POWER SILICON TRANSISTOR
logo
General Semiconductor
2N2880 GE-2N2880 Datasheet
163Kb / 2P
   NPN SILICON HIGH-POWER TRANSISTORS
logo
Microsemi Corporation
2N2880 MICROSEMI-2N2880 Datasheet
45Kb / 2P
   NPN POWER SILICON TRANSISTOR
logo
New Jersey Semi-Conduct...
2N2880 NJSEMI-2N2880 Datasheet
98Kb / 2P
   20 STERN AVE.
More results

Descripción similar - 2N2880-220M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
   Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
NEC
2SC3568 NEC-2SC3568 Datasheet
172Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
BUW46 SEME-LAB-BUW46 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SC2752 NEC-2SC2752 Datasheet
188Kb / 4P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
SDT96305 SEME-LAB-SDT96305 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SD1818 NEC-2SD1818 Datasheet
196Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Transys Electronics
BUL791 TRSYS-BUL791 Datasheet
873Kb / 6P
   NPN SILICON POWER TRANSISTOR
logo
Siemens Semiconductor G...
BU326A SIEMENS-BU326A Datasheet
69Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Boca Semiconductor Corp...
2N3441 BOCA-2N3441 Datasheet
100Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
Central Semiconductor C...
CZT5338 CENTRAL-CZT5338 Datasheet
101Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
AUK corp
STD13003L AUK-STD13003L Datasheet
271Kb / 3P
   NPN Silicon Power Transistor
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com