Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BFY81 Datasheet(PDF) 2 Page - Seme LAB

No. de pieza BFY81
Descripción Electrónicos  SILICON DUAL MATCHED NPN TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEME-LAB [Seme LAB]
Página de inicio  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BFY81 Datasheet(HTML) 2 Page - Seme LAB

  BFY81 Datasheet HTML 1Page - Seme LAB BFY81 Datasheet HTML 2Page - Seme LAB BFY81 Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SILICON DUAL MATCHED
NPN TRANSISTORS
BFY81
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 8502
Issue 1
Page 2 of 3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise stated) Per Side
Symbols
Parameters
Test Conditions
Min.
Typ.
Max.
Units
V(BR)CBO
Collector-Base Breakdown
Voltage
IC = 10µA
IE = 0
45
V(BR)CEO
(1)
Collector-Emitter
Breakdown Voltage
IC = 10mA
IB = 0
45
V(BR)EBO
Emitter-Base Breakdown
Voltage
IE = 10µA
IC = 0
6
V
VCB = 40V
IE = 0
10
nA
ICBO
Collector Cut-Off Current
TA = 150°C
10
µ
A
IEBO
Emitter-Cut-Off Current
VEB = 5V
IC = 0
10
ICEO
Collector-Cut-Off Current
VCE = 5V
IB = 0
10
nA
VCE(sat)
(1)
Collector-Emitter
Saturation Voltage
IC = 1.0mA
IB = 0.1mA
0.35
VBE(on)
Base-Emitter On Voltage
IC = 100µA
VCE = 5V
0.7
V
IC = 10µA
VCE = 5V
60
IC = 100µA
VCE = 5V
100
hFE
(1)
Forward-current transfer
ratio
IC = 1.0mA
VCE = 5V
150
ELECTRICAL MATCHING CHARACTERISTICS
2
FE
h
1
FE
h
(2)
Forward-current transfer
ratio (gain ratio)
IC = 100µA
VCE = 5V
0.8
1.0
|VBE1-VBE2|
Base-Emitter Voltage
Differential
IC = 100µA
VCE = 5V
10
mV
|∆(VBE1-VBE2)∆TA|
(3)
Base-Emitter Voltage
Differential Change Due
To Temperature
IC = 100µA
VCE = 5V
25
µ
V/°C
DYNAMIC CHARACTERISTICS
IC = 500µA
VCE = 5V
| hfe |
Small signal forward-
current transfer ratio
f = 30MHz
2
VCB = 5V
IE = 0
Cobo
Output Capacitance
f = 1.0MHz
6
pF
IC = 10µA
VCE = 5V
NF
(3)
Noise Figure
f = 1.0KHz
4
dB
Notes
Notes
Notes
Notes
(1)
Pulse Width ≤ 300us, δ ≤ 2%
(2)
The lower of the two readings is taken as hFE1
(3)
By design only, not a production test


Número de pieza similar - BFY81

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
BFY81 ETC-BFY81 Datasheet
54Kb / 1P
   Dual, High-Gain, Low-noise, low-current type
logo
TT Electronics.
BFY81 TTELEC-BFY81 Datasheet
177Kb / 3P
   SILICON DUAL MATCHED NPN TRANSISTORS
logo
Motorola, Inc
BFY81 MOTOROLA-BFY81 Datasheet
70Kb / 1P
   Multiple Small-Signal Transistors
logo
Seme LAB
BFY81DCSM SEME-LAB-BFY81DCSM Datasheet
19Kb / 1P
   Dual Bipolar NPN Devices.
More results

Descripción similar - BFY81

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TT Electronics.
BFY81 TTELEC-BFY81 Datasheet
177Kb / 3P
   SILICON DUAL MATCHED NPN TRANSISTORS
logo
Central Semiconductor C...
CMLT5088EM CENTRAL-CMLT5088EM Datasheet
685Kb / 2P
   SURFACE MOUNT DUAL, MATCHED NPN SILICON TRANSISTORS
CMLT8099M CENTRAL-CMLT8099M Datasheet
678Kb / 2P
   SURFACE MOUNT DUAL, MATCHED NPN SILICON TRANSISTORS
CMKT5089M10 CENTRAL-CMKT5089M10_10 Datasheet
498Kb / 2P
   SURFACE MOUNT DUAL NPN SILICON MATCHED hFE TRANSISTORS
CMKT5089M10 CENTRAL-CMKT5089M10_15 Datasheet
498Kb / 2P
   SURFACE MOUNT DUAL NPN SILICON MATCHED hFE TRANSISTORS
logo
TT Electronics.
2N3810DCSM TTELEC-2N3810DCSM Datasheet
635Kb / 4P
   SILICON DUAL MATCHED PNP TRANSISTORS
logo
Seme LAB
2N3810DCSM SEME-LAB-2N3810DCSM_09 Datasheet
635Kb / 4P
   SILICON DUAL MATCHED PNP TRANSISTORS
logo
Central Semiconductor C...
CMKT5089M10 CENTRAL-CMKT5089M10 Datasheet
123Kb / 2P
   SURFACE MOUNT ULTRAmini DUAL NPN SILICON MATCHED hFE TRANSISTORS
logo
New Jersey Semi-Conduct...
2N4044 NJSEMI-2N4044 Datasheet
238Kb / 2P
   DUAL MONOLITHIC MATCHED NPN SILICON
2N4045 NJSEMI-2N4045 Datasheet
148Kb / 1P
   DUAL MONOLITHIC MATCHED NPN SILICON
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com