Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DMD1006 Datasheet(PDF) 4 Page - Seme LAB

No. de pieza DMD1006
Descripción Electrónicos  ROHS COMPLIANT METAL GATE RF SILICON FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEME-LAB [Seme LAB]
Página de inicio  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

DMD1006 Datasheet(HTML) 4 Page - Seme LAB

  DMD1006 Datasheet HTML 1Page - Seme LAB DMD1006 Datasheet HTML 2Page - Seme LAB DMD1006 Datasheet HTML 3Page - Seme LAB DMD1006 Datasheet HTML 4Page - Seme LAB DMD1006 Datasheet HTML 5Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DMD1006
DMD1006-A
Document Number 6755
Issue 2
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
0
5
10
15
20
25
30
35
40
0.00
5.00
10.00
15.00
20.00
25.00
30.00
35.00
VDS (V)
IDS (A)
Vg=13 V
Vg=12 V
Vg=11 V
Vg=10 V
Vg=9V
Vg=8 V
Vg=7 V
Vg=6 V
Vg=5 V
1
10
100
1000
0
5
10
15
20
25
30
Vds V
Output capacitance
Input Capacitance
Reverse transfer capacitance
Figure 4 – Typical IV Characteristics.
Figure 5 – Typical CV Characteristics.


Número de pieza similar - DMD1006

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seme LAB
DMD1009 SEME-LAB-DMD1009 Datasheet
89Kb / 5P
   ROHS COMPLIANT METAL GATE RF SILICON FET
DMD1009-A SEME-LAB-DMD1009-A Datasheet
89Kb / 5P
   ROHS COMPLIANT METAL GATE RF SILICON FET
More results

Descripción similar - DMD1006

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seme LAB
D2009UK SEME-LAB-D2009UK Datasheet
31Kb / 2P
   ROHS COMPLIANT METAL GATE RF SILICON FET
D5002UK SEME-LAB-D5002UK Datasheet
69Kb / 5P
   ROHS COMPLIANT METAL GATE RF SILICON FET
D5029UK SEME-LAB-D5029UK Datasheet
62Kb / 4P
   ROHS COMPLIANT METAL GATE RF SILICON FET
DMD1028 SEME-LAB-DMD1028 Datasheet
90Kb / 5P
   ROHS COMPLIANT METAL GATE RF SILICON FET
DMD1012 SEME-LAB-DMD1012 Datasheet
32Kb / 2P
   ROHS COMPLIANT METAL GATE RF SILICON FET
DMD1010 SEME-LAB-DMD1010 Datasheet
87Kb / 5P
   ROHS COMPLIANT METAL GATE RF SILICON FET
DMD5029 SEME-LAB-DMD5029 Datasheet
32Kb / 2P
   ROHS COMPLIANT METAL GATE RF SILICON FET
D5001UK SEME-LAB-D5001UK Datasheet
75Kb / 5P
   ROHS COMPLIANT METAL GATE RF SILICON FET
D2018UK SEME-LAB-D2018UK Datasheet
34Kb / 2P
   ROHS COMPLIANT METAL GATE RF SILICON FET
D5006UK SEME-LAB-D5006UK Datasheet
32Kb / 2P
   ROHS COMPLIANT METAL GATE RF SILICON FET
DMD5028 SEME-LAB-DMD5028 Datasheet
105Kb / 5P
   ROHS COMPLIANT METAL GATE RF SILICON FET
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com