Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA4275 Datasheet(PDF) 1 Page - Sanyo Semicon Device

No. de pieza LA4275
Descripción Electrónicos  6.0 W AF Power Amplifier for Home Stereo, TV Use
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4275 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA4275 Datasheet HTML 1Page - Sanyo Semicon Device LA4275 Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
6.0 W AF Power Amplifier
for Home Stereo, TV Use
Features
.
Small-sized package of 7-pin SIP
.
High power and low distortion
PO = 6.0 WatVCC =25 V,RL =8 Ω,
f = 1 kHz, THD = 1.0%
THD = 0.1% at VCC =25 V,RL =8 Ω,
f = 1 kHz, PO =2 W
.
Minimum number of external parts required (no bootstrap
capacitor required)
.
Low pop noise at the time of power switch ON/OFF
.
Excellent ripple rejection (55 dB typ.)
.
Wide operating voltage range (10 V to 32 V)
.
Protector against abnormalities built in (thermal shutdown,
overvoltage)
Package Dimensions
unit : mm
3075-SIP7H
[LA4275]
SANYO : SIP7H
Specifications
Maximum Ratings at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
Quiescent
35
V
Maximum output current
IO peak
3.5
A
Allowable power dissipation
Pd max
With heat sink
10
W
Operating temperature
Topr
–20 to +75
°C
Storage temperature
Tstg
–40 to +150
°C
Operating Conditions at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
25
V
Operating voltage range
VCC op
10 to 32
V
Recommended load resistance
RL
8to16
Operating Characteristics at Ta = 25°C, VCC =25 V,RL =8 Ω,f=1 kHz, Rg = 600 Ω,
See specified Test Circuit.
Parameter
Symbol
Conditions
min
typ
max
Unit
Quiescent current
ICCO
Quiescent
30
60
mA
Voltage gain
VG
38
40
42
dB
Output power
PO
THD = 1%
5.0
6.0
W
Total harmonic distortion
THD
PO = 2 W
0.1
0.8
%
Output noise voltage
VNO
Rg=10 k
Ω, BW = 20 Hz to 20 kHz
0.25
1.0
mV
Ripple rejection
SVRR
Rg = 10 k
Ω,fR = 100 Hz, VR = 0 dBm
45
55
dB
Ordering number: EN 2237B
Monolithic Linear IC
LA4275
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
O3096HA(II)/D228YT/8016KI/O155KI,TS No.2237-1/2


Número de pieza similar - LA4275

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA4270 SANYO-LA4270 Datasheet
324Kb / 10P
   6W Dual-Channel AF Power Amp
LA4270 SANYO-LA4270 Datasheet
49Kb / 1P
   2-CHANNEL AF POWER AMP FOR TAPE RECORDER RADIO
LA4276 SANYO-LA4276 Datasheet
75Kb / 6P
   3 W 2-Channel Power Amplifier
LA4277 SANYO-LA4277 Datasheet
79Kb / 6P
   5 W 2-Channel Power Amplifier
LA4278 SANYO-LA4278 Datasheet
74Kb / 6P
   10 W 2-Channel Power Amplifier
More results

Descripción similar - LA4275

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA4282 SANYO-LA4282 Datasheet
151Kb / 6P
   2-Channel 10 W AF Power Amplifier for Use in Home Stereo, TV Applications
LA4280 SANYO-LA4280 Datasheet
64Kb / 3P
   2-Channel 10W AF Power Amp for Home Stereo, TV Use
LA4631VC SANYO-LA4631VC Datasheet
427Kb / 7P
   For Home Audio Use 2-Channel SE AF Power Amplifier
logo
ON Semiconductor
LA4631VC-XE ONSEMI-LA4631VC-XE Datasheet
307Kb / 7P
   2-Channel SE AF Power Amplifier for Home Audio Use
May, 2013
logo
List of Unclassifed Man...
2SD733 ETC-2SD733 Datasheet
94Kb / 1P
   For AF Power Amplifier Use
2SD315 ETC-2SD315 Datasheet
25Kb / 1P
   For AF Power Amplifier Use
logo
Princeton Technology Co...
PT2315E PTC-PT2315E Datasheet
173Kb / 5P
   Stereo Audio Processor for Home TV Audio
PT2314E PTC-PT2314E_10 Datasheet
177Kb / 5P
   Stereo Audio Processor for Home/TV Audio
PT2315E PTC-PT2315E_10 Datasheet
172Kb / 5P
   Stereo Audio Processor for Home TV Audio
PT2314E PTC-PT2314E Datasheet
177Kb / 5P
   Stereo Audio Processor for Home/TV Audio
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com