Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM117-220M Datasheet(PDF) 2 Page - Seme LAB

No. de pieza LM117-220M
Descripción Electrónicos  POSITIVE ADJUSTABLE VOLTAGE REGULATOR IN
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEME-LAB [Seme LAB]
Página de inicio  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

LM117-220M Datasheet(HTML) 2 Page - Seme LAB

  LM117-220M Datasheet HTML 1Page - Seme LAB LM117-220M Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LM117-220M
LM117SMD9
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
prelim. 5/00
Line Regulation
Load Regulation
Adjust Pin Current
Adjust Pin Current Change
Reference Voltage
(between pin 3 and pin 1)
Output Voltage
Temperature Stability
Minimum Load Current
Maximum Load Current
Output Noise
(percentage of VO)
Supply Voltage Rejection (*)
ELECTRICAL CHARACTERISTICS (VI – VO = 5V, IO = 500mA, unless otherwise stated)
VI – VO = 3 to 40V
VO £ 5V
IO = 10mA to 1.5 A
VO ³ 5V
IO = 10mA to 1.5A
VI – VO = 2.5 to 40V
IO = 10mA to 1.5A
VI – VO = 3 to 40V
IO = 10mA to 1.5A
VO – VO = 40V
VI – VO £ 15V
VI – VO = 40V
Tj = 25°C, 10Hz to 10kHz
Tj = 25°C
f = 100Hz
Tj = 25°C
Tj = 25°C
Tj = 25°C
0.01
0.02
0.02
0.05
515
20
50
0.1
0.3
0.3
1
50
100
3.5
5
1.5
2.2
0.4
65
66
80
0.003
Parameter
CADJ = 0
CADJ = 10mF
Test Conditions
Min.
Typ.
Max.
Unit.
0.2
5
1.2
1.25
1.3
1
(*) CADJ is connected between pin 1 and ground.
THERMAL DATA
RTHj–case
Thermal Resistance Junction – Case
Max. 3°C / W
RTHj–amb
Thermal Resistance Junction – Ambient
Max. 50°C / W
DVO
DVO
IADJ
DIADJ
VREF
DVO
VO
IO(min)
IO(max)
eN
SVR
% / V
mV
%
mA
mA
V
%
mA
A
%
dB


Número de pieza similar - LM117-220M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
logo
STMicroelectronics
LM117 STMICROELECTRONICS-LM117 Datasheet
99Kb / 11P
   1.2V TO 37V VOLTAGE REGULATOR
logo
Seme LAB
LM117 SEME-LAB-LM117 Datasheet
42Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR FOR HI-REL APPLICATIONS
logo
STMicroelectronics
LM117 STMICROELECTRONICS-LM117 Datasheet
1,023Kb / 25P
   1.2 V to 37 V adjustable voltage regulators
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
1,013Kb / 28P
   3-Terminal Adjustable Regulator
More results

Descripción similar - LM117-220M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SeCoS Halbleitertechnol...
SELM317 SECOS-SELM317 Datasheet
650Kb / 4P
   Positive Adjustable Voltage Regulator
logo
TT Electronics.
IP117K TTELEC-IP117K Datasheet
301Kb / 7P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Seme LAB
IP117R SEME-LAB-IP117R Datasheet
166Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117SMD05 SEME-LAB-IP117SMD05_10 Datasheet
412Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117G SEME-LAB-IP117G Datasheet
805Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117SMD SEME-LAB-IP117SMD Datasheet
501Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Austin Semiconductor
AS117R AUSTIN-AS117R Datasheet
254Kb / 11P
   Positive Adjustable Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM317L HTC-LM317L Datasheet
93Kb / 3P
   ADJUSTABLE VOLTAGE REGULATOR (POSITIVE)
logo
Seme LAB
IP117SMD SEME-LAB-IP117SMD_10 Datasheet
496Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
TT Electronics.
IP117SMD TTELEC-IP117SMD Datasheet
496Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com