Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FME270-461 Datasheet(PDF) 7 Page - Interpoint Corporation Company

No. de pieza FME270-461
Descripción Electrónicos  Attenuation to 50 dB at 500 kHz Operating temperature -55째 to 125째C
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERPOINT [Interpoint Corporation Company]
Página de inicio  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FME270-461 Datasheet(HTML) 7 Page - Interpoint Corporation Company

Back Button FME270-461 Datasheet HTML 3Page - Interpoint Corporation Company FME270-461 Datasheet HTML 4Page - Interpoint Corporation Company FME270-461 Datasheet HTML 5Page - Interpoint Corporation Company FME270-461 Datasheet HTML 6Page - Interpoint Corporation Company FME270-461 Datasheet HTML 7Page - Interpoint Corporation Company FME270-461 Datasheet HTML 8Page - Interpoint Corporation Company FME270-461 Datasheet HTML 9Page - Interpoint Corporation Company FME270-461 Datasheet HTML 10Page - Interpoint Corporation Company FME270-461 Datasheet HTML 11Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
3.45 (87.6) Reference
(lead center to lead center)
0.000
0.120 (3.05)
0.250 (6.35)
0.450 (11.43)
0.650 (16.51)
0.850 (21.59)
1.050 (26.67)
1.250 (31.75)
1.380 (35.05)
0.128 dia
(3.25)
0.040 dia
(1.02)
TOP VIEW CASE V*
Flanged case, down leaded
*Designator "V" required in Case Option position of model number.
1
2
3
4
5
6
12
11
10
9
8
7
Maximum dimensions: 3.005 x 1.505 (76.33 x 38.23 mm)
Angled corner
indicates pin one.
Case dimensions in inches (mm)
Tolerance ±0.005 (0.13) for three decimal places
±0.01 (0.3) for two decimal places
unless otherwise specified
CAUTION
Heat from reflow or wave soldering may damage the device. Solder pins
individually with heat application not exceeding 300°C for 10 seconds per pin.
Materials
Header
Cold Rolled Steel/Nickel/Gold
Cover
Kovar/Nickel
Pins
#52 alloy/Gold, compresssion glas seal
Seal Hole: 0.120 ±0.002 (3.05 ±0.05)
Case V, Rev E, 20100106
Please refer to the numerical dimensions for accuracy. All information is believed to
be accurate, but no responsibility is assumed for errors or omissions. Interpoint
reserves the right to make changes in products or specifications without notice.
Copyright © 1999-2009 Interpoint Corp. All rights reserved.
Seam Seal
FIguRe 5: case v - FMe270-461v
Crane Aerospace & Electronics Power Solutions
www.interpoint.com
Page 7 of 11
FMe270-461 eMi input Filters – cases
270 Volt input – 1.5 aMp
FME270RevB-20100226


Número de pieza similar - FME270-461

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Interpoint Corporation ...
FME270-461 INTERPOINT-FME270-461 Datasheet
238Kb / 16P
   EMI INPUT FILTERS 28 & 270 VOLT INPUT
logo
Crane Aerospace & Elect...
FME270-461 CRANE-FME270-461 Datasheet
239Kb / 16P
   EMI INPUT FILTERS 28 & 270 VOLT INPUT
logo
Interpoint Corporation ...
FME270-461/883 INTERPOINT-FME270-461/883 Datasheet
238Kb / 16P
   EMI INPUT FILTERS 28 & 270 VOLT INPUT
logo
Crane Aerospace & Elect...
FME270-461/883 CRANE-FME270-461/883 Datasheet
239Kb / 16P
   EMI INPUT FILTERS 28 & 270 VOLT INPUT
FME270-461V CRANE-FME270-461V Datasheet
239Kb / 16P
   EMI INPUT FILTERS 28 & 270 VOLT INPUT
More results

Descripción similar - FME270-461

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Interpoint Corporation ...
FMCE-0328 INTERPOINT-FMCE-0328 Datasheet
1Mb / 10P
   Attenuation to 60 db at 500 kHz, typical Operating temperature -55째 to 125째C
FMCE-0528 INTERPOINT-FMCE-0528 Datasheet
934Kb / 10P
   Attenuation to 60 dB at 500 kHz, typical Operating temperature -55째 to 125째C
FMD28-461 INTERPOINT-FMD28-461_10 Datasheet
807Kb / 8P
   Attenuation to 50 dB at 500 kHz Up to 7 A throughput current
MHV283R3S INTERPOINT-MHV283R3S_10 Datasheet
1Mb / 19P
   Operating temperature -55째 to 125째C Input voltage range 16 to 50 VDC
FMCE-0828 INTERPOINT-FMCE-0828 Datasheet
1Mb / 11P
   Attenuation to 60 dB at 500 kHz, typical MIL-STD-461C CE03
SMFL283R3S INTERPOINT-SMFL283R3S_10 Datasheet
787Kb / 15P
   Operating temperature -55째 to 125째C Qualified to MIL-PRF-38534 Class H and K
SFMC28-461 INTERPOINT-SFMC28-461 Datasheet
833Kb / 11P
   Operating temperature -55째 to 125째C Qualified to MIL-PRF-38534 Class H and K
FMCE-1528 INTERPOINT-FMCE-1528 Datasheet
1Mb / 13P
   Attenuation to 70 dB at 500 kHz, typical Transient rating -0.5 to 80 V for 1 second
FM-461 INTERPOINT-FM-461_10 Datasheet
536Kb / 9P
   Attenuation 40 dB from 110 kHz to 50 MHz Transient suppression
logo
Microsemi Corporation
JANTX1N6761UR-1 MICROSEMI-JANTX1N6761UR-1 Datasheet
45Kb / 2P
   Operating Temperature: -55째C to 125째C, Storage Temperature: -55째C to 150째C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com