Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA4536M Datasheet(PDF) 2 Page - Sanyo Semicon Device

No. de pieza LA4536M
Descripción Electrónicos  5V CD Headphone-stereo Power Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4536M Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA4536M Datasheet HTML 1Page - Sanyo Semicon Device LA4536M Datasheet HTML 2Page - Sanyo Semicon Device LA4536M Datasheet HTML 3Page - Sanyo Semicon Device LA4536M Datasheet HTML 4Page - Sanyo Semicon Device LA4536M Datasheet HTML 5Page - Sanyo Semicon Device LA4536M Datasheet HTML 6Page - Sanyo Semicon Device LA4536M Datasheet HTML 7Page - Sanyo Semicon Device LA4536M Datasheet HTML 8Page - Sanyo Semicon Device LA4536M Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LA4536M
No.4033–2/9
Equivalent Circuit Block Diagram
Operating Characteristics at Ta = 25˚C, RL=16Ω, Rg=600Ω
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
Ue
t
o
N
n
i
mp
y
tx
a
m
t
n
e
r
r
u
c
t
n
e
c
s
e
i
u
Q
I
O
C
C
1V C
C
l
a
n
g
i
s
o
n
,
V
0
.
5
=0
.
10
2A
m
I
O
C
C
2V C
C
D
N
G
,
0
1
n
i
p
,
V
0
.
6
=1
.
10
.
4A
m
I
O
C
C
3V C
C
D
N
G
,
1
n
i
p
,
V
0
.
6
=0
.
1A
µ
n
i
a
g
e
g
a
t
l
o
VG
VV C
C
V
,
z
H
k
1
=
f
,
V
0
.
5
=
O
m
B
d
0
1
=9
1
13
1B
d
s
n
o
i
t
a
i
r
a
v
n
i
a
g
e
g
a
t
l
o
V
∆VG1
V C
C
V
,
z
H
k
1
=
f
,
V
0
.
5
=
O
m
B
d
0
1
=0
.
1B
d
∆VG2
V C
C
V
,
z
H
k
1
=
f
,
V
0
.
4
=
O
m
B
d
0
2
=0
.
1B
d
n
o
i
t
r
o
t
s
i
d
c
i
n
o
m
r
a
h
l
a
t
o
TD
H
TV C
C
P
,
z
H
k
1
=
f
,
V
0
.
5
=
O
W
m
1
=2
0
.
04
2
.
0%
r
e
w
o
p
t
u
p
t
u
OPO
V C
C
%
0
1
=
D
H
T
,
z
H
k
1
=
f
,
V
0
.
5
=0
40
0
1W
m
k
l
a
t
s
s
o
r
CT
C
V C
C
k
1
=
g
R
,
z
H
k
1
=
f
,
V
0
.
5
=
Ω,
VO
m
B
d
0
1
=
0
40
6B
d
n
o
i
t
c
e
j
e
r
e
l
p
p
RR
R
V
S
V C
C
k
1
=
g
R
,
z
H
0
0
1
=
f
,
V
0
.
4
=
Ω,
VO
z
H
0
0
1
=
F
P
B
,
m
B
d
0
2
=
5
45
6B
d
e
g
a
t
l
o
v
e
s
i
o
n
t
u
p
t
u
OV O
N
V C
C
k
1
=
g
R
,
V
0
.
6
=
Ω,
z
H
0
2
o
t
z
H
0
2
=
F
P
B
70
2V
µ
t
c
e
f
f
e
f
f
o
r
e
w
o
PV
)
f
f
o
(
O
V C
C
,
D
N
G
o
t
1
n
i
P
,
z
H
0
0
1
=
f
,
V
0
.
4
=
V N
I
m
B
d
0
1
=
0
8
m
B
d
t
c
e
f
f
e
e
t
u
MV
)
T
M
(
O
V C
C
,
D
N
G
o
t
1
n
i
P
,
z
H
0
0
1
=
f
,
V
0
.
4
=
V N
I
m
B
d
0
1
=
0
8
m
B
d
y
t
i
v
i
t
i
s
n
e
s
t
n
e
r
r
u
c
n
o
r
e
w
o
P1
I
)
n
o
(
5
0
.
00
.
2A
µ
y
t
i
v
i
t
i
s
n
e
s
e
g
a
t
l
o
v
f
f
o
r
e
w
o
P)
f
f
o
(
1
V5
.
06
.
0V
y
t
i
v
i
t
i
s
n
e
s
t
n
e
r
r
u
c
f
f
o
e
t
u
M)
f
f
o
(
0
1
I2
.
00
.
2A
µ
y
t
i
v
i
t
i
s
n
e
s
e
g
a
t
l
o
v
n
o
e
t
u
M)
n
o
(
0
1
V5
.
05
6
.
0V
*1 : Quiescent current is the current flowing into pin 6. The current flowing into pin 1 and pin 10 is at the maximum value and calculated from
the equation (V pin–0.5V)/16[V/k
Ω], increasing total current.
POWER
SWITCH
1
P/SW
IN 1
PRE GND
IN 2
REF
2
3
4
5
10 MT/SW
OUT 1
POWER GND
OUT 2
VCC
9
8
7
6
BIAS
MUTE
CIRCUIT
Amp1
Amp2
A11160
VCC=5.0V, V5≤0.1V
VCC=5.0V, V5≥0.85V
VCC=5.0V, V5≤0.1V
VCC=5.0V, V5≥0.85V


Número de pieza similar - LA4536M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA4533M SANYO-LA4533M Datasheet
72Kb / 3P
   Power Amplifier for 3V Headphone Stereos
LA4534 SANYO-LA4534 Datasheet
193Kb / 8P
   3V CD Headphone-stereo Power Amp
LA4534M SANYO-LA4534M Datasheet
193Kb / 8P
   3V CD Headphone-stereo Power Amp
LA4535M SANYO-LA4535M Datasheet
68Kb / 3P
   Power Amp For 1.5V Headphone Stereo
LA4535M SANYO-LA4535M Datasheet
173Kb / 4P
   For 1.5V Headphone Stereo Power Amplifier
More results

Descripción similar - LA4536M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA4534M SANYO-LA4534M Datasheet
193Kb / 8P
   3V CD Headphone-stereo Power Amp
LA4802T SANYO-LA4802T Datasheet
87Kb / 10P
   Headphone Stereo Power Amplifier
logo
Global Mixed-mode Techn...
G1402 GMT-G1402 Datasheet
259Kb / 8P
   Stereo Headphone Power Amplifier
G1401 GMT-G1401 Datasheet
211Kb / 6P
   Stereo Headphone Power Amplifier
logo
Sanyo Semicon Device
LA4801V SANYO-LA4801V Datasheet
102Kb / 10P
   Headphone Stereo Power Amplifier
logo
Silicon Standard Corp.
SS8021 SSC-SS8021 Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
logo
Sanyo Semicon Device
LA4809M SANYO-LA4809M Datasheet
255Kb / 15P
   Stereo Headphone Amplifier
LA4805V SANYO-LA4805V Datasheet
346Kb / 17P
   3V Stereo Headphone Power Amplifier
logo
Ceramate Technical
CO8301 CERAMATE-CO8301 Datasheet
122Kb / 9P
   Stereo Headphone Amplifier
logo
Texas Instruments
TPA6130A2 TI1-TPA6130A2 Datasheet
1Mb / 39P
[Old version datasheet]   Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com