Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STB80PF55 Datasheet(PDF) 5 Page - STMicroelectronics

No. de pieza STB80PF55
Descripción Electrónicos  P-channel 55 V, 0.016 廓, 80 A TO-220, D2PAK STripFETTM II Power MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB80PF55 Datasheet(HTML) 5 Page - STMicroelectronics

  STB80PF55_10 Datasheet HTML 1Page - STMicroelectronics STB80PF55_10 Datasheet HTML 2Page - STMicroelectronics STB80PF55_10 Datasheet HTML 3Page - STMicroelectronics STB80PF55_10 Datasheet HTML 4Page - STMicroelectronics STB80PF55_10 Datasheet HTML 5Page - STMicroelectronics STB80PF55_10 Datasheet HTML 6Page - STMicroelectronics STB80PF55_10 Datasheet HTML 7Page - STMicroelectronics STB80PF55_10 Datasheet HTML 8Page - STMicroelectronics STB80PF55_10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
STB80PF55, STP80PF55
Electrical characteristics
Doc ID 8177 Rev 6
5/16
Note:
For the P-CHANNEL MOSFET actual polarity of voltages and current has to be reversed
Table 7.
Source drain diode
Symbol
Parameter
Test condictions
Min.Typ.Max.
Unit
ISD
ISDM
(1)
1.
Pulse width limited by Tjmax .
Source-drain current
Source-drain current (pulsed)
-
10
40
A
A
VSD
(2)
2.
Pulsed: pulse duration = 300 µs, duty cycle 1.5 %.
Forward on voltage
ISD = 80 A, VGS = 0
-
1.6
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 80 A, di/dt = 100 A/µs
VDD = 25 V, Tj =150 °C
-
110
495
9
ns
µC
A


Número de pieza similar - STB80PF55_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STB80PF55T4 STMICROELECTRONICS-STB80PF55T4 Datasheet
348Kb / 16P
   P-channel 55 V, 0.016 廓, 80 A TO-220, D2PAK STripFETTM II Power MOSFET
STB80PF55 STMICROELECTRONICS-STB80PF55_06 Datasheet
251Kb / 13P
   P-channel 55V - 0.016廓 - 80A - TO-220 - D2PAK STripFET??II Power MOSFET
More results

Descripción similar - STB80PF55_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STB80PF55T4 STMICROELECTRONICS-STB80PF55T4 Datasheet
348Kb / 16P
   P-channel 55 V, 0.016 廓, 80 A TO-220, D2PAK STripFETTM II Power MOSFET
STB85NF55L STMICROELECTRONICS-STB85NF55L_09 Datasheet
937Kb / 14P
   N-channel 55 V, 0.0060 廓, 80 A, TO-220, D2PAK STripFET??II Power MOSFET
STB80PF55 STMICROELECTRONICS-STB80PF55_06 Datasheet
251Kb / 13P
   P-channel 55V - 0.016廓 - 80A - TO-220 - D2PAK STripFET??II Power MOSFET
STB85NF55 STMICROELECTRONICS-STB85NF55_09 Datasheet
951Kb / 15P
   N-channel 55 V, 0.0062 廓, 80 A, TO-220, D2PAK, I2PAK STripFET??II Power MOSFET
STB45NF06 STMICROELECTRONICS-STB45NF06_10 Datasheet
362Kb / 15P
   N-channel 60 V, 0.023 廓, 38 A TO-220, D2PAK STripFETTM II Power MOSFET
STB45NF06T4 STMICROELECTRONICS-STB45NF06T4 Datasheet
362Kb / 15P
   N-channel 60 V, 0.023 廓, 38 A TO-220, D2PAK STripFETTM II Power MOSFET
STB80NF55-08T4 STMICROELECTRONICS-STB80NF55-08T4 Datasheet
368Kb / 15P
   N-channel 55 V, 0.0065 廓, 80 A, TO-220, D2PAK, TO-247 STripFET??Power MOSFET
STB80NF55-08 STMICROELECTRONICS-STB80NF55-08_08 Datasheet
358Kb / 15P
   N-channel 55 V - 0.0065 廓 - 80 A - TO-220 - D2PAK - TO-247 STripFET??Power MOSFET
STB76NF80 STMICROELECTRONICS-STB76NF80 Datasheet
673Kb / 13P
   N-channel 80 V, 0.0095 廓, 80 A D2PAK STripFET??II Power MOSFET
STB80NF10 STMICROELECTRONICS-STB80NF10_09 Datasheet
585Kb / 14P
   N-channel 100 V, 0.012 廓, 80 A, TO-220, D2PAK low gate charge STripFET??II Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com