Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STCL1100YBFCWY5 Datasheet(PDF) 10 Page - STMicroelectronics

No. de pieza STCL1100YBFCWY5
Descripción Electrónicos  High frequency silicon oscillator family
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCL1100YBFCWY5 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STCL1100YBFCWY5 Datasheet HTML 6Page - STMicroelectronics STCL1100YBFCWY5 Datasheet HTML 7Page - STMicroelectronics STCL1100YBFCWY5 Datasheet HTML 8Page - STMicroelectronics STCL1100YBFCWY5 Datasheet HTML 9Page - STMicroelectronics STCL1100YBFCWY5 Datasheet HTML 10Page - STMicroelectronics STCL1100YBFCWY5 Datasheet HTML 11Page - STMicroelectronics STCL1100YBFCWY5 Datasheet HTML 12Page - STMicroelectronics STCL1100YBFCWY5 Datasheet HTML 13Page - STMicroelectronics STCL1100YBFCWY5 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
DC and AC parameters
STCL1100 STCL1120 STCL1160
10/18
Doc ID 13337 Rev 5
6
DC and AC parameters
This section summarizes the operating and measurement conditions, as well as the DC and
AC characteristics of the device. The parameters in the following Table 3: DC and AC
parameters are derived from tests performed under the DC and AC measurement
conditions listed in the Table 2. Designers should check that the operating conditions in their
projects match the measurement conditions when using the quoted parameters.
Table 2.
DC and AC measurement conditions(1)
1.
Unless other specified.
Parameter
VCC supply voltage
4.5 to 5.5 V
Ambient operating temperature
–20 to +85 °C
Load capacitance (CL)
12 pF


Número de pieza similar - STCL1100YBFCWY5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STCL1100 STMICROELECTRONICS-STCL1100 Datasheet
141Kb / 17P
   High frequency silicon oscillator family
More results

Descripción similar - STCL1100YBFCWY5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STCL1100 STMICROELECTRONICS-STCL1100 Datasheet
141Kb / 17P
   High frequency silicon oscillator family
logo
Hitachi Semiconductor
2SC5629 HITACHI-2SC5629 Datasheet
73Kb / 10P
   Silicon NPN Epitaxial High Frequency Amplifier / Oscillator
2SC5702 HITACHI-2SC5702 Datasheet
109Kb / 16P
   Silicon NPN Epitaxial High Frequency Amplifier / Oscillator
2SC5628 HITACHI-2SC5628 Datasheet
69Kb / 10P
   Silicon NPN Epitaxial High Frequency Amplifier / Oscillator
logo
Renesas Technology Corp
2SC5702 RENESAS-2SC5702 Datasheet
277Kb / 15P
   Silicon NPN Epitaxial High Frequency Amplifier / Oscillator
2SC5628 RENESAS-2SC5628 Datasheet
217Kb / 10P
   Silicon NPN Epitaxial High Frequency Amplifier / Oscillator
logo
Fairchild Semiconductor
KSC815 FAIRCHILD-KSC815 Datasheet
38Kb / 4P
   Low Frequency Amplifier & High Frequency Oscillator
logo
Epson Company
SG-710 EPSON-SG-710 Datasheet
124Kb / 2P
   HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
List of Unclassifed Man...
SG-636 ETC1-SG-636 Datasheet
68Kb / 2P
   HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
Connor-Winfield Corpora...
P234-155.52 CONNOR-WINFIELD-P234-155.52 Datasheet
153Kb / 2P
   High Frequency Clock Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com