Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA4708 Datasheet(PDF) 4 Page - Sanyo Semicon Device

No. de pieza LA4708
Descripción Electrónicos  20 W 2-channel BTL AF Power Amplifier for Car Stereos
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4708 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LA4708 Datasheet HTML 1Page - Sanyo Semicon Device LA4708 Datasheet HTML 2Page - Sanyo Semicon Device LA4708 Datasheet HTML 3Page - Sanyo Semicon Device LA4708 Datasheet HTML 4Page - Sanyo Semicon Device LA4708 Datasheet HTML 5Page - Sanyo Semicon Device LA4708 Datasheet HTML 6Page - Sanyo Semicon Device LA4708 Datasheet HTML 7Page - Sanyo Semicon Device LA4708 Datasheet HTML 8Page - Sanyo Semicon Device LA4708 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Sample Print Pattern
Description of External Components
C1, C4
Input capacitors
2.2 µF is recommended. fL can be varied by C1, C4 capacitances to adjust the
bass range.
C2
Decoupling capacitor
(ripple filter)
C3
Amplifier on time setting
capacitor
Approximately 0.8 second for 33 µF. Since the on time is proportional to this
capacitance, it can be set as desired by varying this capacitance.
(Refer to the characteristics curve.)
C5
Power supply capacitor
C6, C7, C8, C9
Oscillation blocking capacitors
Use polyester film capacitors (Mylar capacitors) with good temperature
characteristics. (R2, R3, R4, and R5 used jointly.) Since stability may be
affected slightly by the pattern layout, etc., 0.1 µF or more is recommended.
R1
Standby switch current limiting
resistor
10 k
Ω is recommended (when the applied voltage for the standby switch is
2.5 V to 13.2 V). This resistor cannot be removed.
Copper foil area 90
× 105 mm2
LA4708
No.5245 -4/9


Número de pieza similar - LA4708

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA4708N SANYO-LA4708N Datasheet
203Kb / 9P
   Monolithic Linear IC For Car Stereos 20W 2-channel BTL AF Power Amplifier
logo
ON Semiconductor
LA4708N ONSEMI-LA4708N Datasheet
133Kb / 9P
   20W 2-channel BTL AF Power Amplifier for Car Stereo
March, 2014
More results

Descripción similar - LA4708

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA4705 SANYO-LA4705 Datasheet
258Kb / 8P
   15 W 2-channel BTL AF Power Amplifier for Car Stereos
LA4708N SANYO-LA4708N Datasheet
203Kb / 9P
   Monolithic Linear IC For Car Stereos 20W 2-channel BTL AF Power Amplifier
LA4700N SANYO-LA4700N Datasheet
137Kb / 5P
   2-Channel 12W AF Power Amplifier for Car Stereos
LA4725 SANYO-LA4725 Datasheet
44Kb / 3P
   2-Channel BTL Power Amplifier 30 W30 W with Standby Switch for Car Stereos
LA4728 SANYO-LA4728 Datasheet
44Kb / 3P
   2-Channel BTL Power Amplifier 35 W35 W with Standby Switch for Car Stereos
LA4741 SANYO-LA4741 Datasheet
110Kb / 3P
   42W 4-Channel BTL Power Amplifier for Car Stereos
logo
ON Semiconductor
LA4708N ONSEMI-LA4708N Datasheet
133Kb / 9P
   20W 2-channel BTL AF Power Amplifier for Car Stereo
March, 2014
logo
Sanyo Semicon Device
LA4422 SANYO-LA4422 Datasheet
429Kb / 10P
   5.8W typ AF Power Amplifier for Car Stereos, Car Radios
LA4905 SANYO-LA4905 Datasheet
549Kb / 10P
   17-W, 2-Channel BTL AF High-Efficiency Power Amplifier for Car Stereo Systems
LA4906 SANYO-LA4906 Datasheet
362Kb / 10P
   17-W, 2-Channel BTL AF High-Efficiency Power Amplifier for Car Audio Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com