Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA4725 Datasheet(PDF) 2 Page - Sanyo Semicon Device

No. de pieza LA4725
Descripción Electrónicos  2-Channel BTL Power Amplifier 30 W30 W with Standby Switch for Car Stereos
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4725 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA4725 Datasheet HTML 1Page - Sanyo Semicon Device LA4725 Datasheet HTML 2Page - Sanyo Semicon Device LA4725 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LA4725
No.5715-2/3
Operating Characteristics at Ta = 25 ˚C, VCC = 13.2 V, RL = 4 kΩ, f = 1 kHz, Rg = 600 Ω
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Quiescent current
ICCO
Rg=0
70
125
250
mA
Standby current
IST
10
60
µA
Voltage gain
VG
38
40
42
dB
Total harmonic distortion
THD
PO=1 W
0.06
0.2
%
Output power
PO1
RL=4 Ω, THD=10 %, VCC=13.2 V
13
17
W
PO2
RL=4 Ω, THD=10 %, VCC=14.4 V
20
W
PO3
RL=4 Ω, THD=30 %, VCC=14.4 V
30
W
Output offset voltage
VN offset
Rg=0
–300
+300
mV
Output noise voltage
VNO
Rg=0, B.P.F.=20 Hz to 20 kHz
0.1
0.5
mVrms
Ripple rejection ratio
SVRR
Rg=0, fR=100 Hz, VR=0 dBm
40
50
dB
Channel separation
Chsep
Rg=10 k
Ω, V
O=0 dBm
50
60
dB
Input resistance
Ri
21
30
39
k
Standby pin applied voltage
Vst
Amp on, applied through 10 k
2.5
VCC
V
–20
0
20
40
140
160
60
80
100
120
0
3.1
5
10
10.4
13.9
15
20
20.8
30
32
25
35
Ambient temperature, Ta — ˚C
Pd max — Ta
θf=3˚C/W
Arbitrarily large heat sink
No fin
θf=4˚C/W
θf=7˚C/W
θf=10˚C/W
θjc=2.0˚C/W


Número de pieza similar - LA4725

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA4725 SANYO-LA4725 Datasheet
129Kb / 8P
   2-channel 30W BTL Audio Power Amplifier
logo
ON Semiconductor
LA4725 ONSEMI-LA4725 Datasheet
156Kb / 8P
   2-channel 30W BTL Audio Amplifier
May, 2013
logo
Sanyo Semicon Device
LA4725 SANYO-LA4725_09 Datasheet
129Kb / 8P
   2-channel 30W BTL Audio Power Amplifier
More results

Descripción similar - LA4725

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA4728 SANYO-LA4728 Datasheet
44Kb / 3P
   2-Channel BTL Power Amplifier 35 W35 W with Standby Switch for Car Stereos
LA4708 SANYO-LA4708 Datasheet
204Kb / 9P
   20 W 2-channel BTL AF Power Amplifier for Car Stereos
LA4705 SANYO-LA4705 Datasheet
258Kb / 8P
   15 W 2-channel BTL AF Power Amplifier for Car Stereos
logo
STMicroelectronics
TDA7265B STMICROELECTRONICS-TDA7265B Datasheet
814Kb / 18P
   30 W 30 W stereo amplifier with mute and standby
logo
Panasonic Semiconductor
AN7164 PANASONIC-AN7164 Datasheet
39Kb / 3P
   30 W BTL audio power amplifier
logo
Sanyo Semicon Device
LA4741 SANYO-LA4741 Datasheet
110Kb / 3P
   42W 4-Channel BTL Power Amplifier for Car Stereos
logo
NXP Semiconductors
TDA1516CQ PHILIPS-TDA1516CQ Datasheet
68Kb / 10P
   24 W BTL car radio power amplifier
July 1994
logo
Sanyo Semicon Device
LA47536 SANYO-LA47536 Datasheet
83Kb / 7P
   Four-Channel 45 W BTL Car Audio Power Amplifier
LA4708N SANYO-LA4708N Datasheet
203Kb / 9P
   Monolithic Linear IC For Car Stereos 20W 2-channel BTL AF Power Amplifier
logo
NXP Semiconductors
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
   12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com