Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA7429T Datasheet(PDF) 8 Page - STMicroelectronics

No. de pieza TDA7429T
Descripción Electrónicos  DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7429T Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7429T Datasheet HTML 4Page - STMicroelectronics TDA7429T Datasheet HTML 5Page - STMicroelectronics TDA7429T Datasheet HTML 6Page - STMicroelectronics TDA7429T Datasheet HTML 7Page - STMicroelectronics TDA7429T Datasheet HTML 8Page - STMicroelectronics TDA7429T Datasheet HTML 9Page - STMicroelectronics TDA7429T Datasheet HTML 10Page - STMicroelectronics TDA7429T Datasheet HTML 11Page - STMicroelectronics TDA7429T Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
TDA7429
8/22
RMON2
Simulated R Output 2
Simulated Mode, Effect Ctrl = -6dB
Input signal of 1kHz,
1.4 Vp-p, Rin and Lin
R
out
3.8
dB
RMON3
Simulated R Output 3
Simulated Mode, Effect Ctrl = -6dB
Input signal of 3.6kHz,
1.4 Vp-p, Rin and Lin
R
out
– 20
dB
RLP1
Low Pass Filter Resistance
7
10
13
K
RHPI
High Pass Filter Resistance
42
60
78
K
RLPF
LP Pin Impedance
7
10
13
K
SPEAKER & AUX ATTENUATORS
CRANGE
Control Range
79
dB
SSTEP
Step Resolution
-0.5
1
1.5
dB
EA
Attenuation set error
Av = 0 to -20dB
-1.5
0
1.5
dB
Av = -20 to -79dB
-3
0
2
dB
VDC
DC Steps
adjacent att. steps
-3
0
3
mV
AMUTE
Output Mute Condition
+70
100
dB
RVEA
Input Impedance
21
30
39
K
AUDIO OUTPUTS
NO(OFF)
Output Noise (OFF)
Output Mute, Flat
BW = 20Hz to 20KHz
4
5
µVrms
µVrms
NO(MOV) Output Noise (Movie)
Mode = Movie
BW = 20Hz to 20KHz
30
µVrms
NO(Mus)
Output Noise (Music)
Mode = Music
BW = 20Hz to 20KHz
30
µVrms
NO(MON) Output Noise (Simulated)
Mode Simulated
BW = 20Hz to 20KHz
30
µVrms
d
Distorsion
Av = 0 ; Vin = 1Vrms
0.01
0.1
%
SC
Channel Separation
70
90
dB
VOCL
Clipping Level
d = 0.3%
2
2.5
Vrms
ROUT
Output Resistance
25
50
85
VOUT
DC Voltage Level
3.8
V
MONITOR OUTPUTS
d
Distorsion
Av = 0 ; Vin = 1Vrms
0.01
0.1
%
SC
Channel Separation
70
90
dB
VOCL
Clipping Level
d = 0.3%
2
2.5
Vrms
ROUT
Output Resistance
20
50
85
VOUT
DC Voltage Level
4.5
V
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit


Número de pieza similar - TDA7429T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TDA7429T STMICROELECTRONICS-TDA7429T Datasheet
160Kb / 20P
   DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
July 1999
More results

Descripción similar - TDA7429T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TDA7429S STMICROELECTRONICS-TDA7429S Datasheet
160Kb / 20P
   DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
July 1999
TDA7345 STMICROELECTRONICS-TDA7345 Datasheet
122Kb / 18P
   DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
November 1999
TDA7430 STMICROELECTRONICS-TDA7430 Datasheet
168Kb / 21P
   DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX AND VOICE CANCELLER
September 1999
TDA7430 STMICROELECTRONICS-TDA7430_04 Datasheet
231Kb / 23P
   DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX AND VOICE CANCELLER
TDA7344 STMICROELECTRONICS-TDA7344 Datasheet
201Kb / 20P
   DIGITAL CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
logo
NEC
UPC1892 NEC-UPC1892 Datasheet
299Kb / 42P
   MATRIX SURROUND SOUND PROCESSOR WITH SOUND PROCESSOR
logo
STMicroelectronics
TDA7466 STMICROELECTRONICS-TDA7466_03 Datasheet
345Kb / 21P
   DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SRS SURROUND SOUND AND VOICE CANCELLER
September 2003
TDA7464 STMICROELECTRONICS-TDA7464 Datasheet
174Kb / 21P
   DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SRS SURROUND SOUND AND VOICE CANCELLER
TDA7465 STMICROELECTRONICS-TDA7465 Datasheet
179Kb / 20P
   DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SRS SURROUND SOUND AND VOICE CANCELLER
TDA7466 STMICROELECTRONICS-TDA7466 Datasheet
183Kb / 21P
   DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SRS SURROUND SOUND AND VOICE CANCELLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com