Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA8133 Datasheet(PDF) 4 Page - STMicroelectronics

No. de pieza TDA8133
Descripción Electrónicos  5.1 V and 8 V dual voltage regulator with disable and reset functions
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8133 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA8133_09 Datasheet HTML 1Page - STMicroelectronics TDA8133_09 Datasheet HTML 2Page - STMicroelectronics TDA8133_09 Datasheet HTML 3Page - STMicroelectronics TDA8133_09 Datasheet HTML 4Page - STMicroelectronics TDA8133_09 Datasheet HTML 5Page - STMicroelectronics TDA8133_09 Datasheet HTML 6Page - STMicroelectronics TDA8133_09 Datasheet HTML 7Page - STMicroelectronics TDA8133_09 Datasheet HTML 8Page - STMicroelectronics TDA8133_09 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Electrical characteristics
TDA8133
4/14
2
Electrical characteristics
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VIN
DC input voltage at pins INPUT1 and INPUT2
20
V
VDIS
Disable input voltage at pin DISABLE
20
V
VRST
Output voltage at pin RESET
20
V
IO1,2
Output currents
Internally limited
Pt
Power dissipation
Internally limited
TSTG
Storage temperature
-65 to +150
°C
TJ
Junction temperature
0 to +150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance
(junction-to-case)
TDA8133
TDA8133D
9
15
°C/W
RthJA
Thermal resistance (1)
(junction-to-ambient)
1.
Mounted on board. For more information, refer to Section 5.
TDA8133
TDA8133D
50
56
°C/W
TJ
Maximum recommended junction temperature
140
°C
TOPER
Operating free air temperature range
0 to +70
°C
Table 4.
Electrical characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO1
Output voltage
IO1 = 10 mA
55.1
5.2
V
VO2
Output voltage
IO2 = 10 mA
7.84
8.00
8.16
V
VIO1,2
Dropout voltage
IO1,2 = 750 mA
1.4
V
VO1,2LI
Line regulation
7V < VIN1 < 14 V
10 V < VIN2 < 14 V
IO1,2 = 200 mA
50
80
mV
VO1,2LO
Load regulation
5mA < IO1 < 600 mA
5mA < IO2 < 600 mA
100
160
mV
IQ
Quiescent current
IO1 = 10 mA, OUTPUT2
Disabled
2mA
VO1RST
Reset threshold voltage
K = VO1, VIN1 ≥ 7 V
K - 0.4
K - 0.25
K - 0.1
V
VRTH
Reset threshold hysteresis
See circuit description
20
50
75
mV
tRD
Reset pulse delay
Ce = 100 nF
See circuit description
25
ms


Número de pieza similar - TDA8133_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TDA8133 STMICROELECTRONICS-TDA8133_03 Datasheet
133Kb / 13P
   5.1 V AND 8 V DUAL-VOLTAGE REGULATOR WITH DISABLE AND RESET FUNCTIONS
More results

Descripción similar - TDA8133_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TDA8133 STMICROELECTRONICS-TDA8133_03 Datasheet
133Kb / 13P
   5.1 V AND 8 V DUAL-VOLTAGE REGULATOR WITH DISABLE AND RESET FUNCTIONS
TDA8139 STMICROELECTRONICS-TDA8139_V01 Datasheet
188Kb / 14P
   Double (5.1 V and adjustable) voltage regulator with reset and disable functions
February 2009
logo
Integral Corp.
ILA8137 INTEGRAL-ILA8137 Datasheet
133Kb / 2P
   5.1 V 5.1 V REGULATOR WITH DISABLE AND RESET
logo
STMicroelectronics
STV8130AD STMICROELECTRONICS-STV8130AD Datasheet
135Kb / 12P
   ADJUSTABLE AND 3.3 V DUAL VOLTAGE REGULATOR WITH DISABLE AND RESET FUNCTIONS
STV8162 STMICROELECTRONICS-STV8162_09 Datasheet
215Kb / 14P
   5 V, 5 V and 8 V triple voltage regulator with disable and reset functions
STV8162 STMICROELECTRONICS-STV8162 Datasheet
870Kb / 12P
   5 V, 5 V and 8 V Triple-Voltage Regulator with Disable and Reset Functions
STV8164 STMICROELECTRONICS-STV8164 Datasheet
110Kb / 11P
   5 V, 5 V and Adjustable Triple-Voltage Regulator with Disable and Reset Functions
September 2003
STV8163 STMICROELECTRONICS-STV8163 Datasheet
113Kb / 11P
   3.3 V, 5 V and Adjustable Triple-Voltage Regulator with Disable and Reset Functions
L4903 STMICROELECTRONICS-L4903 Datasheet
140Kb / 8P
   DUAL 5V REGULATOR WITH RESET AND DISABLE FUNCTIONS
logo
KODENSHI_AUK CORP.
KKA8137 KODENSHI-KKA8137 Datasheet
155Kb / 4P
   DUAL 5.1V REGULATOR WITH DISABLE AND RESET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com